Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVX244 Fiches technique (PDF) - ON Semiconductor

74LVX244 Datasheet PDF - ON Semiconductor
No de pièce 74LVX244
Télécharger  74LVX244 Télécharger

Taille du fichier   190.25 Kbytes
Page   8 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Octal Buffer/Line Driver

74LVX244 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
74LVX244 Datasheet PDF - ON Semiconductor

No de pièce 74LVX244
Télécharger  74LVX244 Click to download

Taille du fichier   190.25 Kbytes
Page   8 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Octal Buffer/Line Driver

74LVX244 Fiches technique (HTML) - ON Semiconductor

74LVX244 Datasheet HTML 1Page - ON Semiconductor 74LVX244 Datasheet HTML 2Page - ON Semiconductor 74LVX244 Datasheet HTML 3Page - ON Semiconductor 74LVX244 Datasheet HTML 4Page - ON Semiconductor 74LVX244 Datasheet HTML 5Page - ON Semiconductor 74LVX244 Datasheet HTML 6Page - ON Semiconductor 74LVX244 Datasheet HTML 7Page - ON Semiconductor 74LVX244 Datasheet HTML 8Page - ON Semiconductor

74LVX244 Détails du produit

The MC74LVX244 is an advanced high speed CMOS non−inverting 3−state octal bus buffer and has two active low output enables. It is also designed to work with 3−state memory address drivers, etc. The inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V systems to 3.0 V systems.



Features

• High Speed: tPD = 4.7 ns (Typ) at VCC = 3.3 V

• Low Power Dissipation: ICC = 4 A (Max) at TA = 25°C

• Power Down Protection Provided on Inputs

• Balanced Propagation Delays

• Low Noise: VOLP = 0.8 V (Max)

• Pin and Function Compatible with Other Standard Logic Families

• Latchup Performance Exceeds 300 mA

• ESD Performance:

  Human Body Model > 2000 V;

  Machine Model > 200 V

• Pb−Free Packages are Available*



 




Numéro de pièce similaire - 74LVX244

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LVX244 ONSEMI-74LVX244 Datasheet
94Kb / 8P
   Octal Bus Buffer With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Fairchild Semiconductor
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
STMicroelectronics
74LVX244 STMICROELECTRONICS-74LVX244 Datasheet
257Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
Fairchild Semiconductor
74LVX244M FAIRCHILD-74LVX244M Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244MTC FAIRCHILD-74LVX244MTC Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Description similaire - 74LVX244

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LVT244 ONSEMI-74LVT244 Datasheet
319Kb / 12P
   Low Voltage Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
74LVX541 ONSEMI-74LVX541 Datasheet
189Kb / 8P
   Low Voltage Octal Buffer/Line Driver
Revised April 2005
74LVT2244 ONSEMI-74LVT2244 Datasheet
285Kb / 11P
   Low Voltage Octal Buffer/Line Driver
February 2008 Rev. 1.5.0
74LVTH244 ONSEMI-74LVTH244 Datasheet
319Kb / 12P
   Low Voltage Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
74LVTH240 ONSEMI-74LVTH240 Datasheet
321Kb / 12P
   Low Voltage Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
74LVTH2244 ONSEMI-74LVTH2244 Datasheet
285Kb / 11P
   Low Voltage Octal Buffer/Line Driver
February 2008 Rev. 1.5.0
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
74VHCT245A ONSEMI-74VHCT245A Datasheet
240Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT244A ONSEMI-74VHCT244A Datasheet
237Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT541A ONSEMI-74VHCT541A Datasheet
204Kb / 9P
   Octal Buffer/Line Driver
Revised April 2005
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com