Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE926 Fiches technique (PDF) - NTE Electronics

NTE926 Datasheet PDF - NTE Electronics
No de pièce NTE926
Télécharger  NTE926 Télécharger

Taille du fichier   23.38 Kbytes
Page   2 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Quad Timer

NTE926 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
NTE926 Datasheet PDF - NTE Electronics

No de pièce NTE926
Télécharger  NTE926 Click to download

Taille du fichier   23.38 Kbytes
Page   2 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Quad Timer

NTE926 Fiches technique (HTML) - NTE Electronics

NTE926 Datasheet HTML 1Page - NTE Electronics NTE926 Datasheet HTML 2Page - NTE Electronics

NTE926 Détails du produit

Description:

The NTE926 quad timer is a monolithic timing device which can be used to produce four independent timing functions. The NTE926 output sinks current. This highly stable, general purpose controller can be used in a monostable mode to produce accurate time delays–from microseconds to hours. In the time delay mode of operation, the time is precisely controlled by one external resistor and one capacitor. A stable operation can be achieved by using two of the four timer sections. The four timer section in the NTE926 are edge–triggered, therefore, when connected in tandem for sequential timing applications, no coupling capacitors are required. Output current capability of 100mA is provided in both devices.



Features:

 100mA Output Current per Section

 Edge–triggered (No Coupling Capacitor)

 Output Independent of Trigger Conditions

 Wide Supply Voltage Range 4.5V to 18V

 Timer Intervals from Microseconds to Hours

 Time Period Equals RC



Applications:

 Sequential Timing

 Time Delay Generation

 Precision Timing

 Quad One–Shot




Numéro de pièce similaire - NTE926

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE92 NTE-NTE92 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Hi-Fi Power Amp, Audio Ourtput
logo
List of Unclassifed Man...
NTE9200 ETC1-NTE9200 Datasheet
32Kb / 1P
   MISCELLAMEOUS INTEGRATED CIRCUITS
logo
NTE Electronics
NTE922 NTE-NTE922 Datasheet
30Kb / 4P
   Integrated Circuit Voltage Comparator
NTE922M NTE-NTE922M Datasheet
30Kb / 4P
   Integrated Circuit Voltage Comparator
NTE922SM NTE-NTE922SM Datasheet
30Kb / 4P
   Integrated Circuit Voltage Comparator
More results


Description similaire - NTE926

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE978 NTE-NTE978 Datasheet
28Kb / 3P
   Integrated Circuit Dual Timer
NTE1609 NTE-NTE1609 Datasheet
22Kb / 3P
   Integrated Circuit Instrumentation Timer
logo
KEC(Korea Electronics)
KIA555P KEC-KIA555P Datasheet
278Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (TIMER)
logo
List of Unclassifed Man...
NE558 ETC2-NE558 Datasheet
83Kb / 4P
   Quad Timer
July 8, 1988
logo
Fairchild Semiconductor
NE558 FAIRCHILD-NE558 Datasheet
43Kb / 6P
   Quad Timer
KA558 FAIRCHILD-KA558 Datasheet
44Kb / 6P
   Quad Timer
logo
NXP Semiconductors
NE558 PHILIPS-NE558 Datasheet
74Kb / 4P
   Quad timer
August 31, 1994
logo
NTE Electronics
NTE3882 NTE-NTE3882 Datasheet
29Kb / 4P
   Integrated Circuit NMOS, Counter Timer Control (CTC)
NTE948 NTE-NTE948 Datasheet
25Kb / 3P
   Integrated Circuit Quad Operational Amplifier
NTE997 NTE-NTE997 Datasheet
24Kb / 3P
   Integrated Circuit Quad Operational Amplifier
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com