Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE922 Fiches technique (PDF) - NTE Electronics

NTE922 Datasheet PDF - NTE Electronics
No de pièce NTE922
Télécharger  NTE922 Télécharger

Taille du fichier   30.53 Kbytes
Page   4 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Voltage Comparator

NTE922 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
NTE922 Datasheet PDF - NTE Electronics

No de pièce NTE922
Télécharger  NTE922 Click to download

Taille du fichier   30.53 Kbytes
Page   4 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Voltage Comparator

NTE922 Fiches technique (HTML) - NTE Electronics

NTE922 Datasheet HTML 1Page - NTE Electronics NTE922 Datasheet HTML 2Page - NTE Electronics NTE922 Datasheet HTML 3Page - NTE Electronics NTE922 Datasheet HTML 4Page - NTE Electronics

NTE922 Détails du produit

Description:

The NTE922, NTE922M, and NTE922SM are voltage comparators that have input currents nearly a thousand times lower than devices like the NTE910 or NTE910D. They are also designed to operate over a wider range of supply voltages: from standard ±15V op amp supplies down to the single 5V supply used for IC logic. Their output is compatible with RTL, DTL and TTL as well as MOS circuits. Further, they can drive lamps or relays, switching voltages up to 50V at currents as high as 50mA. Both the input and the output of these devices can be isolated from system ground, and the output can drive loads referred to ground, the positive supply or the negative supply. Offset balancing and strobe capability are provided and outputs can be wire OR’ed. Although slower than the NTE910 and NTE910D (200ns response time vs 40ns) the devices are also much less prone to spurious oscillations.



Features:

Operates from single 5V supply

Input current: 150nA max. over temperature

Offset current: 20nA max. over temperature

Differential input voltage range: ±30V

Power consumption: 135mW at ± 15V

Available in 3 Different Case Styles:

    8–Lead Metal Can: NTE922

    8–Lead Mini DIP: NTE922M

    8–Lead SOIC (Surface Mount): NTE922SM




Numéro de pièce similaire - NTE922

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE92 NTE-NTE92 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Hi-Fi Power Amp, Audio Ourtput
logo
List of Unclassifed Man...
NTE9200 ETC1-NTE9200 Datasheet
32Kb / 1P
   MISCELLAMEOUS INTEGRATED CIRCUITS
logo
NTE Electronics
NTE923 NTE-NTE923 Datasheet
28Kb / 3P
   Integrated Circuit Precision Voltage Regulator
NTE923D NTE-NTE923D Datasheet
28Kb / 3P
   Integrated Circuit Precision Voltage Regulator
NTE924 NTE-NTE924 Datasheet
24Kb / 3P
   Integrated Circuit Voltage Follower, Operational Amplifier
More results


Description similaire - NTE922

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE1434 NTE-NTE1434 Datasheet
18Kb / 2P
   Integrated Circuit Voltage Comparator
NTE911 NTE-NTE911 Datasheet
78Kb / 3P
   Integrated Circuit Dual Voltage Comparator
NTE1718 NTE-NTE1718 Datasheet
19Kb / 2P
   Integrated Circuit Dual Comparator
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
   Integrated Circuit Low Power Low Offset Voltage Comparator
NTE1208 NTE-NTE1208 Datasheet
19Kb / 2P
   Integrated Circuit CMOS, Phase Comparator
NTE863 NTE-NTE863 Datasheet
21Kb / 2P
   Integrated Circuit OP Amp/Comparator
NTE943 NTE-NTE943 Datasheet
35Kb / 5P
   Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator
logo
KEC(Korea Electronics)
KIA75S393F KEC-KIA75S393F Datasheet
79Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE COMPARATOR)
LM393F KEC-LM393F Datasheet
47Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT DUAL COMPARATOR
KIA393P KEC-KIA393P Datasheet
68Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL COMPARATOR)
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com