Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BDX34A Fiches technique (PDF) - New Jersey Semi-Conductor Products, Inc.

BDX34A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
No de pièce BDX34A
Télécharger  BDX34A Télécharger

Taille du fichier   166.76 Kbytes
Page   2 Pages
Fabricant  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Site Internet  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS

BDX34A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
BDX34A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

No de pièce BDX34A
Télécharger  BDX34A Click to download

Taille du fichier   166.76 Kbytes
Page   2 Pages
Fabricant  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Site Internet  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS

BDX34A Fiches technique (HTML) - New Jersey Semi-Conductor Products, Inc.

BDX34A Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. BDX34A Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.

BDX34A Détails du produit

DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS

..designed for general-purpose amplifier and low speed switching application*

FEATURES:
* Collector-Emitter Sustaining Voltage
   VCEO(sus) = 45 V (Min) -  BDX33.   BUX34
                      = 60 V(Min)-    BDX33A. BDX34A
                      = 80V (Min)-    BDX33B. BDX34B
                      = 100 V(Mln) - BDX33C. BOX34C
* Monolithic Construction wtth Built-in Base-Emitter Shunt Resistor




Numéro de pièce similaire - BDX34A

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
BDX34A MOSPEC-BDX34A Datasheet
92Kb / 2P
   POWER TRANSISTORS(10A,70W)
logo
Savantic, Inc.
BDX34A SAVANTIC-BDX34A Datasheet
95Kb / 3P
   Silicon PNP Power Transistors
logo
Power Innovations Ltd
BDX34A POINN-BDX34A Datasheet
91Kb / 7P
   Transistor de puissance PNP darlington
logo
New Jersey Semi-Conduct...
BDX34A NJSEMI-BDX34A Datasheet
121Kb / 2P
   Silicon PNP Darlington Power Transistor
logo
Power Innovations Ltd
BDX34A POINN-BDX34A Datasheet
166Kb / 7P
   PNP SILICON POWER DARLINGTONS
More results


Description similaire - BDX34A

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
BDX54 NJSEMI-BDX54 Datasheet
93Kb / 2P
   DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6282 BOCA-2N6282 Datasheet
218Kb / 4P
   DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BDX53 NJSEMI-BDX53 Datasheet
93Kb / 2P
   DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
TIP115 NJSEMI-TIP115 Datasheet
99Kb / 2P
   PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
TIP125 NJSEMI-TIP125 Datasheet
100Kb / 2P
   PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
TIP100 NJSEMI-TIP100 Datasheet
97Kb / 2P
   PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com