Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RMPA0963 Fiches technique (PDF) - Fairchild Semiconductor

RMPA0963 Datasheet PDF - Fairchild Semiconductor
No de pièce RMPA0963
Télécharger  RMPA0963 Télécharger

Taille du fichier   128.27 Kbytes
Page   7 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module

RMPA0963 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
RMPA0963 Datasheet PDF - Fairchild Semiconductor

No de pièce RMPA0963
Télécharger  RMPA0963 Click to download

Taille du fichier   128.27 Kbytes
Page   7 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module

RMPA0963 Fiches technique (HTML) - Fairchild Semiconductor

RMPA0963 Datasheet HTML 1Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 2Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 3Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 4Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 5Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 6Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 7Page - Fairchild Semiconductor

RMPA0963 Détails du produit

General Description
The RMPA0963 Power Amplifier Module (PAM) is Fairchild’s latest innovation in 50 Ohm matched, surface mount modules targeting Cellular CDMA/WCDMA/HSDPA, AMPS and Wireless Local Loop (WLL) applications. Answering the call for ultra-low DC power consumption and extended battery life in portable electronics, the RMPA0963 uses novel proprietary circuitry to dramatically reduce amplifier current at low to medium RF output power levels (< +16 dBm), where the handset most often operates. A simple two-state Vmode control is all that is needed to reduce operating current by more than 50% at 16 dBm output power, and quiescent current (Iccq) by as much as 70% compared to traditional power-saving methods.

Features
■ 38% CDMA/WCDMA efficiency at +28 dBm Pout
■ 14% CDMAA/WCDMA efficiency (80 mA total current) at +16 dBm Pout
■ Meets HSDPA performance requirements
■ Linear operation in low-power mode up to +19 dBm
■ 50% AMPS mode efficiency at +31 dBm Pout
■ Low quiescent current (Iccq): 20 mA in low-power mode
■ Single positive-supply operation with low power and shutdown modes
    • 3.4V typical Vcc operation
    • Low Vref (2.85V) compatible with advanced handset chipsets
■ Compact Lead-free compliant LCC package – (4.0 X 4.0 x 1.5 mm nominal)
■ Industry standard pinout
■ Internally matched to 50 Ohms and DC blocked RF input/output
■ Meets IS-95/CDMA2000-1XRTT/WCDMA performance requirements




Numéro de pièce similaire - RMPA0963

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
RMPA0965 FAIRCHILD-RMPA0965 Datasheet
522Kb / 8P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966 Datasheet
494Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966 Datasheet
189Kb / 7P
   WCDMA Band V Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966_07 Datasheet
189Kb / 7P
   WCDMA Band V Power Amplifier Module
RMPA0967 FAIRCHILD-RMPA0967 Datasheet
142Kb / 8P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
More results


Description similaire - RMPA0963

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
RMPA0966 FAIRCHILD-RMPA0966 Datasheet
494Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA0967 FAIRCHILD-RMPA0967 Datasheet
142Kb / 8P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA0967 FAIRCHILD-RMPA0967_06 Datasheet
548Kb / 8P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Edg TM Power Amplifier Module
RMPA1963 FAIRCHILD-RMPA1963 Datasheet
102Kb / 7P
   US-PCS CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA1965 FAIRCHILD-RMPA1965 Datasheet
111Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge Power Amplifier Module
RMPA1765 FAIRCHILD-RMPA1765 Datasheet
534Kb / 8P
   K-PCS, CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA1765 FAIRCHILD-RMPA1765_06 Datasheet
578Kb / 8P
   K-PCS, CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA1965 FAIRCHILD-RMPA1965_06 Datasheet
507Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge TM Power Amplifier Module
RMPA0959 FAIRCHILD-RMPA0959 Datasheet
519Kb / 13P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
RMPA0965 FAIRCHILD-RMPA0965 Datasheet
522Kb / 8P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com