Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CRIMPFOX-MHS-1 Fiches technique (PDF) - PHOENIX CONTACT

CRIMPFOX-MHS-1 Datasheet PDF - PHOENIX CONTACT
No de pièce CRIMPFOX-MHS-1
Télécharger  CRIMPFOX-MHS-1 Télécharger

Taille du fichier   48.58 Kbytes
Page   3 Pages
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Die, for CRIMPFOX-M, for 0.1 - 0.4 mm짼 and 4 - 6 mm짼 shrink connectors (light green, yellow), packed in a modular storage box

CRIMPFOX-MHS-1 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
CRIMPFOX-MHS-1 Datasheet PDF - PHOENIX CONTACT

No de pièce CRIMPFOX-MHS-1
Télécharger  CRIMPFOX-MHS-1 Click to download

Taille du fichier   48.58 Kbytes
Page   3 Pages
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Die, for CRIMPFOX-M, for 0.1 - 0.4 mm짼 and 4 - 6 mm짼 shrink connectors (light green, yellow), packed in a modular storage box

CRIMPFOX-MHS-1 Fiches technique (HTML) - PHOENIX CONTACT

CRIMPFOX-MHS-1 Datasheet HTML 1Page - PHOENIX CONTACT CRIMPFOX-MHS-1 Datasheet HTML 2Page - PHOENIX CONTACT CRIMPFOX-MHS-1 Datasheet HTML 3Page - PHOENIX CONTACT



Numéro de pièce similaire - CRIMPFOX-MHS-1

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
CRIMPFOX-M PHOENIX-CRIMPFOX-M Datasheet
98Kb / 6P
   The variety of inserts makes it a space-saving universal tool for all applications
CRIMPFOX-M-10 PHOENIX-CRIMPFOX-M-10 Datasheet
51Kb / 3P
   Die, for Crimpfox-M, for ferrules 0.25 - 10 mm짼, packed in a serial storage box
CRIMPFOX-M-CX-1 PHOENIX-CRIMPFOX-M-CX-1 Datasheet
50Kb / 3P
   Die, for Crimpfox?멝, for coaxial connectors: RG 174, RG 179 / BNC / TNC , packed in a serial storage box
CRIMPFOX-M-CX-2 PHOENIX-CRIMPFOX-M-CX-2 Datasheet
50Kb / 3P
   Die, for Crimpfox-M, for coaxial connectors (BNC/TNC) RG 58/ 59/ 62/ 71, packed in a serial storage box
CRIMPFOX-M-FO PHOENIX-CRIMPFOX-M-FO Datasheet
49Kb / 3P
   Die, for Crimpfox?멝, for coaxial / fiber optics connectors: ST/ SC/ SMA/ SMB/ SFR/ packed in a serial storage box
More results


Description similaire - CRIMPFOX-MHS-1

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
CRIMPFOX-M-10 PHOENIX-CRIMPFOX-M-10 Datasheet
51Kb / 3P
   Die, for Crimpfox-M, for ferrules 0.25 - 10 mm짼, packed in a serial storage box
CRIMPFOX-M-SC-1 PHOENIX-CRIMPFOX-M-SC-1 Datasheet
51Kb / 3P
   Die, for Crimpfox-M, for non-insulated slip-on sleeves 0.1 - 1 mm짼, packed in a serial storage box
CRIMPFOX-M-SC-6 PHOENIX-CRIMPFOX-M-SC-6 Datasheet
51Kb / 3P
   Die, for Crimpfox-M, for non-insulated slip-on sleeves 0.5 - 6 mm짼, packed in a serial storage box
CRIMPFOX-M-CX-2 PHOENIX-CRIMPFOX-M-CX-2 Datasheet
50Kb / 3P
   Die, for Crimpfox-M, for coaxial connectors (BNC/TNC) RG 58/ 59/ 62/ 71, packed in a serial storage box
CRIMPFOX-M-CX-1 PHOENIX-CRIMPFOX-M-CX-1 Datasheet
50Kb / 3P
   Die, for Crimpfox?멝, for coaxial connectors: RG 174, RG 179 / BNC / TNC , packed in a serial storage box
CRIMPFOX-M-FO PHOENIX-CRIMPFOX-M-FO Datasheet
49Kb / 3P
   Die, for Crimpfox?멝, for coaxial / fiber optics connectors: ST/ SC/ SMA/ SMB/ SFR/ packed in a serial storage box
logo
Weidmuller
1010200000 WEIDMULLER-1010200000 Datasheet
617Kb / 9P
   PE terminal, Screw connection, 6 mm짼, 720 A (6 mm짼), Green/yellow
September 27, 2021
logo
PHOENIX CONTACT
CRIMPFOX-M-SR-6-1 PHOENIX-CRIMPFOX-M-SR-6-1 Datasheet
46Kb / 2P
   Die, for MC3 solar connectors, lateral entry, 2.5 - 6 mm짼
logo
Weidmuller
1010100000 WEIDMULLER-1010100000 Datasheet
547Kb / 10P
   PE terminal, Screw connection, 4 mm짼, 480 A (4 mm짼), Green/yellow
October 4, 2021
logo
PHOENIX CONTACT
CRIMPFOX-M-SR-6-2 PHOENIX-CRIMPFOX-M-SR-6-2 Datasheet
47Kb / 2P
   Die, for MC4 solar connectors, lateral entry, 2.5 - 6 mm짼
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com