Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T520A336M006ATE080 Fiches technique (PDF) - Kemet Corporation

T520A336M006ATE080 Datasheet PDF - Kemet Corporation
No de pièce T520A336M006ATE080
Télécharger  T520A336M006ATE080 Télécharger

Taille du fichier   76.92 Kbytes
Page   1 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum, Polymer Tantalum, T520, 33 uF, 20%, 6.3 V, 3216, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, Height Max = 1.8mm

T520A336M006ATE080 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
T520A336M006ATE080 Datasheet PDF - Kemet Corporation

No de pièce T520A336M006ATE080
Télécharger  T520A336M006ATE080 Click to download

Taille du fichier   76.92 Kbytes
Page   1 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum, Polymer Tantalum, T520, 33 uF, 20%, 6.3 V, 3216, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, Height Max = 1.8mm

T520A336M006ATE080 Fiches technique (HTML) - Kemet Corporation

T520A336M006ATE080 Datasheet HTML 1Page - Kemet Corporation

T520A336M006ATE080 Détails du produit

FEATURES
• Polymer Cathode Technology
• Low ESR
• High Frequency Cap Retention
• No-Ignition Failure Mode
• Use Up to 90% of Rated Voltage (10% Derating) for part types ≤ 10 Volts
• Halogen Free Epoxy
• 100% Accelerated Steady State Aging
• Volumetrically Efficient
• Use Up to 80% of Rated Voltage (20% Derating) for part types > 10 Volts
• Capacitance 15 to 1000μF (±20%)
• Voltage 2V to 25V
• EIA Standard Case Sizes
• 100% Surge Current Tested
• Operating Temperature -55ºC to +105ºC
• Self Healing Mechanism
• RoHS Compiant & Leadfree Terminations (see www.kemet.com for lead transition)




Numéro de pièce similaire - T520A336M006ATE080

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
T520A336M004AE070 KEMET-T520A336M004AE070 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520A336M004AE080 KEMET-T520A336M004AE080 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results


Description similaire - T520A336M006ATE080

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
T520A107M006ATE070 KEMET-T520A107M006ATE070 Datasheet
76Kb / 1P
   T520, Tantalum, Polymer Tantalum, 100 uF, 20%, 6.3 V, 3216, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, Height Max = 1.8mm
T520A107M006ATE045 KEMET-T520A107M006ATE045 Datasheet
79Kb / 1P
   T520, Tantalum, Polymer Tantalum, 100 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 45 mOhms, 3216, Height Max = 1.8mm
T520A107M006ATE035 KEMET-T520A107M006ATE035 Datasheet
79Kb / 1P
   T520, Tantalum, Polymer Tantalum, 100 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, 3216, Height Max = 1.8mm
T520A476M006ATE150 KEMET-T520A476M006ATE150 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T520, 47 uF, 20%, 6.3 V, 3216, SMD, Polymer, Molded, Low ESR, Non-Combustible, 150 mOhms, 1.8mm
T520A226M010ANE080 KEMET-T520A226M010ANE080 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T520, 22 uF, 20%, 10 V, 3216, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, Height Max = 1.8mm
T520A226M010ATE080 KEMET-T520A226M010ATE080 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T520, 22 uF, 20%, 10 V, 3216, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, Height Max = 1.8mm
T520A226M006ATE090 KEMET-T520A226M006ATE090 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T520, 22 uF, 20%, 6.3 V, 3216, SMD, Polymer, Molded, Low ESR, Non-Combustible, 90 mOhms, 1.8mm
T520A106M010ATE080 KEMET-T520A106M010ATE080 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T520, 10 uF, 20%, 10 V, 3216, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, 1.8mm
T520A107M006ATE025 KEMET-T520A107M006ATE025 Datasheet
75Kb / 1P
   T520, Tantalum, Polymer Tantalum, 100 uF, 20%, 6.3 VDC, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 3216, Height Max = 1.8mm
T520A686M2R5ATE070 KEMET-T520A686M2R5ATE070 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 68 uF, 20%, 2.5 V, 3216, SMD, Polymer, Molded, Low ESR, Non-Combustible, 70 mOhms, Height Max = 1.8mm
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com