Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEK-OE-24DC Fiches technique (PDF) - PHOENIX CONTACT

DEK-OE-24DC Datasheet PDF - PHOENIX CONTACT
No de pièce DEK-OE-24DC
Télécharger  DEK-OE-24DC Télécharger

Taille du fichier   113.99 Kbytes
Page   4 Pages
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Input optocoupler terminal block, input: 24 V DC, output: 3-48 V DC/100 mA, terminal width 6.2 mm

DEK-OE-24DC Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
DEK-OE-24DC Datasheet PDF - PHOENIX CONTACT

No de pièce DEK-OE-24DC
Télécharger  DEK-OE-24DC Click to download

Taille du fichier   113.99 Kbytes
Page   4 Pages
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Input optocoupler terminal block, input: 24 V DC, output: 3-48 V DC/100 mA, terminal width 6.2 mm

DEK-OE-24DC Fiches technique (HTML) - PHOENIX CONTACT

DEK-OE-24DC Datasheet HTML 1Page - PHOENIX CONTACT DEK-OE-24DC Datasheet HTML 2Page - PHOENIX CONTACT DEK-OE-24DC Datasheet HTML 3Page - PHOENIX CONTACT DEK-OE-24DC Datasheet HTML 4Page - PHOENIX CONTACT



Numéro de pièce similaire - DEK-OE-24DC

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
DEK-OE-230AC PHOENIX-DEK-OE-230AC Datasheet
68Kb / 4P
   Actuator version available
More results


Description similaire - DEK-OE-24DC

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
DEK-OE-5DC PHOENIX-DEK-OE-5DC Datasheet
104Kb / 4P
   Input soptocoupler terminal block, input: 5 V DC, output: 3 - 48 V DC/100 mA, terminal width 6.2 mm
DEK-OV-24DC PHOENIX-DEK-OV-24DC Datasheet
127Kb / 5P
   Power optocoupler terminal block, input: 24 V DC, output: 3-30 V DC/3 A, terminal width 6.2 mm
2766850 PHOENIX-2766850 Datasheet
174Kb / 5P
   Pulse expansion module, input: 24 V DC, output: 3 - 48 V DC/100 mA, supply: 20 - 30 V DC
SIM-EI-60DC PHOENIX-SIM-EI-60DC Datasheet
77Kb / 5P
   Input solid-state relay, with protective circuit in input and output circuits, input: 48 - 60 V DC, output: 8 - 48 V DC/100 mA
2966016 PHOENIX-2966016 Datasheet
120Kb / 3P
   6.2 mm PLC basic terminal blocks with screw connection method, input voltage 24 V DC(without relay or optocoupler)
2271154 PHOENIX-2271154 Datasheet
122Kb / 4P
   Input optocoupler, with protection circuits in input and output circuits, input: 24 V DC, output: TTL logic level, max. 100 mA
SIM-EI-12DC PHOENIX-SIM-EI-12DC Datasheet
77Kb / 5P
   Input solid-state relay, with protective circuit in input and output circuits, input: 12 V DC, output: 8 - 48 V DC/100 mA
SIM-EI-110DC PHOENIX-SIM-EI-110DC Datasheet
77Kb / 5P
   Input solid-state relay, with protective circuit in input and output circuits, input: 110 V DC, output: 8 - 48 V DC/100 mA
2836337 PHOENIX-2836337 Datasheet
167Kb / 6P
   Inline counter terminal block, without accessories, 1 counter input, 1 control input, 1 output, 24 V DC, 500 mA, 3-wire connection method
PLC-OPIT-24DC PHOENIX-PLC-OPIT-24DC Datasheet
145Kb / 6P
   PLC interface, consisting of PLC-BPIT basic terminal block with Push-In connection and pluggable miniature optocoupler, for assembly on DIN rail NS 35/7.5, input: 24 V DC, output: 3-48 V DC/100 mA
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com