Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE6809 Fiches technique (PDF) - NTE Electronics

NTE6809 Datasheet PDF - NTE Electronics
No de pièce NTE6809
Télécharger  NTE6809 Télécharger

Taille du fichier   35.17 Kbytes
Page   4 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit NMOS, 8-Bit Microprocessor (MPU)

NTE6809 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
NTE6809 Datasheet PDF - NTE Electronics

No de pièce NTE6809
Télécharger  NTE6809 Click to download

Taille du fichier   35.17 Kbytes
Page   4 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit NMOS, 8-Bit Microprocessor (MPU)

NTE6809 Fiches technique (HTML) - NTE Electronics

NTE6809 Datasheet HTML 1Page - NTE Electronics NTE6809 Datasheet HTML 2Page - NTE Electronics NTE6809 Datasheet HTML 3Page - NTE Electronics NTE6809 Datasheet HTML 4Page - NTE Electronics

NTE6809 Détails du produit

Description:
The NTE6809 and NTE6809E are revolutionary high performance 8–bit microprocessors in 40–Lead DIP type packages which support modern programming techniques such as position independece, reentrancy, and modular programming.

Architectural Features:
● Two 16–Bit Index Registers
● Two 16–Bit Indexable Stack Pointers
● Two 8–Bit Accumulators can be Concatenated to Form One 16–Bit Accumulator
● Direct Page Register Allows Direct Addressing Throughout Memory

Hardware Features:
● On–Chip Oscillator (Crystal Frequency = 4 x E), NTE6809 Only
● DMA/BREQ Allows DMA Operation on Memory Refresh, NTE6809 Only
● External Clock Inputs, E and Q, Allow Synchronization, NTE6809E Only
● TSC Input Controls Internal Bus Buffers, NTE6809E Only
● LIC Indicates Opcode Fetch, NTE6809E Only
● AVMA Allows Efficient Use of Common Resource in a Multiprocessor System, NTE6809E Only
● BUSY is a Status Line for Multiprocessing, NTE6809E Only
● Fast Interrupt Request Input Stacks Only Condition Code Register and Program Counter
● MRDY Input Extends Data Across Times for Use with Slow Memory
● Interrupt Acknowledge Output Allows Vectoring by Devices
● Sync Acknowledge Output Allows for Synchronization to External Event
● Single Bus–Cycle RESET
● Single 5V Supply Operation
● NMI Inhibited After RESET Until After First Load Stack Pointer
● Early Address Valid Allows Use with Slower Memories
● Early Write Data for Dynamic Memories

Software Features:
● 10 Addressing Modes
    • M6800 Upward Compatible Addressing Modes
    • Direct Addressing Anywhere in Memory Map
    • Long RelativeBranches
    • Program Counter Relative
    • True Indirect Addressing
    • Expanded Indexed Addressing
        0–, 5–, 8–, or 16–Bit Constant Offsets
        8– or 16–Bit Accumulator Offsets
        Auto–Increment/Decrement by 1 or 2
● Improved Stack Manipulation
● 1464 Instruction with Unique Addressing Modes
● 8 x 8 Unsigned Multiply
● 16–Bit Arithmetic
● Transfer/Exchange All Registers
● Push/Pull Any Registers or Any Set of Registers
● Load Effective Address




Numéro de pièce similaire - NTE6809

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE68 NTE-NTE68 Datasheet
23Kb / 2P
   Silicon Complementary Transistors General Purpose High Power Audio, Disk Head Positioner for Linear Applications
logo
Inchange Semiconductor ...
NTE68 ISC-NTE68 Datasheet
310Kb / 2P
   isc Silicon PNP Power Transistor
logo
NTE Electronics
NTE6810 NTE-NTE6810 Datasheet
42Kb / 4P
   Integrated Circuit 128 x 8-Bit Static Random Access Memory (SRAM)
NTE6821 NTE-NTE6821 Datasheet
45Kb / 5P
   Integrated Circuit Peripheral Interface Adapter (PIA), NMOS, 1MHz
NTE6850 NTE-NTE6850 Datasheet
31Kb / 3P
   Integrated Circuit NMOS, Asynchronous Communications Interface Adapter
More results


Description similaire - NTE6809

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE3880 NTE-NTE3880 Datasheet
37Kb / 5P
   Integrated Circuit NMOS, 8-Bit Microprocessor (MPU), 4MHz
NTE6507 NTE-NTE6507 Datasheet
35Kb / 4P
   Integrated Circuit NMOS, 8 Bit Microprocessor (MPU) w/On-Chip Clock OSC
logo
List of Unclassifed Man...
EF6809E ETC-EF6809E Datasheet
1Mb / 39P
   8 BIT MICROPROCESSOR UNIT (MPU)
logo
Toshiba Semiconductor
TMPZ84C00A TOSHIBA-TMPZ84C00A Datasheet
2Mb / 58P
   TLCS-Z80 MPU : 8-BIT MICROPROCESSOR
logo
NTE Electronics
NTE2053 NTE-NTE2053 Datasheet
41Kb / 5P
   Integrated Circuit 8-Bit MPU Compatible A/D Converter
logo
NEC
PD780 NEC-PD780 Datasheet
711Kb / 24P
   HIGH·PERFORMANCE CP/M® ·COMPATIBLE NMOS 8·BIT MICROPROCESSOR
logo
NTE Electronics
NTE21128 NTE-NTE21128 Datasheet
37Kb / 6P
   Integrated Circuit NMOS, 128K (16K x 8) UV EPROM
logo
STMicroelectronics
EF6801 STMICROELECTRONICS-EF6801 Datasheet
2Mb / 49P
   MICROCOMPUTER / MICROPROCESSOR (MCU/MPU)
logo
Motorola, Inc
MC6801 MOTOROLA-MC6801 Datasheet
1Mb / 39P
   Microcontroller/Microprocessor (MCU/MPU)
MC6800 MOTOROLA-MC6800 Datasheet
3Mb / 32P
   8-BIT MICROPROCESSING UNIT (MPU)
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com