Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EL7412CMZ Fiches technique (PDF) - Intersil Corporation

EL7412CMZ Datasheet PDF - Intersil Corporation
No de pièce EL7412CMZ
Télécharger  EL7412CMZ Télécharger

Taille du fichier   108.17 Kbytes
Page   6 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Speed, Four Channel Power MOSFET Drivers

EL7412CMZ Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
EL7412CMZ Datasheet PDF - Intersil Corporation

No de pièce EL7412CMZ
Télécharger  EL7412CMZ Click to download

Taille du fichier   108.17 Kbytes
Page   6 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Speed, Four Channel Power MOSFET Drivers

EL7412CMZ Fiches technique (HTML) - Intersil Corporation

EL7412CMZ Datasheet HTML 1Page - Intersil Corporation EL7412CMZ Datasheet HTML 2Page - Intersil Corporation EL7412CMZ Datasheet HTML 3Page - Intersil Corporation EL7412CMZ Datasheet HTML 4Page - Intersil Corporation EL7412CMZ Datasheet HTML 5Page - Intersil Corporation EL7412CMZ Datasheet HTML 6Page - Intersil Corporation

EL7412CMZ Détails du produit

High Speed, Four Channel Power MOSFET Drivers

The EL7412 contains (4) high performance matched drivers. These very high speed drivers are capable of delivering peak currents of 2.0 amps into highly capacitive loads and are ideally suited for “Full bridge and ultrasound applications. The high speed performance is achieved by means of a proprietary “Turbo-Driver circuit that speeds up input stages by tapping the wider voltage swing at the output. Improved speed and drive capability are enhanced by matched rise and fall delay times. The matched delays maintain the integrity of input-to-output pulse-widths to reduce timing errors and clock skew problems. This improved performance is accompanied by a 10 fold reduction in supply currents over bipolar drivers, yet without the delay time problems commonly associated with CMOS devices. Dynamic switching losses are minimized with nonoverlapped drive techniques.

Features
• Excellent response times
• Matched rise and fall times
• Reduced clock skew
• Low output impedance
• Low input capacitance
• High noise immunity
• Improved clocking rate
• Low supply current
• Wide operating voltage range
• Pb-free available

Applications
• Full bridge drivers
• Clock/line drivers
• CCD Drivers
• Ultra-sound transducer drivers
• Power MOSFET drivers
• Switch mode power supplies
• Class D switching amplifiers
• Ultrasonic and RF generators
• Pulsed circuits




Numéro de pièce similaire - EL7412CMZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
EL7412CMZ RENESAS-EL7412CMZ Datasheet
399Kb / 6P
   High Speed, Four Channel Power MOSFET Drivers
EL7412CMZ-T13 RENESAS-EL7412CMZ-T13 Datasheet
399Kb / 6P
   High Speed, Four Channel Power MOSFET Drivers
More results


Description similaire - EL7412CMZ

FabricantNo de pièceFiches techniqueDescription
logo
Elantec Semiconductor
EL7412C ELANTEC-EL7412C Datasheet
180Kb / 8P
   High Speed, Four Channel Power MOSFET Drivers
logo
Renesas Technology Corp
EL7412 RENESAS-EL7412 Datasheet
399Kb / 6P
   High Speed, Four Channel Power MOSFET Drivers
logo
Elantec Semiconductor
EL7104C ELANTEC-EL7104C Datasheet
195Kb / 8P
   High Speed, Single Channel, Power MOSFET Drivers
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410IP INTERSIL-ISL89410IP Datasheet
225Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
logo
Elantec Semiconductor
EL7202C ELANTEC-EL7202C Datasheet
219Kb / 8P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Intersil Corporation
EL7202 INTERSIL-EL7202 Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202 INTERSIL-EL7202_06 Datasheet
200Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202CN INTERSIL-EL7202CN Datasheet
204Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410 INTERSIL-ISL89410_09 Datasheet
228Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com