Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F818-E/ML Fiches technique (PDF) - Microchip Technology

PIC16F818-E/ML Datasheet PDF - Microchip Technology
No de pièce PIC16F818-E/ML
Télécharger  PIC16F818-E/ML Télécharger
Taille du fichier   3124.59 Kbytes
Page   176 Pages
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology

PIC16F818-E/ML Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
PIC16F818-E/ML Datasheet PDF - Microchip Technology

No de pièce PIC16F818-E/ML
Télécharger  PIC16F818-E/ML Click to download

Taille du fichier   3124.59 Kbytes
Page   176 Pages
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology

PIC16F818-E/ML Fiches technique (HTML) - Microchip Technology


PIC16F818-E/ML Détails du produit

DEVICE OVERVIEW

This document contains device specific information for the operation of the PIC16F818/819 devices. Additional information may be found in the “PICmicro® Mid-Range MCU Family Reference Manual” (DS33023) which may be downloaded from the Microchip web site. The Reference Manual should be considered a complementary document to this data sheet and is highly recommended reading for a better understanding of the device architecture and operation of the peripheral modules



Low-Power Features:

• Power-Managed modes:

   - Primary Run: XT, RC oscillator, 87 µA, 1 MHz, 2V

   - INTRC: 7 µA, 31.25 kHz, 2V

   - Sleep: 0.2 µA, 2V

• Timer1 oscillator: 1.8 µA, 32 kHz, 2V

• Watchdog Timer: 0.7 µA, 2V

• Wide operating voltage range:

   - Industrial: 2.0V to 5.5V



Oscillators:

• Three Crystal modes:

   - LP, XT, HS: up to 20 MHz

• Two External RC modes

• One External Clock mode:

   - ECIO: up to 20 MHz

• Internal oscillator block:

   - 8 user selectable frequencies: 31 kHz, 125 kHz, 250 kHz, 500 kHz, 1 MHz, 2 MHz, 4 MHz, 8 MHz

  

Peripheral Features:

• 16 I/O pins with individual direction control

• High sink/source current: 25 mA

• Timer0: 8-bit timer/counter with 8-bit prescaler

• Timer1: 16-bit timer/counter with prescaler, can be incremented during Sleep via external crystal/clock

• Timer2: 8-bit timer/counter with 8-bit period register, prescaler and postscaler

• Capture, Compare, PWM (CCP) module:

   - Capture is 16-bit, max. resolution is 12.5 ns

   - Compare is 16-bit, max. resolution is 200 ns

   - PWM max. resolution is 10-bit

• 10-bit, 5-channel Analog-to-Digital converter

• Synchronous Serial Port (SSP) with SPI™ (Master/Slave) and I2C™ (Slave)



Special Microcontroller Features:

• 100,000 erase/write cycles Enhanced Flash program memory typical

• 1,000,000 typical erase/write cycles EEPROM data memory typical

• EEPROM Data Retention: > 40 years

• In-Circuit Serial ProgrammingTM (ICSPTM) via two pins

• Processor read/write access to program memory

• Low-Voltage Programming

• In-Circuit Debugging via two pins



 




Numéro de pièce similaire - PIC16F818-E/ML

FabricantNo de pièceFiches techniqueDescription
logo
SYC Electronica
PIC16F818-9 SYC-PIC16F818-9 Datasheet
2Mb / 175P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
logo
Microchip Technology
PIC16F818-ISO MICROCHIP-PIC16F818-ISO Datasheet
1Mb / 176P
Enhanced Flash Microcontrollers
09/27/04
PIC16F818-ISO MICROCHIP-PIC16F818-ISO Datasheet
1Mb / 176P
Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16F818-ISO MICROCHIP-PIC16F818-ISO Datasheet
1Mb / 176P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16F818-ISO MICROCHIP-PIC16F818-ISO Datasheet
1Mb / 176P
Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
More results


Description similaire - PIC16F818-E/ML

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
PIC16F87 MICROCHIP-PIC16F87 Datasheet
3Mb / 214P
18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
2003
PIC16F87 MICROCHIP-PIC16F87_05 Datasheet
3Mb / 228P
18/20/28-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
2005
PIC16F1826 MICROCHIP-PIC16F1826 Datasheet
4Mb / 406P
18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1847 MICROCHIP-PIC16F1847 Datasheet
3Mb / 408P
18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F818 MICROCHIP-PIC16F818_13 Datasheet
2Mb / 178P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
11/29/12 2001-2013
PIC16F819-IP MICROCHIP-PIC16F819-IP Datasheet
3Mb / 176P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16F1826-I MICROCHIP-PIC16F1826-I Datasheet
3Mb / 400P
18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
PIC16F819-I MICROCHIP-PIC16F819-I Datasheet
1Mb / 176P
Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16F819T-E MICROCHIP-PIC16F819T-E Datasheet
1Mb / 176P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16LF819-I MICROCHIP-PIC16LF819-I Datasheet
1Mb / 176P
Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
More results




À propos de Microchip Technology


Microchip Technology est une entreprise américaine de semi-conducteurs fondée en 1989.
La société fournit une large gamme de microcontrôleurs, de produits analogiques, de mémoire et de sécurité pour diverses applications sur les marchés automobiles, industriels et consommateurs.
Microchip est l'un des plus grands fournisseurs de microcontrôleurs au monde et est connu pour son expertise dans la conception de faible puissance et son accent sur les technologies d'économie d'énergie.
L'entreprise fournit également des outils de développement et des logiciels pour aider les clients à concevoir et à prototyper leurs produits.
Microchip a des opérations dans plus de 70 pays et ses produits sont utilisés dans un large éventail d'applications.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.