Fabricant | No de pièce | Fiches technique | Description |
MicroPower Direct, LLC |
ML100RW
|
419Kb / 2P |
Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
|
MA300ERU
|
1Mb / 4P |
Wide 4:1 Input, 3W Single Output DIP DC/DC Con vert ers
|
MR08XXRUI
|
569Kb / 2P |
Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Con vert ers
|
MI2500RU
|
805Kb / 4P |
Compact, 25W, 4:1 Input Range DC/DC Con vert ers
|
MG600RU
|
462Kb / 2P |
Compact, 6W 4:1 Input, MiniDIP DC/DC Con vert ers
|
MPV1560RI4
|
603Kb / 5P |
Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
|
MPV1060RI4
|
563Kb / 5P |
Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
|
MF3000TERU
|
1Mb / 4P |
Wide 4:1 Input 30W Triple Output DC/DC Con vert ers
|
MA300MRURI4
|
366Kb / 3P |
EN 60601 Approved 4:1 Input, 3W DIP, DC/DC Con vert ers
|
MHI200LRI8
|
552Kb / 2P |
Compact, 2W SMT Ultra-High Isolation DC/DC Con vert ers
|