Fabricant | No de pièce | Fiches technique | Description |
Teledyne Technologies I... |
E3P48R50-16
|
141Kb / 4P |
Three-Phase Output to 75A 600 Vac DC Control
|
SSH
|
859Kb / 5P |
Output to 75A, 510 Vac with Diagnostics
|
E3P2G48D25
|
2Mb / 6P |
Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022 |
SS24D50
|
441Kb / 4P |
Output to 75A, 510 Vac Solid-State Relay with Diagnostic
|
SD24R50-06
|
133Kb / 4P |
Dual Output to 50A 600 Vac DC Control
|
DH24D25
|
574Kb / 6P |
Output to 35A, 600 Vac (slimpac) Solid-State Relays
03/2014 |
List of Unclassifed Man... |
HA6025
|
84Kb / 3P |
25-125Amp 600 Vac AC Output
|
Teledyne Technologies I... |
S48D95
|
370Kb / 5P |
Single Output to 660 Vac AC/DC Control
|
L24D25C
|
70Kb / 2P |
Single Output to 25A, 280 Vac DC control
|
S24D40
|
578Kb / 6P |
Single Output to 660 Vac AC/DC Control
04/2023 |