Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST24A40-02 Fiches technique (PDF) - Teledyne Technologies Incorporated

ST24A40-02 Datasheet PDF - Teledyne Technologies Incorporated
No de pièce ST24A40-02
Télécharger  ST24A40-02 Télécharger

Taille du fichier   130.82 Kbytes
Page   4 Pages
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Single Output to 75A 600 Vac

ST24A40-02 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ST24A40-02 Datasheet PDF - Teledyne Technologies Incorporated

No de pièce ST24A40-02
Télécharger  ST24A40-02 Click to download

Taille du fichier   130.82 Kbytes
Page   4 Pages
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Single Output to 75A 600 Vac

ST24A40-02 Fiches technique (HTML) - Teledyne Technologies Incorporated

ST24A40-02 Datasheet HTML 1Page - Teledyne Technologies Incorporated ST24A40-02 Datasheet HTML 2Page - Teledyne Technologies Incorporated ST24A40-02 Datasheet HTML 3Page - Teledyne Technologies Incorporated ST24A40-02 Datasheet HTML 4Page - Teledyne Technologies Incorporated



Numéro de pièce similaire - ST24A40-02

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
ST24 STMICROELECTRONICS-ST24 Datasheet
141Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
1997
ST2408 STMICROELECTRONICS-ST2408 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
February 2000
ST2408HI STMICROELECTRONICS-ST2408HI Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
February 2000
logo
Goodwork Semiconductor ...
ST240L GWSEMI-ST240L Datasheet
48Kb / 2P
   2.0 AMP LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Description similaire - ST24A40-02

FabricantNo de pièceFiches techniqueDescription
logo
Teledyne Technologies I...
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
SSH TELEDYNE-SSH Datasheet
859Kb / 5P
   Output to 75A, 510 Vac with Diagnostics
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
   Output to 75A, 510 Vac Solid-State Relay with Diagnostic
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
DH24D25 TELEDYNE-DH24D25 Datasheet
574Kb / 6P
   Output to 35A, 600 Vac (slimpac) Solid-State Relays
03/2014
logo
List of Unclassifed Man...
HA6025 ETC1-HA6025 Datasheet
84Kb / 3P
   25-125Amp 600 Vac AC Output
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com