Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2902DT Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LM2902DT Datasheet

  • # Example questions: ➢ What disclaimer regarding the use of stmicroelectronics products is included at the end of the document?
    ➢ What is the maximum input voltage for the lm2902?
    ➢ What are the different package types for the lm2902, as detailed in the document?

  • Part No.LM2902DT
    ManufacturerSTMICROELECTRONICS
    Size195 Kbytes
    Pages11 pages
    DescriptionLOW POWER QUAD OPERATIONAL AMPLIFIER
    Datasheet Summary with AI

    Key Features of the LM2902:

    ️· Dual Operational Amplifier: Contains two independent operational amplifiers in a single package.
    ️· Low Power: Designed for low power consumption.
    ️· Wide Common-Mode Input Voltage Range: Can operate with a wide range of input voltages.
    ️· High Input Impedance: Minimal loading of the signal source.
    ️· Common-Mode Rejection Ratio (CMRR): Good ability to ignore signals that are common to both inputs.
    ️· Applications: General-purpose amplification, buffering, signal conditioning.

    Package Options:

    The datasheet details several package options for the LM2902:

    ️· DIP-14 (Dual In-line Package)
    ️· SO-14 (Small Outline Package)
    ️· TSSOP-14 (Thin Shrink Small Outline Package)

    Technical Specifications:

    The datasheet includes detailed electrical characteristics such as:

    ️· Supply Voltage Range
    ️· Input Bias Current
    ️· Input Offset Voltage
    ️· Open-Loop Gain
    ️· Slew Rate
    ️· Output Voltage Swing

    Mechanical Dimensions:

    The datasheet provides precise mechanical drawings and dimensions for each package option, including key parameters like overall size, lead pitch, and mounting hole locations.

    Important Notes:

    ️· The datasheet includes a disclaimer that information is subject to change without notice and that STMicroelectronics is not responsible for the consequences of using the information.
    ️· The datasheet states that STMicroelectronics products are not authorized for use as critical components in life support devices without express written approval.



    In essence, this document serves as a comprehensive reference guide for engineers and designers who need to use the LM2902 operational amplifier in their circuits and applications.

    Key Features of the LM2902:

    ️· Dual Operational Amplifier: Contains two independent operational amplifiers in a single package.
    ️· Low Power: Designed for low power consumption.
    ️· Wide Common-Mode Input Voltage Range: Can operate with a wide range of input voltages.
    ️· High Input Impedance: Minimal loading of the signal source.
    ️· Common-Mode Rejection Ratio (CMRR): Good ability to ignore signals that are common to both inputs.
    ️· Applications: General-purpose amplification, buffering, signal conditioning.

    Package Options:

    The datasheet details several package options for the LM2902:

    ️· DIP-14 (Dual In-line Package)
    ️· SO-14 (Small Outline Package)
    ️· TSSOP-14 (Thin Shrink Small Outline Package)

    Technical Specifications:

    The datasheet includes detailed electrical characteristics such as:

    ️· Supply Voltage Range
    ️· Input Bias Current
    ️· Input Offset Voltage
    ️· Open-Loop Gain
    ️· Slew Rate
    ️· Output Voltage Swing

    Mechanical Dimensions:

    The datasheet provides precise mechanical drawings and dimensions for each package option, including key parameters like overall size, lead pitch, and mounting hole locations.

    Important Notes:

    ️· The datasheet includes a disclaimer that information is subject to change without notice and that STMicroelectronics is not responsible for the consequences of using the information.
    ️· The datasheet states that STMicroelectronics products are not authorized for use as critical components in life support devices without express written approval.



    In essence, this document serves as a comprehensive reference guide for engineers and designers who need to use the LM2902 operational amplifier in their circuits and applications.

    Part No.LM2902DT
    ManufacturerSTMICROELECTRONICS
    Size195 Kbytes
    Pages11 pages
    DescriptionLOW POWER QUAD OPERATIONAL AMPLIFIER