Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT6230CS6 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LT6230CS6 Datasheet

  • # Example questions: ➢ What is the typical large-signal gain (avol) of the lt6230 series when using a 5v supply and a 10kω load?
    ➢ What is the minimum supply voltage required for the lt6230 series?
    ➢ What is the typical common mode rejection ratio (cmrr) when the supply voltage is 3v and the common-mode voltage (vcm) ranges from 15v to 65v?

  • Part No.LT6230CS6
    ManufacturerLINER
    Size649 Kbytes
    Pages24 pages
    Description215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
    Datasheet Summary with AI

    I. General & Input Characteristics

    ️· Input Voltage Range (VCM):
    - VS = 5V: 1.5V to 4V
    - VS = 3.3V: 1.15V to 2.65V
    ️· Input Offset Voltage (VOS):
    - LT6230S6/S6-10: Up to 600µV
    - LT6231S8/LT6232GN/LT6231DD: Up to 450µV/550µV
    ️· Input Offset Voltage Drift (VOS TC): 0.5µV/°C to 3µV/°C
    ️· Input Bias Current (IB): Up to 11µA
    ️· Input Offset Current (IOS): Up to 0.7µA
    ️· CMRR Match (Channel-to-Channel): Up to 800µV
    ️· IB Match (Channel-to-Channel): Up to 1µA

    II. Performance Characteristics

    ️· Large-Signal Gain (AVOL):
    - VS = 5V: up to 78V/mV (at specific RL) up to 4.1V/mV (at different RL)
    - VS = 3.3V: up to 66V/mV
    ️· Common Mode Rejection Ratio (CMRR):
    - VS = 5V: 90 dB
    - VS = 3.3V: 85 dB
    - CMRR Match: 84 dB
    ️· Power Supply Rejection Ratio (PSRR): 85 dB
    - PSRR Match: 79 dB
    ️· Minimum Supply Voltage: 3V

    III. Output Characteristics

    ️· Output Voltage Swing (VOL):
    - No load: up to 200mV
    - VS = 5V, ISINK= 20mA: up to 500mV
    - VS = 3.3V, ISINK= 15mA: up to 380mV



    Important Notes & Caveats:

    ️· Partial Datasheet: This summary is based *solely* on the text you provided. It's highly probable that a complete datasheet would contain many more parameters, test conditions, graphs, and application notes that would provide a much more complete picture.
    ️· Test Conditions: All listed values are dependent on specific test conditions (e.g., RL, temperature, supply voltage). The provided text doesn't always state these conditions precisely.
    ️· "Up to" Values: Many values are given as "up to." This means that the actual value can be lower, and the datasheet may have more specific limits based on test conditions.
    ️· "Note 6," "Note 7," "Note 10": There are notes that reference additional information or clarifications not included in the provided excerpt. Refer to the full datasheet for those details.
    ️· Device Variants: The datasheet appears to specify different values for different versions (suffixes) of the part (e.g., LT6230S6, LT6231S8). Carefully select the correct values based on the specific part number.
    ️· Application Information: A full datasheet would have application circuits and guidance. This text does not.

    I. General & Input Characteristics

    ️· Input Voltage Range (VCM):
    - VS = 5V: 1.5V to 4V
    - VS = 3.3V: 1.15V to 2.65V
    ️· Input Offset Voltage (VOS):
    - LT6230S6/S6-10: Up to 600µV
    - LT6231S8/LT6232GN/LT6231DD: Up to 450µV/550µV
    ️· Input Offset Voltage Drift (VOS TC): 0.5µV/°C to 3µV/°C
    ️· Input Bias Current (IB): Up to 11µA
    ️· Input Offset Current (IOS): Up to 0.7µA
    ️· CMRR Match (Channel-to-Channel): Up to 800µV
    ️· IB Match (Channel-to-Channel): Up to 1µA

    II. Performance Characteristics

    ️· Large-Signal Gain (AVOL):
    - VS = 5V: up to 78V/mV (at specific RL) up to 4.1V/mV (at different RL)
    - VS = 3.3V: up to 66V/mV
    ️· Common Mode Rejection Ratio (CMRR):
    - VS = 5V: 90 dB
    - VS = 3.3V: 85 dB
    - CMRR Match: 84 dB
    ️· Power Supply Rejection Ratio (PSRR): 85 dB
    - PSRR Match: 79 dB
    ️· Minimum Supply Voltage: 3V

    III. Output Characteristics

    ️· Output Voltage Swing (VOL):
    - No load: up to 200mV
    - VS = 5V, ISINK= 20mA: up to 500mV
    - VS = 3.3V, ISINK= 15mA: up to 380mV



    Important Notes & Caveats:

    ️· Partial Datasheet: This summary is based *solely* on the text you provided. It's highly probable that a complete datasheet would contain many more parameters, test conditions, graphs, and application notes that would provide a much more complete picture.
    ️· Test Conditions: All listed values are dependent on specific test conditions (e.g., RL, temperature, supply voltage). The provided text doesn't always state these conditions precisely.
    ️· "Up to" Values: Many values are given as "up to." This means that the actual value can be lower, and the datasheet may have more specific limits based on test conditions.
    ️· "Note 6," "Note 7," "Note 10": There are notes that reference additional information or clarifications not included in the provided excerpt. Refer to the full datasheet for those details.
    ️· Device Variants: The datasheet appears to specify different values for different versions (suffixes) of the part (e.g., LT6230S6, LT6231S8). Carefully select the correct values based on the specific part number.
    ️· Application Information: A full datasheet would have application circuits and guidance. This text does not.

    Part No.LT6230CS6
    ManufacturerLINER
    Size649 Kbytes
    Pages24 pages
    Description215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family