| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about WSX240-1000-R13 Datasheet
# Example questions:
➢ Which safety certifications does this power supply meet for use in the united kingdom?
➢ What is the maximum allowable ripple voltage for this power supply?
➢ How does the operating temperature range affect the full load performance of this power supply?
# WSX240-1000-R13 Power Supply
## Electrical Specifications
· Input Voltage Rating: 100-240VAC, 50-60Hz
· Input Voltage Range: 90-264VAC
· Input Current: 0.8A (RMS) @ 115VAC
· Max Inrush Current: 50A @ 115VAC (Cold Start)
· Output Voltage: 24.0VDC
· Output Current: 1A
· Regulation: ±5%
· Ripple: 200mVpk-pk Max
· No Load Power: < 100 mW
· Average Efficiency: 88% (Meets Level VI)
## Environmental Specifications
· Operating Temperature: 0°C to +45°C @ full load
· Storage Temperature: -20°C to 60°C
· Humidity: 5% to 95%, Non-condensing
## Reliability Specifications
· Leakage Current: <0.25mA (264VAC)
· Dielectric Strength (Hi-pot): 4242VDC/3secs, 5mA Max
· Warranty: 5 years
## Mechanical Parameters
· Case Type: Thermoplastic molded enclosure
· Output Cord: 24 AWG, 6 ft long
## Safety & EMI
· ETL: UL/ANSI 60950 Class II, Double Insulated
· BS: 1363-1:1995 + A1:1997 + A2:2003 + A3:2007
· AS/NZS: AS/NZS 60950.1:2011 + A1, AS/NZS 60065:2012
· GS (S50311479): EN 60950-1: 2006 + A11+A1+A12+A2
· EMI Standard: FCC Part 15 Class B, EN 61204-3:2000
· Over voltage and short circuit protected
## Compliance
· EISA 2007/CEC: Meets minimum efficiency requirements
· RoHS: Meets 2011/65/EU requirements
# WSX240-1000-R13 Power Supply
## Electrical Specifications
· Input Voltage Rating: 100-240VAC, 50-60Hz
· Input Voltage Range: 90-264VAC
· Input Current: 0.8A (RMS) @ 115VAC
· Max Inrush Current: 50A @ 115VAC (Cold Start)
· Output Voltage: 24.0VDC
· Output Current: 1A
· Regulation: ±5%
· Ripple: 200mVpk-pk Max
· No Load Power: < 100 mW
· Average Efficiency: 88% (Meets Level VI)
## Environmental Specifications
· Operating Temperature: 0°C to +45°C @ full load
· Storage Temperature: -20°C to 60°C
· Humidity: 5% to 95%, Non-condensing
## Reliability Specifications
· Leakage Current: <0.25mA (264VAC)
· Dielectric Strength (Hi-pot): 4242VDC/3secs, 5mA Max
· Warranty: 5 years
## Mechanical Parameters
· Case Type: Thermoplastic molded enclosure
· Output Cord: 24 AWG, 6 ft long
## Safety & EMI
· ETL: UL/ANSI 60950 Class II, Double Insulated
· BS: 1363-1:1995 + A1:1997 + A2:2003 + A3:2007
· AS/NZS: AS/NZS 60950.1:2011 + A1, AS/NZS 60065:2012
· GS (S50311479): EN 60950-1: 2006 + A11+A1+A12+A2
· EMI Standard: FCC Part 15 Class B, EN 61204-3:2000
· Over voltage and short circuit protected
## Compliance
· EISA 2007/CEC: Meets minimum efficiency requirements
· RoHS: Meets 2011/65/EU requirements
| Part No. | WSX240-1000-R13 |
| Manufacturer | TRIAD |
| Size | 143 Kbytes |
| Pages | 1 page |
| Description | Wall Plug - Ins - Interchangeable |