![]() |
Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BA-1209S1HLF Datasheet
Example questions:
1. What is the typical output current for the BA-0512SH LF model in the 0.5 W Single Output SIL Package Style?
2. What is the input voltage for the BA-2409SH LF model in the 0.5 W Single Output SIL Package Style?
3. What is the maximum load regulation for the BA-0515DH LF model in the 0.5 W Single Output DIL Package Style?
## BA-SH LF Series Isolated DC-DC Converter - Summary
This document details the BA-SH LF series of isolated DC-DC converters, providing comprehensive information for engineers and designers.
**1.
Overview:**
* The BA-SH LF series offers isolated DC-DC conversion in a compact size, suitable for various applications.
* Available in both SIL (Surface Mount) and DIL (Through-Hole) package styles.
* Offers Single and Dual output configurations
* RoHS compliant.
**2.
Key Features and Specifications:**
* **Input Voltage Ranges:** 5V, 12V, and 24V models.
* **Output Power:** 0.5W and 1.0W.
* **Isolation:** 3000 Vdc (optionally 1000 Vdc).
* **Switching Frequency:** 80 KHz.
* **Operating Temperature:** -40°C to +85°C (ambient).
* **Package:** SIL and DIL.
* **Mechanical Dimensions:** Detailed drawings are provided for both SIL and DIL packages.
**3.
Electrical Specifications (Typical Values):**
| Parameter | Condition | Min | Typ | Max | Unit |
| ---------------------- | ------------------------------- | ---- | --- | ---- | ---- |
| Input Voltage Range | | 4.5 | 5 | 5.5 | Vdc |
| Input Voltage Range | | 10.8 | 12 | 13.2 | Vdc |
| Input Voltage Range | | 21.6 | 24 | 26.4 | Vdc |
| Line Regulation | 1.0% change in input | | | 1.3 | % |
| Output Voltage Accuracy | | | | 5.0 | % |
**4.
Ordering Information:**
* The ordering code follows a structure that includes information about the input voltage, output power, package type, and isolation voltage.
* **Example:** BA-xxyyDD1H LF
* "S" for SIL Package
* "D" for DIL Package
* “D” for Dual output, nothing for single output
* Suffix "H" for 3KVdc isolation, nothing for 1KVdc isolation
**5.
Important Notes:**
* **Power Derating:** A derating curve is provided, indicating reduced power output at higher temperatures.
* **Absolute Maximum Ratings:** Exceeding these values can damage the module.
These are *not* continuous operating ratings.
* **Mechanical Tolerance:** Mechanical dimensions are given with a tolerance of ± 0.25 mm (± 0.01 inch).
This summary provides a concise overview of the BA-SH LF series.
Refer to the full document for complete technical specifications and detailed information.
Part No. | BA-1209S1HLF |
Manufacturer | BOTHHAND |
Size | 437 Kbytes |
Pages | 7 pages |
Description | 0.5 To 1 Watt Isolated DC-DC Converter |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |