Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP339M Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LP339M Datasheet

  • # Example questions: ➢ What are the two distinct modes of operation for the lp339's output section and how do they affect the output sink current?
    ➢ What is the primary reason national semiconductor includes a 'life support policy' disclaimer?
    ➢ What is the typical supply current of the lp339 and how does the document describe its relationship to the power supply voltage?

  • Part No.LP339M
    ManufacturerNSC
    Size228 Kbytes
    Pages11 pages
    DescriptionUltra-Low Power Quad Comparator
    Datasheet Summary with AI

    1. Overview & Functionality:

    ️· What it is: The LP339 is a quad (four) comparator integrated circuit. It's a versatile device used for comparing two voltages.
    ️· Applications: The datasheet highlights a *very* wide range of applications including:
    - Time-delay generators
    - Pulse generators
    - Squarewave oscillators
    - LED drivers
    - Relay drivers
    - Buzzer drivers
    - Audio peak indicators
    - Comparators with hysteresis
    - Zero-crossing detectors
    - Voltage comparators for opposite polarity inputs

    2. Key Features & Technical Details:

    ️· Quad Comparator: Contains four independent comparators within a single package.
    ️· Bi-Modal Output: A unique output design that allows for both high-current sinking (Darlington mode) and lower-current operation, depending on the output voltage.
    - Darlington Mode (Vout > ~1.5V): Can drive LEDs, relays, etc. (high current capability)
    - Grounded Emitter Mode (Vout < ~0.8V): Lower current sink capability.
    ️· Wide Supply Voltage Range: Operates with a supply voltage between 2V and 30V.
    ️· Uncommitted Output: Outputs can be tied together for ORing functions.
    ️· Input Protection: Can handle voltage differences between inputs that exceed the supply voltage (but requires careful design to avoid damage). Input clamp diodes are recommended.
    ️· Low Power Consumption: Designed for low supply current.
    ️· Single or Split-Supply Operation: Can be used with a single power supply or a split-supply configuration.

    3. Design Considerations & Application Hints:

    ️· Unused Comparators: Tie unused comparator inputs to the negative supply voltage.
    ️· Input Protection: Protect inputs from negative voltages (use clamp diodes).
    ️· Output Biasing: Can be connected to the power supply to act as an OR-gate.
    ️· Understand Output Modes: Recognize the bi-modal output characteristics to optimize circuit performance.

    4. Package Information:

    ️· The datasheet provides dimensions and ordering information for both the SO (Small Outline) and DIP (Dual In-Line Package) versions of the LP339.

    5. Important Notes/Legal Disclaimer:

    ️· Contains a "Life Support Policy" regarding the use of the IC in critical medical applications.
    ️· Standard legal disclaimers regarding responsibility for circuit design and patent licenses.



    In essence, the LP339 is a highly versatile and relatively easy-to-use comparator ideal for a wide array of voltage comparison and signal conditioning applications.

    1. Overview & Functionality:

    ️· What it is: The LP339 is a quad (four) comparator integrated circuit. It's a versatile device used for comparing two voltages.
    ️· Applications: The datasheet highlights a *very* wide range of applications including:
    - Time-delay generators
    - Pulse generators
    - Squarewave oscillators
    - LED drivers
    - Relay drivers
    - Buzzer drivers
    - Audio peak indicators
    - Comparators with hysteresis
    - Zero-crossing detectors
    - Voltage comparators for opposite polarity inputs

    2. Key Features & Technical Details:

    ️· Quad Comparator: Contains four independent comparators within a single package.
    ️· Bi-Modal Output: A unique output design that allows for both high-current sinking (Darlington mode) and lower-current operation, depending on the output voltage.
    - Darlington Mode (Vout > ~1.5V): Can drive LEDs, relays, etc. (high current capability)
    - Grounded Emitter Mode (Vout < ~0.8V): Lower current sink capability.
    ️· Wide Supply Voltage Range: Operates with a supply voltage between 2V and 30V.
    ️· Uncommitted Output: Outputs can be tied together for ORing functions.
    ️· Input Protection: Can handle voltage differences between inputs that exceed the supply voltage (but requires careful design to avoid damage). Input clamp diodes are recommended.
    ️· Low Power Consumption: Designed for low supply current.
    ️· Single or Split-Supply Operation: Can be used with a single power supply or a split-supply configuration.

    3. Design Considerations & Application Hints:

    ️· Unused Comparators: Tie unused comparator inputs to the negative supply voltage.
    ️· Input Protection: Protect inputs from negative voltages (use clamp diodes).
    ️· Output Biasing: Can be connected to the power supply to act as an OR-gate.
    ️· Understand Output Modes: Recognize the bi-modal output characteristics to optimize circuit performance.

    4. Package Information:

    ️· The datasheet provides dimensions and ordering information for both the SO (Small Outline) and DIP (Dual In-Line Package) versions of the LP339.

    5. Important Notes/Legal Disclaimer:

    ️· Contains a "Life Support Policy" regarding the use of the IC in critical medical applications.
    ️· Standard legal disclaimers regarding responsibility for circuit design and patent licenses.



    In essence, the LP339 is a highly versatile and relatively easy-to-use comparator ideal for a wide array of voltage comparison and signal conditioning applications.

    Part No.LP339M
    ManufacturerNSC
    Size228 Kbytes
    Pages11 pages
    DescriptionUltra-Low Power Quad Comparator