| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TPTE-W2 Datasheet
# Example questions:
➢ What are the acceptable operating and storage temperature ranges for these dc-dc converters?
➢ What is the maximum load regulation percentage for 3v output types?
➢ What is the typical switching frequency for all output types of these dc-dc converters?
# TPTE-W2 Series DC/DC Converters
## Overview
️· 0.25W, low power, high efficiency DC/DC converters in SMD package.
️· Suitable for applications requiring noise reduction, voltage isolation, and voltage conversion.
️· RoHS compliant and CE certified.
## Key Features
️· Power: 0.25W
️· Isolation: 1.5KVDC / 3KVDC options available.
️· Input Voltage: 3.3V, 5V, 12V
️· Output Voltage: 3.3V, 5V, 9V, 12V, 15V
️· Efficiency: Up to 76%
️· Package: SMD
️· Operating Temperature: -40°C to 105°C
️· Footprint: 1.37cm²
## Selection Guide (Examples)
️· TPTE0303-W2: 3.3V input, 3.3V output, 75.7/7.57mA, 68% efficiency.
️· TPTE0505-W2: 5V input, 5V output, 51/5.1mA, 71% efficiency.
️· TPTE1215-W2: 12V input, 15V output, 17/1.7mA, 76% efficiency.
## Absolute Maximum Ratings
️· Short-circuit protection: 1 second
️· Lead temperature: 300°C (1.5mm from case for 10 seconds)
️· Internal power dissipation: 610mW
## Input Characteristics
️· Voltage Range:
- 3.3V input: 2.9V - 3.6V
- 5V input: 4.5V - 5.5V
- 12V input: 11V - 13.3V
## Pin Connections (8-Pin SMD)
️· 1: -Vin
️· 3: +Vin
️· 5: NA (No Pin)
️· 7: -Vout
️· 8: +Vout
️· 10: NA
️· 12: NA
## Suffix Options
️· “P”: Continuous short-circuit protection.
️· “X”: No 5, 10, 12 pin.
️· /3H: 3KVDC isolation.
# TPTE-W2 Series DC/DC Converters
## Overview
️· 0.25W, low power, high efficiency DC/DC converters in SMD package.
️· Suitable for applications requiring noise reduction, voltage isolation, and voltage conversion.
️· RoHS compliant and CE certified.
## Key Features
️· Power: 0.25W
️· Isolation: 1.5KVDC / 3KVDC options available.
️· Input Voltage: 3.3V, 5V, 12V
️· Output Voltage: 3.3V, 5V, 9V, 12V, 15V
️· Efficiency: Up to 76%
️· Package: SMD
️· Operating Temperature: -40°C to 105°C
️· Footprint: 1.37cm²
## Selection Guide (Examples)
️· TPTE0303-W2: 3.3V input, 3.3V output, 75.7/7.57mA, 68% efficiency.
️· TPTE0505-W2: 5V input, 5V output, 51/5.1mA, 71% efficiency.
️· TPTE1215-W2: 12V input, 15V output, 17/1.7mA, 76% efficiency.
## Absolute Maximum Ratings
️· Short-circuit protection: 1 second
️· Lead temperature: 300°C (1.5mm from case for 10 seconds)
️· Internal power dissipation: 610mW
## Input Characteristics
️· Voltage Range:
- 3.3V input: 2.9V - 3.6V
- 5V input: 4.5V - 5.5V
- 12V input: 11V - 13.3V
## Pin Connections (8-Pin SMD)
️· 1: -Vin
️· 3: +Vin
️· 5: NA (No Pin)
️· 7: -Vout
️· 8: +Vout
️· 10: NA
️· 12: NA
## Suffix Options
️· “P”: Continuous short-circuit protection.
️· “X”: No 5, 10, 12 pin.
️· /3H: 3KVDC isolation.
| Part No. | TPTE-W2 |
| Manufacturer | TOPPOWER |
| Size | 652 Kbytes |
| Pages | 3 pages |
| Description | 0.25W 1.5KVDC Isolated Single Output SMD DC/DC Converters |