Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPE2403S Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TPE2403S Datasheet

  • # Example questions: ➢ What is the peak wave solder temperature compatible with rohs systems?
    ➢ What is the isolation test voltage for the dip package?
    ➢ What is the maximum input voltage for the tpe24 model?

  • Part No.TPE2403S
    ManufacturerTOPPOWER
    Size634 Kbytes
    Pages3 pages
    Description1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
    Datasheet Summary with AI

    # TPE 15V, 24V & 48V Series DC/DC Converters

    ## Overview
    These are miniature, isolated 1W DC/DC converters available in SIP and DIP packages, designed for space-critical applications requiring board-level power distribution. They offer high performance at a low cost, with features like small size, improved efficiency, and low output ripple noise.

    ## Key Features
    ️· Isolation: SIP: 1.5KVDC, DIP: 2KVDC
    ️· Efficiency: Up to 81%
    ️· Power Density: 1.45W/cm³
    ️· Package Options: SIP and DIP
    ️· Input Voltage: 15V, 24V, 48V
    ️· Output Voltage: 3.3V, 5V, 9V, 12V, 15V, 24V
    ️· Operating Temperature: -40°C to 105°C
    ️· RoHS Compliant & CE Certified

    ## Selection Guide
    The series includes various models with different input and output voltages. Detailed specifications (voltage, current, efficiency) are provided in a tabular format in the datasheet.

    ## Input/Output Characteristics
    ️· Input Voltage Range: Varies depending on the model (15V, 24V, 48V)

    ️· Rated Power: 1.0W
    ️· Line Regulation: Up to 1.2%
    ️· Load Regulation: 10-15% (depending on output voltage)

    ## Absolute Maximum Ratings
    ️· Short-circuit protection: 1 second
    ️· Lead Temperature: 300°C for 10 seconds
    ️· Input Voltage: 18V (15V input), 28V (24V input), 54V (48V input)

    ## Additional Information
    ️· Short Circuit Protection: Available with the "P" suffix (e.g., TPE2405SP).
    ️· Soldering: Compatible with RoHS and Sn/Pb soldering systems with a peak wave solder temperature of 300°C.
    ️· Switching Frequency: 100 kHz.

    # TPE 15V, 24V & 48V Series DC/DC Converters

    ## Overview
    These are miniature, isolated 1W DC/DC converters available in SIP and DIP packages, designed for space-critical applications requiring board-level power distribution. They offer high performance at a low cost, with features like small size, improved efficiency, and low output ripple noise.

    ## Key Features
    ️· Isolation: SIP: 1.5KVDC, DIP: 2KVDC
    ️· Efficiency: Up to 81%
    ️· Power Density: 1.45W/cm³
    ️· Package Options: SIP and DIP
    ️· Input Voltage: 15V, 24V, 48V
    ️· Output Voltage: 3.3V, 5V, 9V, 12V, 15V, 24V
    ️· Operating Temperature: -40°C to 105°C
    ️· RoHS Compliant & CE Certified

    ## Selection Guide
    The series includes various models with different input and output voltages. Detailed specifications (voltage, current, efficiency) are provided in a tabular format in the datasheet.

    ## Input/Output Characteristics
    ️· Input Voltage Range: Varies depending on the model (15V, 24V, 48V)
    ️· Rated Power: 1.0W
    ️· Line Regulation: Up to 1.2%
    ️· Load Regulation: 10-15% (depending on output voltage)

    ## Absolute Maximum Ratings
    ️· Short-circuit protection: 1 second
    ️· Lead Temperature: 300°C for 10 seconds
    ️· Input Voltage: 18V (15V input), 28V (24V input), 54V (48V input)

    ## Additional Information
    ️· Short Circuit Protection: Available with the "P" suffix (e.g., TPE2405SP).
    ️· Soldering: Compatible with RoHS and Sn/Pb soldering systems with a peak wave solder temperature of 300°C.
    ️· Switching Frequency: 100 kHz.

    Part No.TPE2403S
    ManufacturerTOPPOWER
    Size634 Kbytes
    Pages3 pages
    Description1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters