Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPE1203S Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TPE1203S Datasheet

  • # Example questions: ➢ What is the typical switching frequency for a module with a 12v input?
    ➢ What is the peak wave solder temperature compatible with this series of power modules?
    ➢ What is the storage temperature range specified for this series of power modules?

  • Part No.TPE1203S
    ManufacturerTOPPOWER
    Size447 Kbytes
    Pages3 pages
    Description1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
    Datasheet Summary with AI

    # TPE 3.3V, 5V & 12V Series DC/DC Converters

    ## DESCRIPTION

    The TPE series are miniature, isolated 1W DC/DC converters available in SIP and DIP packages, designed for space-critical applications. They offer high performance at a low cost with improved efficiency and reduced ripple noise.

    ## FEATURES

    ️· RoHS compliant
    ️· Single isolated output
    ️· SIP: 1KVDC isolation
    ️· DIP: 2KVDC isolation
    ️· Efficiency up to 81%
    ️· Operating temperature: -40°C to 85°C
    ️· Power density: 1.53W/cm3
    ️· UL 94V-0 package material
    ️· Footprint: 0.69cm2
    ️· Industry standard pinout
    ️· Input Voltage: 3.3V, 5V, 12V
    ️· Output Voltage: 3.3V, 5V, 9V, 12V, 15V & 24V
    ️· CE certification

    ## SELECTION GUIDE

    Part Number Input Voltage (V) Output Voltage (V) Output Current (mA) Efficiency (%) Package Style
    TPE0303D 3.3 3.3 303/30.3 72 DIP
    TPE0305D 3.3 5 200/20 74 DIP
    TPE0303S 3.3 3.3 303/30.3 72 SIP
    TPE0305S 3.3 5 200/20 74 SIP
    TPE0503D 5 3.3 303/30.3 72 DIP
    TPE0505D 5 5 200/20 68 DIP
    TPE0509D 5 9 110/11 78 DIP
    TPE0512D 5 12 83/8.3 77 DIP
    TPE0515D 5 15 66/6.6 81 DIP
    TPE0524D 5 24 42/4.2 80 DIP
    TPE0503S 5 3.3 303/30.3 72 SIP
    TPE0505S 5 5 200/20 70 SIP
    TPE0509S 5 9 110/11 78 SIP
    TPE0512S 5 12 83/8.3 78 SIP
    TPE0515S 5 15 66/6.6 80 SIP
    TPE0524S 5 24 42/4.2 79 SIP
    TPE1203D 12 3.3 303/30.3 72 DIP
    TPE1205D 12 5 200/20 69 DIP
    TPE1209D 12 9 110/11 74 DIP
    TPE1212D 12 12 83/8.3 76 DIP
    TPE1215D 12 15 66/6.6 75 DIP
    TPE1203S 12 3.3 303/30.3 72 SIP
    TPE1205S 12 5 200/20 71 SIP
    TPE1209S 12 9 110/11 73 SIP
    TPE1212S 12 12 83/8.3 76 SIP
    TPE1215S 12 15 66/6.6 74 SIP

    ## INPUT CHARACTERISTICS

    ️· Voltage Range:
    - 3.3V Input: 2.9 - 3.6V
    - 5V Input: 4.5 - 5.5V
    - 12V Input: 10.8 - 13.2V
    ️· Reflected Ripple Current: 26 - 48mA p-p

    ## ISOLATION CHARACTERISTICS

    ️· Isolation Test Voltage (SIP): 1000 VDC (1 second)
    ️· Isolation Test Voltage (DIP): 2000 VDC (1 second)
    ️· Resistance (Viso=1000VDC): 1 GΩ

    ## OUTPUT CHARACTERISTICS

    ️· Rated Power: 1.0W (-40°C to 85°C)
    ️· Line Regulation: 1.0 - 1.2%
    ️· Load Regulation (3.3V): 14 - 15%
    ️· Load Regulation (5V): 14 - 15%
    ️· Load Regulation (9V): 9 - 10%
    ️· Load Regulation (12V): 7.5 - 9.5%
    ️· Load Regulation (15V): 7.0 - 8.5%
    ️· Load Regulation (24V): 5.5 - 7.5%

    ## GENERAL CHARACTERISTICS

    ️· Switching Frequency (3.3V Input): 95 kHz
    ️· Switching Frequency (5V Input): 110 kHz
    ️· Switching Frequency (12V Input): 145 kHz

    ## TEMPERATURE CHARACTERISTICS

    ️· Operating Temperature: -40°C to 85°C
    ️· Storage Temperature: -55°C to 150°C

    ## SOLDERING INFORMATION

    Compatible with RoHS soldering systems (300°C for 10 seconds) and Sn/Pb soldering systems.

    ## SHORT CIRCUIT PROTECTION

    Adding the suffix "P" to the part number enables continuous short circuit protection (e.g., TPE0505SP).

    # TPE 3.3V, 5V & 12V Series DC/DC Converters

    ## DESCRIPTION

    The TPE series are miniature, isolated 1W DC/DC converters available in SIP and DIP packages, designed for space-critical applications. They offer high performance at a low cost with improved efficiency and reduced ripple noise.

    ## FEATURES

    ️· RoHS compliant
    ️· Single isolated output
    ️· SIP: 1KVDC isolation
    ️· DIP: 2KVDC isolation
    ️· Efficiency up to 81%
    ️· Operating temperature: -40°C to 85°C
    ️· Power density: 1.53W/cm3
    ️· UL 94V-0 package material
    ️· Footprint: 0.69cm2
    ️· Industry standard pinout
    ️· Input Voltage: 3.3V, 5V, 12V
    ️· Output Voltage: 3.3V, 5V, 9V, 12V, 15V & 24V
    ️· CE certification

    ## SELECTION GUIDE

    Part Number Input Voltage (V) Output Voltage (V) Output Current (mA) Efficiency (%) Package Style
    TPE0303D 3.3 3.3 303/30.3 72 DIP
    TPE0305D 3.3 5 200/20 74 DIP
    TPE0303S 3.3 3.3 303/30.3 72 SIP
    TPE0305S 3.3 5 200/20 74 SIP
    TPE0503D 5 3.3 303/30.3 72 DIP
    TPE0505D 5 5 200/20 68 DIP
    TPE0509D 5 9 110/11 78 DIP
    TPE0512D 5 12 83/8.3 77 DIP
    TPE0515D 5 15 66/6.6 81 DIP
    TPE0524D 5 24 42/4.2 80 DIP
    TPE0503S 5 3.3 303/30.3 72 SIP
    TPE0505S 5 5 200/20 70 SIP
    TPE0509S 5 9 110/11 78 SIP
    TPE0512S 5 12 83/8.3 78 SIP
    TPE0515S 5 15 66/6.6 80 SIP
    TPE0524S 5 24 42/4.2 79 SIP
    TPE1203D 12 3.3 303/30.3 72 DIP
    TPE1205D 12 5 200/20 69 DIP
    TPE1209D 12 9 110/11 74 DIP
    TPE1212D 12 12 83/8.3 76 DIP
    TPE1215D 12 15 66/6.6 75 DIP
    TPE1203S 12 3.3 303/30.3 72 SIP
    TPE1205S 12 5 200/20 71 SIP
    TPE1209S 12 9 110/11 73 SIP
    TPE1212S 12 12 83/8.3 76 SIP
    TPE1215S 12 15 66/6.6 74 SIP

    ## INPUT CHARACTERISTICS

    ️· Voltage Range:
    - 3.3V Input: 2.9 - 3.6V
    - 5V Input: 4.5 - 5.5V
    - 12V Input: 10.8 - 13.2V
    ️· Reflected Ripple Current: 26 - 48mA p-p

    ## ISOLATION CHARACTERISTICS

    ️· Isolation Test Voltage (SIP): 1000 VDC (1 second)
    ️· Isolation Test Voltage (DIP): 2000 VDC (1 second)
    ️· Resistance (Viso=1000VDC): 1 GΩ

    ## OUTPUT CHARACTERISTICS

    ️· Rated Power: 1.0W (-40°C to 85°C)
    ️· Line Regulation: 1.0 - 1.2%
    ️· Load Regulation (3.3V): 14 - 15%
    ️· Load Regulation (5V): 14 - 15%
    ️· Load Regulation (9V): 9 - 10%
    ️· Load Regulation (12V): 7.5 - 9.5%
    ️· Load Regulation (15V): 7.0 - 8.5%
    ️· Load Regulation (24V): 5.5 - 7.5%

    ## GENERAL CHARACTERISTICS

    ️· Switching Frequency (3.3V Input): 95 kHz
    ️· Switching Frequency (5V Input): 110 kHz
    ️· Switching Frequency (12V Input): 145 kHz

    ## TEMPERATURE CHARACTERISTICS

    ️· Operating Temperature: -40°C to 85°C
    ️· Storage Temperature: -55°C to 150°C

    ## SOLDERING INFORMATION

    Compatible with RoHS soldering systems (300°C for 10 seconds) and Sn/Pb soldering systems.

    ## SHORT CIRCUIT PROTECTION

    Adding the suffix "P" to the part number enables continuous short circuit protection (e.g., TPE0505SP).

    Part No.TPE1203S
    ManufacturerTOPPOWER
    Size447 Kbytes
    Pages3 pages
    Description1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters