| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MX62 Datasheet
# Example questions:
➢ What is the maximum current supported by the power and ground lines of this connector?
➢ Besides usb 0, what other types of high-speed transmissions is this connector compatible with?
➢ What is the operating temperature range for which this mx62 series connector is specified?
# NEW USB3.0 High-speed Transmission Connector for Automotive CONNECTOR
MB-0298-1
# MX62 Series 2015/7/27
## Product Overview
The MX62 Series is a USB3.0 high-speed transmission connector designed for automotive applications. It's compatible with USB3.0 transmission specifications and meets mechanical and environmental requirements for automotive use.
## Features
· USB 3.0 Compatibility: Supports USB 3.0 transmission specification.
· High-Speed Data Transfer: Differential line compatible with 5Gbps and 480Mbps.
· EMI Control: Double metal shell shielding structure.
· Robust Design: Suitable for automotive on-board use.
· Available Configurations: Right Angle, Socket, and In-line connector options.
· Harness Availability: Primarily sold as a completed harness for performance reliability.
· RoHS Compliant
## Specifications
· Number of Contacts: 10 pos.
· Operating Temperature: -40°C to +85°C
· Contact Resistance: 8mΩ max. (initial)
· Insulation Resistance: 100MΩ min. (when mated)
· Rated Current: 2.2A (power / GND line)
· Dielectric Withstanding Voltage: AC 1,000V (applied for 1 minute when mated)
· Applicable Board: 1.6 mm
· Applicable Wire: Shielded Twist Pair Cable
## Materials
| Component | Material / Finish |
|---|---|
| Outer Housing (Right Angle & In-line) | PPS-GF40 |
| Inner Housing (All) | LCP-GF35 |
| Terminal (Right Angle & In-line) | Brass / Contact area Au plating, Connection area Sn plating |
| Terminal (Socket) | Copper Alloy / Contact area Au plating, Connection area Sn plating |
| Inner Shell | Copper alloy / Sn plating |
| Outer Shell | Brass / Sn plating |
| Sleeve | Brass / Sn plating |
# NEW USB3.0 High-speed Transmission Connector for Automotive CONNECTOR
MB-0298-1
# MX62 Series 2015/7/27
## Product Overview
The MX62 Series is a USB3.0 high-speed transmission connector designed for automotive applications. It's compatible with USB3.0 transmission specifications and meets mechanical and environmental requirements for automotive use.
## Features
· USB 3.0 Compatibility: Supports USB 3.0 transmission specification.
· High-Speed Data Transfer: Differential line compatible with 5Gbps and 480Mbps.
· EMI Control: Double metal shell shielding structure.
· Robust Design: Suitable for automotive on-board use.
· Available Configurations: Right Angle, Socket, and In-line connector options.
· Harness Availability: Primarily sold as a completed harness for performance reliability.
· RoHS Compliant
## Specifications
· Number of Contacts: 10 pos.
· Operating Temperature: -40°C to +85°C
· Contact Resistance: 8mΩ max. (initial)
· Insulation Resistance: 100MΩ min. (when mated)
· Rated Current: 2.2A (power / GND line)
· Dielectric Withstanding Voltage: AC 1,000V (applied for 1 minute when mated)
· Applicable Board: 1.6 mm
· Applicable Wire: Shielded Twist Pair Cable
## Materials
| Component | Material / Finish |
|---|---|
| Outer Housing (Right Angle & In-line) | PPS-GF40 |
| Inner Housing (All) | LCP-GF35 |
| Terminal (Right Angle & In-line) | Brass / Contact area Au plating, Connection area Sn plating |
| Terminal (Socket) | Copper Alloy / Contact area Au plating, Connection area Sn plating |
| Inner Shell | Copper alloy / Sn plating |
| Outer Shell | Brass / Sn plating |
| Sleeve | Brass / Sn plating |
| Part No. | MX62 |
| Manufacturer | JAE |
| Size | 235 Kbytes |
| Pages | 5 pages |
| Description | USB3.0 High-speed Transmission Connector for Automotive |