| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ST1L-12S15(H)LF Datasheet
# Example questions:
➢ How does the output current (±) change as the output voltage (±) increases within the dual output series models (e.g., comparing st1l-05d05 to st1l-05d15)?
➢ What is the typical input current at no load for the st1l-24d12(h) lf model?
➢ What are the two isolation voltage options available for the mechanical dimensions listed in the datasheet?
1. Product Overview
· Product: ST1L LF Series Isolated DC/DC Converters
· Power: 1 Watt
· Manufacturer: Bothhand USA (website and contact information provided)
2. Two Types of Converters
The series offers two main configurations:
· Single Output Series: Provides a single positive or negative voltage.
· Dual Output Series: Provides two separate positive/negative voltages.
3. Technical Specifications
A. Single Output Series
| Model No. | Input Voltage (Vdc) | Output Voltage (Vdc) | Output Current (mA) | No Load Input Current (mA) (Typ) | Full Load Input Current (mA) (Typ) | Output Ripple (mV) (Max) | Load Regulation (%) (Max) | Efficiency (%) (Typ) | Isolation Voltage |
|---|---|---|---|---|---|---|---|---|---|
| (Not Provided, but there's a table to fill in) | 1KVdc or 3KVdc |
| Model No. | Input Voltage (Vdc) | Output 1 Voltage (Vdc) | Output 1 Current (mA) | Output 2 Voltage (Vdc) | Output 2 Current (mA) | No Load Input Current (mA) (Typ) | Full Load Input Current (mA) (Typ) | Output Ripple (mV) (Max) | Load Regulation (%) (Max) | Efficiency (%) (Typ) | Isolation Voltage |
|---|---|---|---|---|---|---|---|---|---|---|---|
| ST1L-05D05(H) LF | 5 | ±5 | ±100 | 28 | 281 | 60 | ±12 | 71 | |||
| ST1L-05D09(H) LF | ±9 | ±56 | 24 | 256 | 80 | ±12 | 78 | ||||
| ST1L-05D12(H) LF | ±12 | ±42 | 24 | 258 | 100 | ±10 | 78 | ||||
| ST1L-05D15(H) LF | ±15 | ±34 | 26 | 252 | 120 | ±10 | 81 | ||||
| ST1L-12D05(H) LF | 12 | ±5 | ±100 | 15 | 114 | 60 | ±12 | 73 | |||
| ST1L-12D09(H) LF | ±9 | ±56 | 15 | 106 | 80 | ±12 | 79 | ||||
| ST1L-12D12(H) LF | ±12 | ±42 | 15 | 103 | 100 | ±10 | 81 | ||||
| ST1L-12D15(H) LF | ±15 | ±34 | 15 | 102 | 120 | ±10 | 83 | ||||
| ST1L-24D3R3(H) LF | 24 | ±3.3 | ±100 | 6 | 45 | 60 | ±12 | 66 | |||
| ST1L-24D05(H) LF | 24 | ±5 | ±100 | 7 | 58 | 60 | ±8 | 76 | |||
| ST1L-24D09(H) LF | 24 | ±9 | ±56 | 8 | 57 | 80 | ±5 | 78 | |||
| ST1L-24D12(H) LF | 24 | ±12 | ±42 | 7 | 56 | 100 | ±5 | 80 | |||
| ST1L-24D15(H) LF | 24 | ±15 | ±34 | 10 | 60 | 120 | ±5 | 75 |
1. Product Overview
· Product: ST1L LF Series Isolated DC/DC Converters
· Power: 1 Watt
· Manufacturer: Bothhand USA (website and contact information provided)
2. Two Types of Converters
The series offers two main configurations:
· Single Output Series: Provides a single positive or negative voltage.
· Dual Output Series: Provides two separate positive/negative voltages.
3. Technical Specifications
A. Single Output Series
| Model No. | Input Voltage (Vdc) | Output Voltage (Vdc) | Output Current (mA) | No Load Input Current (mA) (Typ) | Full Load Input Current (mA) (Typ) | Output Ripple (mV) (Max) | Load Regulation (%) (Max) | Efficiency (%) (Typ) | Isolation Voltage |
|---|---|---|---|---|---|---|---|---|---|
| (Not Provided, but there's a table to fill in) | 1KVdc or 3KVdc |
| Model No. | Input Voltage (Vdc) | Output 1 Voltage (Vdc) | Output 1 Current (mA) | Output 2 Voltage (Vdc) | Output 2 Current (mA) | No Load Input Current (mA) (Typ) | Full Load Input Current (mA) (Typ) | Output Ripple (mV) (Max) | Load Regulation (%) (Max) | Efficiency (%) (Typ) | Isolation Voltage |
|---|---|---|---|---|---|---|---|---|---|---|---|
| ST1L-05D05(H) LF | 5 | ±5 | ±100 | 28 | 281 | 60 | ±12 | 71 | |||
| ST1L-05D09(H) LF | ±9 | ±56 | 24 | 256 | 80 | ±12 | 78 | ||||
| ST1L-05D12(H) LF | ±12 | ±42 | 24 | 258 | 100 | ±10 | 78 | ||||
| ST1L-05D15(H) LF | ±15 | ±34 | 26 | 252 | 120 | ±10 | 81 | ||||
| ST1L-12D05(H) LF | 12 | ±5 | ±100 | 15 | 114 | 60 | ±12 | 73 | |||
| ST1L-12D09(H) LF | ±9 | ±56 | 15 | 106 | 80 | ±12 | 79 | ||||
| ST1L-12D12(H) LF | ±12 | ±42 | 15 | 103 | 100 | ±10 | 81 | ||||
| ST1L-12D15(H) LF | ±15 | ±34 | 15 | 102 | 120 | ±10 | 83 | ||||
| ST1L-24D3R3(H) LF | 24 | ±3.3 | ±100 | 6 | 45 | 60 | ±12 | 66 | |||
| ST1L-24D05(H) LF | 24 | ±5 | ±100 | 7 | 58 | 60 | ±8 | 76 | |||
| ST1L-24D09(H) LF | 24 | ±9 | ±56 | 8 | 57 | 80 | ±5 | 78 | |||
| ST1L-24D12(H) LF | 24 | ±12 | ±42 | 7 | 56 | 100 | ±5 | 80 | |||
| ST1L-24D15(H) LF | 24 | ±15 | ±34 | 10 | 60 | 120 | ±5 | 75 |
| Part No. | ST1L-12S15(H)LF |
| Manufacturer | BOTHHAND |
| Size | 179 Kbytes |
| Pages | 2 pages |
| Description | 1W Isolated DC/DC Converter |
| Politique de confidentialité |
| ALLDATASHEET.FR |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |