Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B200008 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about B200008 Datasheet

  • # Example questions: ➢ What is the typical forward current for both the green and yellow leds?
    ➢ How does the luminous intensity of the yellow led compare to that of the green led?
    ➢ What is the specified operating temperature range for this component?

  • Part No.B200008
    ManufacturerE-SWITCH
    Size226 Kbytes
    Pages1 page
    DescriptionALL DIMENSIONS IN MM [INCH]
    Datasheet Summary with AI

    # TL1260GYQRBLK (BI-COLOR) Switch

    ## General Specifications

    ️· Proprietary Information: The information contained within is proprietary to E-Switch and cannot be copied or transferred.
    ️· RoHS Compliant: 2002/95/EC (ROHS) compliant.
    ️· Packaging: 100 pieces per tray.
    ️· Circuit: SPST
    ️· Cap Color: Black
    ️· LED Color: Green/Yellow
    ️· Revision History: Multiple revisions noted (B200008, C19542, D19956, E21664) with corresponding dates and responsible parties.

    ## Electrical Characteristics

    ️· Rating: 12VDC @ 50mA
    ️· Forward Current: 20mA (typical) for both Green and Yellow LEDs
    ️· Forward Voltage: 2.0V typical, 2.5V maximum for both Green and Yellow LEDs
    ️· Luminous Intensity: 120 mcd (typical) for Green LED; 200 mcd (typical) for Yellow LED
    ️· Contact Resistance: 100mΩ
    ️· Insulation Resistance: 100MΩ minimum

    ️· Operating Force: 160-50gf
    ️· Travel: 0.2mm typical, 0.1mm tolerance

    ## Mechanical Specifications

    ️· Dimensions: (mm [inch]) - See provided dimensions. Multiple dimensions listed for various points on the switch.
    ️· Operating Temperature: -20°C to 70°C
    ️· Operating Life: 500,000 cycles

    ## Notes

    ️· All dimensions are in mm [inch].
    ️· General tolerance: X.X = ±0.4; X.XX = ±0.25.
    ️· Denotes critical parameter.

    # TL1260GYQRBLK (BI-COLOR) Switch

    ## General Specifications

    ️· Proprietary Information: The information contained within is proprietary to E-Switch and cannot be copied or transferred.
    ️· RoHS Compliant: 2002/95/EC (ROHS) compliant.
    ️· Packaging: 100 pieces per tray.
    ️· Circuit: SPST
    ️· Cap Color: Black
    ️· LED Color: Green/Yellow
    ️· Revision History: Multiple revisions noted (B200008, C19542, D19956, E21664) with corresponding dates and responsible parties.

    ## Electrical Characteristics

    ️· Rating: 12VDC @ 50mA
    ️· Forward Current: 20mA (typical) for both Green and Yellow LEDs
    ️· Forward Voltage: 2.0V typical, 2.5V maximum for both Green and Yellow LEDs
    ️· Luminous Intensity: 120 mcd (typical) for Green LED; 200 mcd (typical) for Yellow LED
    ️· Contact Resistance: 100mΩ
    ️· Insulation Resistance: 100MΩ minimum
    ️· Operating Force: 160-50gf
    ️· Travel: 0.2mm typical, 0.1mm tolerance

    ## Mechanical Specifications

    ️· Dimensions: (mm [inch]) - See provided dimensions. Multiple dimensions listed for various points on the switch.
    ️· Operating Temperature: -20°C to 70°C
    ️· Operating Life: 500,000 cycles

    ## Notes

    ️· All dimensions are in mm [inch].
    ️· General tolerance: X.X = ±0.4; X.XX = ±0.25.
    ️· Denotes critical parameter.

    Part No.B200008
    ManufacturerE-SWITCH
    Size226 Kbytes
    Pages1 page
    DescriptionALL DIMENSIONS IN MM [INCH]