Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DPAD Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DPAD Datasheet

  • # Example questions: ➢ What is the typical forward voltage (vf) when a forward current of 1ma is applied?
    ➢ How does the maximum reverse leakage current (ir) vary between the dpad2 and sstdpad2 devices?
    ➢ What is the maximum allowable operating junction temperature for this dpad series?

  • Part No.DPAD
    ManufacturerLINEAR
    Size205 Kbytes
    Pages2 pages
    DescriptionMONOLITHIC DUAL PICO AMPERE DIODES
    Datasheet Summary with AI

    # DPAD Series Monolithic Dual Pico Ampere Diodes

    ## Features

    ️· Direct replacement for Siliconix DPAD series diodes.
    ️· High on isolation (20fA).
    ️· Excellent capacitance matching (∆CR ≤ 0.2pF).

    ## Absolute Maximum Ratings

    ️· Maximum Temperatures:
    - Storage Temperature: -65 to +150 °C
    - Operating Junction Temperature: -55 to +135 °C
    ️· Maximum Power Dissipation: Continuous Power Dissipation (DPAD): 500mW
    ️· Maximum Currents: Forward Current (DPAD): 50mA

    ## Common Electrical Characteristics

    Symbol Characteristic Min Typ Max Units Conditions
    BVR Reverse Breakdown Voltage DPAD1: -45 V IR = -1µA
    VF Forward Voltage 0.8 1.5 V IF = 1mA
    ∆CR Differential Capacitance DPAD1: 0.2 pF VR1 = VR2 = -5V, f = 1MHz
    Crss Total Reverse Capacitance DPAD1: 0.8 pF VR = -5V, f = 1MHz

    ## Specific Electrical Characteristics

    Symbol Characteristic DPAD2 SSTDPAD2 Units Conditions
    IR Maximum Reverse Leakage Current -2 -2 pA VR = -20V
    IR Maximum Reverse Leakage Current -5 -5 pA VR = -20V
    IR Maximum Reverse Leakage Current -10 -10 pA VR = -20V
    IR Maximum Reverse Leakage Current -20 -20 pA VR = -20V
    IR Maximum Reverse Leakage Current -50 -50 pA VR = -20V
    IR Maximum Reverse Leakage Current -100 -100 pA VR = -20V

    ## Applications

    ️· Operational Amplifier Protection (Input Differential Voltage limited to 0.8V typ)
    ️· Sample and Hold Circuits (Reduces offset voltages)

    ## Notes

    ️· The DPAD type number denotes maximum reverse current value in picoamperes.
    ️· Devices with intermediate IR values are available upon request.

    # DPAD Series Monolithic Dual Pico Ampere Diodes

    ## Features

    ️· Direct replacement for Siliconix DPAD series diodes.
    ️· High on isolation (20fA).
    ️· Excellent capacitance matching (∆CR ≤ 0.2pF).

    ## Absolute Maximum Ratings

    ️· Maximum Temperatures:
    - Storage Temperature: -65 to +150 °C
    - Operating Junction Temperature: -55 to +135 °C
    ️· Maximum Power Dissipation: Continuous Power Dissipation (DPAD): 500mW
    ️· Maximum Currents: Forward Current (DPAD): 50mA

    ## Common Electrical Characteristics

    Symbol Characteristic Min Typ Max Units Conditions
    BVR Reverse Breakdown Voltage DPAD1: -45 V IR = -1µA
    VF Forward Voltage 0.8 1.5 V IF = 1mA
    ∆CR Differential Capacitance DPAD1: 0.2 pF VR1 = VR2 = -5V, f = 1MHz
    Crss Total Reverse Capacitance DPAD1: 0.8 pF VR = -5V, f = 1MHz

    ## Specific Electrical Characteristics

    Symbol Characteristic DPAD2 SSTDPAD2 Units Conditions
    IR Maximum Reverse Leakage Current -2 -2 pA VR = -20V
    IR Maximum Reverse Leakage Current -5 -5 pA VR = -20V
    IR Maximum Reverse Leakage Current -10 -10 pA VR = -20V
    IR Maximum Reverse Leakage Current -20 -20 pA VR = -20V
    IR Maximum Reverse Leakage Current -50 -50 pA VR = -20V
    IR Maximum Reverse Leakage Current -100 -100 pA VR = -20V

    ## Applications

    ️· Operational Amplifier Protection (Input Differential Voltage limited to 0.8V typ)
    ️· Sample and Hold Circuits (Reduces offset voltages)

    ## Notes

    ️· The DPAD type number denotes maximum reverse current value in picoamperes.
    ️· Devices with intermediate IR values are available upon request.

    Part No.DPAD
    ManufacturerLINEAR
    Size205 Kbytes
    Pages2 pages
    DescriptionMONOLITHIC DUAL PICO AMPERE DIODES