| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DP8310 Datasheet
# Example questions:
➢ What two criteria define a component as 'critical' within a life support device or system?
➢ What is the primary difference between the dp8310 and dp8311 in terms of their functionality, as indicated in the logic tables?
➢ Describe one application and explain how the dp8310/11 is utilized in that specific scenario.
1. Product Overview:
️· Part Numbers: DP8310 and DP8311
️· Function: These are latching buffers designed for high-current driving applications. They allow for temporary storage of data and are suitable for driving various loads like LEDs, motors, and other devices.
2. Key Features:
️· Latching: Data is stored until explicitly changed.
️· High Current Drive: Can drive significant current loads.
️· Versatile: Suitable for a variety of applications (e.g., LED drivers, motor control, level translation).
️· Multiple Driving Modes: Can be used in parallel or with additional circuitry for various control schemes.
3. Electrical Characteristics:
️· Supply Voltage: Typical supply voltage is 5V.
️· Input/Output Voltages: Specified ranges for safe operation.
️· Current Drive Capability: Significant current drive, detailed in the datasheet.
️· Switching Times: Specified propagation delays and other timing parameters.
4. Logic Tables:
️· DP8310: Describes operation with Write Enable 1, Write Enable 2, Data Input and Data Output.
️· DP8311: Describes operation with Clear, Strobe, Data Input, and Data Output.
5. Application Circuits:
️· Several example circuits demonstrate how to use the DP8310/11 in different applications:
- Buffering high-current devices.
- Driving LEDs.
- Motor control.
- Level translation.
6. Physical Dimensions:
️· Describes the physical dimensions of the DIP package.
7. Life Support Policy:
️· Important: The document explicitly states that these devices are *not* approved for use in life-support systems without express written permission from National Semiconductor.
1. Product Overview:
️· Part Numbers: DP8310 and DP8311
️· Function: These are latching buffers designed for high-current driving applications. They allow for temporary storage of data and are suitable for driving various loads like LEDs, motors, and other devices.
2. Key Features:
️· Latching: Data is stored until explicitly changed.
️· High Current Drive: Can drive significant current loads.
️· Versatile: Suitable for a variety of applications (e.g., LED drivers, motor control, level translation).
️· Multiple Driving Modes: Can be used in parallel or with additional circuitry for various control schemes.
3. Electrical Characteristics:
️· Supply Voltage: Typical supply voltage is 5V.
️· Input/Output Voltages: Specified ranges for safe operation.
️· Current Drive Capability: Significant current drive, detailed in the datasheet.
️· Switching Times: Specified propagation delays and other timing parameters.
4. Logic Tables:
️· DP8310: Describes operation with Write Enable 1, Write Enable 2, Data Input and Data Output.
️· DP8311: Describes operation with Clear, Strobe, Data Input, and Data Output.
5. Application Circuits:
️· Several example circuits demonstrate how to use the DP8310/11 in different applications:
- Buffering high-current devices.
- Driving LEDs.
- Motor control.
- Level translation.
6. Physical Dimensions:
️· Describes the physical dimensions of the DIP package.
7. Life Support Policy:
️· Important: The document explicitly states that these devices are *not* approved for use in life-support systems without express written permission from National Semiconductor.
| Part No. | DP8310 |
| Manufacturer | NSC |
| Size | 197 Kbytes |
| Pages | 9 pages |
| Description | Octal Latched Peripheral Drivers |