Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUZ201 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BUZ201 Datasheet

  • # Example questions: ➢ How does the drain-source on-resistance (rds(on)) change with varying gate-source voltage (vgs)?
    ➢ What is the maximum operating junction temperature specified for this buz201 n-channel mosfet?
    ➢ What is the maximum continuous drain current this mosfet can handle at a case temperature of 37°c?

  • Part No.BUZ201
    ManufacturerISC
    Size47 Kbytes
    Pages2 pages
    DescriptionSOA is Power Dissipation Limited
    Datasheet Summary with AI

    # isc N-Channel MOSFET Transistor BUZ201

    ## Description

    · Static Drain-Source On-Resistance: R DS(on) = 0.4Ω (Max)
    · SOA is Power Dissipation Limited

    ## Applications

    · Switching regulators
    · Switching converters
    · Motor drivers
    · Relay drivers
    · Drivers for high-power bipolar switching transistors

    ## Absolute Maximum Ratings (Ta=25℃)

    · VDSS (Drain-Source Voltage): 400V (VGS=0)
    · VGS (Gate-Source Voltage): ±20V
    · ID (Drain Current): 12.5A @ TC=37℃
    · Ptot (Total Dissipation): 125W @ TC=25℃
    · Tj (Junction Temperature): -55~150℃
    · Tstg (Storage Temperature): -55~150℃

    ## Thermal Characteristics

    · Rth j-c (Junction to Case Thermal Resistance): 1.0 ℃/W

    ## Electrical Characteristics (TC=25℃)

    · V(BR)DSS (Drain-Source Breakdown Voltage): 400V @ VGS= 0; ID= 0.25mA
    · VGS(TH) (Gate Threshold Voltage): 2.1-4V @ VDS= VGS; ID= 1mA
    · RDS(ON) (Drain-Source On-stage Resistance): 0.4Ω @ VGS= 10V; ID= 8A
    · IGSS (Gate Source Leakage Current): 100nA @ VGS= 20V; VDS= 0
    · IDSS (Zero Gate Voltage Drain Current): 250uA @ VDS= 400V; VGS= 0
    · VSD (Diode Forward Voltage): 1.7V @ IF= 25A; VGS= 0

    ## Website

    · [www.iscsemi.cn](http://www.iscsemi.cn)

    # isc N-Channel MOSFET Transistor BUZ201

    ## Description

    · Static Drain-Source On-Resistance: R DS(on) = 0.4Ω (Max)
    · SOA is Power Dissipation Limited

    ## Applications

    · Switching regulators
    · Switching converters
    · Motor drivers
    · Relay drivers
    · Drivers for high-power bipolar switching transistors

    ## Absolute Maximum Ratings (Ta=25℃)

    · VDSS (Drain-Source Voltage): 400V (VGS=0)
    · VGS (Gate-Source Voltage): ±20V
    · ID (Drain Current): 12.5A @ TC=37℃
    · Ptot (Total Dissipation): 125W @ TC=25℃
    · Tj (Junction Temperature): -55~150℃
    · Tstg (Storage Temperature): -55~150℃

    ## Thermal Characteristics

    · Rth j-c (Junction to Case Thermal Resistance): 1.0 ℃/W

    ## Electrical Characteristics (TC=25℃)

    · V(BR)DSS (Drain-Source Breakdown Voltage): 400V @ VGS= 0; ID= 0.25mA
    · VGS(TH) (Gate Threshold Voltage): 2.1-4V @ VDS= VGS; ID= 1mA
    · RDS(ON) (Drain-Source On-stage Resistance): 0.4Ω @ VGS= 10V; ID= 8A
    · IGSS (Gate Source Leakage Current): 100nA @ VGS= 20V; VDS= 0
    · IDSS (Zero Gate Voltage Drain Current): 250uA @ VDS= 400V; VGS= 0
    · VSD (Diode Forward Voltage): 1.7V @ IF= 25A; VGS= 0

    ## Website

    · [www.iscsemi.cn](http://www.iscsemi.cn)

    Part No.BUZ201
    ManufacturerISC
    Size47 Kbytes
    Pages2 pages
    DescriptionSOA is Power Dissipation Limited