Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML2860 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ML2860 Datasheet

  • # Example questions: ➢ What is the minimum pulse width for the sclk high signal (tsh)?
    ➢ What is the typical operating current (iddd) of the ml2860 when the sound generator is active, with no load on the ports?
    ➢ What midi events, beyond basic note on/off, does the ml2860 support for control and expression?

  • Part No.ML2860
    ManufacturerOKI
    Size91 Kbytes
    Pages4 pages
    Description16-Tone, 32-Poly Hi-Grade PCM Sound Generator LSI
    Datasheet Summary with AI

    1. General Information

    ️· Device: ML2860
    ️· Document Type: Specification (likely a preliminary or draft, judging by the references to editing)
    ️· Purpose: It's a multi-channel digital audio processor designed to handle MIDI data and generate audio output.
    ️· Primary Function: It processes MIDI signals and converts them into audio.
    ️· Text Editing: The document is currently in a state where it's being edited to remove unsupported text and MIDI events.

    2. MIDI Support

    ️· Supported MIDI Events:
    - Note On/Off
    - Program Change
    - Pitch Bend
    - Channel Pressure
    - Control Change (Specific controllers are listed: Modulation, Volume, Pan, Expression, Sustain, Reset all controller, All note off)
    - RPN (Pitch bend sensitivity, Fine tuning, Coarse tuning)
    ️· MIDI Synchronization Feature: LEDs can be synchronized with ADPCM playback using a software routine; they're assigned to MIDI channel 10 as percussion.

    3. Timing Specifications (Key Values & Units - Sampled)

    *This is a partial list, as there are many timing parameters listed. These are critical for reliable communication.*

    ️· Serial Interface Timing: (Examples - *many more are listed in detail in the document*)
    - tCLSL1: 50 ns
    - tCLSH2: 25 ns
    - tSH: 25 ns
    - tSL: 25 ns
    - tINIT: 40 ms
    ️· Read Timing:
    - tRLD: 85ns
    ️· Write Timing
    - tWW: 25ns

    4. Voltage and Temperature Specifications

    ️· Voltage: DV DD = IOV DD = +2.7V-3.3V, DGND=AGND=0V
    ️· Temperature Range: Ta = -20°C to +85°C (Several current specifications are given for different temperature ranges).

    Key Takeaways

    ️· The ML2860 is a complex audio processor with a focus on MIDI control.
    ️· Reliable operation requires careful attention to timing specifications during development.
    ️· LED synchronization is possible but requires a custom software routine.
    ️· The ML2860 supports a basic set of MIDI functions.

    1. General Information

    ️· Device: ML2860
    ️· Document Type: Specification (likely a preliminary or draft, judging by the references to editing)
    ️· Purpose: It's a multi-channel digital audio processor designed to handle MIDI data and generate audio output.
    ️· Primary Function: It processes MIDI signals and converts them into audio.
    ️· Text Editing: The document is currently in a state where it's being edited to remove unsupported text and MIDI events.

    2. MIDI Support

    ️· Supported MIDI Events:
    - Note On/Off
    - Program Change
    - Pitch Bend
    - Channel Pressure
    - Control Change (Specific controllers are listed: Modulation, Volume, Pan, Expression, Sustain, Reset all controller, All note off)
    - RPN (Pitch bend sensitivity, Fine tuning, Coarse tuning)
    ️· MIDI Synchronization Feature: LEDs can be synchronized with ADPCM playback using a software routine; they're assigned to MIDI channel 10 as percussion.

    3. Timing Specifications (Key Values & Units - Sampled)

    *This is a partial list, as there are many timing parameters listed. These are critical for reliable communication.*

    ️· Serial Interface Timing: (Examples - *many more are listed in detail in the document*)
    - tCLSL1: 50 ns
    - tCLSH2: 25 ns
    - tSH: 25 ns
    - tSL: 25 ns
    - tINIT: 40 ms
    ️· Read Timing:
    - tRLD: 85ns
    ️· Write Timing
    - tWW: 25ns

    4. Voltage and Temperature Specifications

    ️· Voltage: DV DD = IOV DD = +2.7V-3.3V, DGND=AGND=0V
    ️· Temperature Range: Ta = -20°C to +85°C (Several current specifications are given for different temperature ranges).

    Key Takeaways

    ️· The ML2860 is a complex audio processor with a focus on MIDI control.
    ️· Reliable operation requires careful attention to timing specifications during development.
    ️· LED synchronization is possible but requires a custom software routine.
    ️· The ML2860 supports a basic set of MIDI functions.

    Part No.ML2860
    ManufacturerOKI
    Size91 Kbytes
    Pages4 pages
    Description16-Tone, 32-Poly Hi-Grade PCM Sound Generator LSI