| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about UG4KB05 Datasheet
# Example questions:
➢ How does the operating and storage temperature range affect the performance of this bridge rectifier?
➢ What is the significance of the ul 94v-0 flammability rating for the plastic material used in this device?
➢ What is the maximum average rectified output current for the ug4kb40 model, both with and without a heat sink?
# UG4KB05-UG4KB100 Single-Phase Bridge Rectifier
## Features
️· Glass passivated die construction
️· Low forward voltage drop
️· High current capability
️· High surge current capability
️· Surface mount application design
️· UL flammability 94V-0 plastic material
## Mechanical Data
️· Case: D3K, Molded plastic
️· Terminals: Plated leads, solderable per MIL-STD-202, Method 208
️· Polarity: Marked on case
️· Mounting Position: Any
️· Marking: Type Number
️· Lead Free: RoHS compliant options available
## Maximum Ratings and Electrical Characteristics
|Parameter|Symbol|UG4KB05|UG4KB10|UG4KB20|UG4KB40|UG4KB60|UG4KB80|UG4KB100|Unit|
|---|---|---|---|---|---|---|---|---|---|
|Peak Repetitive Reverse Voltage|VRRM|50|100|200|400|600|800|1000|V|
|RMS Reverse Voltage|VRMS|35|70|140|280|420|560|700|V|
|Average Rectified Output Current (TA=30°C)|IO|2.0|2.0|2.0|2.0|2.0|2.0|2.0|A|
|Average Rectified Output Current (TA=140°C)|IO|4.0|4.0|4.0|4.0|4.0|4.0|4.0|A|
|Non-Repetitive Peak Forward Surge Current|IFSM|120|120|120|120|120|120|120|A|
|Forward Voltage (IF=4.0A)|VF|1.1|1.1|1.1|1.1|1.1|1.1|1.1|V|
|Peak Reverse Current (TA=25°C)|IR|5.0|5.0|5.0|5.0|5.0|5.0|5.0|µA|
|Peak Reverse Current (TA=125°C)|IR|500|500|500|500|500|500|500|µA|
|Thermal Resistance (RθJA)|RθJA|55|55|55|55|55|55|55|°C/W|
|Operating/Storage Temperature|TJ, TSTG|-55 to +150|-55 to +150|-55 to +150|-55 to +150|-55 to +150|-55 to +150|-55 to +150|°C|
## Disclaimer
️· Information is subject to change.
️· Contact manufacturer for latest datasheet.
️· No license granted for patents or rights.
️· Products are not for use in applications hindering international peace/safety without proper export procedures.
# UG4KB05-UG4KB100 Single-Phase Bridge Rectifier
## Features
️· Glass passivated die construction
️· Low forward voltage drop
️· High current capability
️· High surge current capability
️· Surface mount application design
️· UL flammability 94V-0 plastic material
## Mechanical Data
️· Case: D3K, Molded plastic
️· Terminals: Plated leads, solderable per MIL-STD-202, Method 208
️· Polarity: Marked on case
️· Mounting Position: Any
️· Marking: Type Number
️· Lead Free: RoHS compliant options available
## Maximum Ratings and Electrical Characteristics
| Parameter | Symbol | UG4KB05 | UG4KB10 | UG4KB20 | UG4KB40 | UG4KB60 | UG4KB80 | UG4KB100 | Unit |
|---|---|---|---|---|---|---|---|---|---|
| Peak Repetitive Reverse Voltage | VRRM | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
| RMS Reverse Voltage | VRMS | 35 | 70 | 140 | 280 | 420 | 560 | 700 | V |
| Average Rectified Output Current (TA=30°C) | IO | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | A |
| Average Rectified Output Current (TA=140°C) | IO | 4.0 | 4.0 | 4.0 | 4.0 | 4.0 | 4.0 | 4.0 | A |
| Non-Repetitive Peak Forward Surge Current | IFSM | 120 | 120 | 120 | 120 | 120 | 120 | 120 | A |
| Forward Voltage (IF=4.0A) | VF | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | V |
| Peak Reverse Current (TA=25°C) | IR | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | µA |
| Peak Reverse Current (TA=125°C) | IR | 500 | 500 | 500 | 500 | 500 | 500 | 500 | µA |
| Thermal Resistance (RθJA) | RθJA | 55 | 55 | 55 | 55 | 55 | 55 | 55 | °C/W |
| Operating/Storage Temperature | TJ, TSTG | -55 to +150 | -55 to +150 | -55 to +150 | -55 to +150 | -55 to +150 | -55 to +150 | -55 to +150 | °C |
| Part No. | UG4KB05 |
| Manufacturer | SMC |
| Size | 178 Kbytes |
| Pages | 4 pages |
| Description | Single-Phase 4.0A Glass Passivated Bridge Rectifier |