| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2SD861 Datasheet
# Example questions:
➢ How does the dc current gain (hfe) differ when the collector current is 0.3a versus 5a?
➢ What is the maximum allowable junction temperature (tj) for the 2sd861 transistor?
➢ What is the minimum collector-emitter breakdown voltage (v(br)ceo) for this transistor?
# isc Silicon NPN Power Transistor 2SD861
## Description
· Collector-Emitter Breakdown Voltage: V(BR)CEO = 250V (Min)
· High Power Dissipation: PC = 45W @ TC = 25℃
## Applications
· Designed for audio frequency power amplifier applications.
## Absolute Maximum Ratings (Ta=25℃)
· VCBO: Collector-Base Voltage: 350 V
· VCEO: Collector-Emitter Voltage: 250 V
· VEBO: Emitter-Base Voltage: 5 V
· IC: Collector Current-Continuous: 1.5 A
· ICM: Collector Current-Peak: 3.0 A
· PC: Collector Power Dissipation @ TC=25℃: 45 W
· TJ: Junction Temperature: 150 ℃
· Tstg: Storage Temperature Range: -55~150 ℃
## Electrical Characteristics (TC=25℃ unless otherwise specified)
· V(BR)CEO: Collector-Emitter Breakdown Voltage (IC=30mA, IB=0): 250 V
· VCE(sat): Collector-Emitter Saturation Voltage (IC=1.5A, IB=0.3A): 1.0 V
· VBE(on): Base-Emitter On Voltage (IC=1.5A, VCE=10V): 1.5 V
· ICEO: Collector Cutoff Current (VCE=150V, IB=0): 1.0 mA
· ICES: Collector Cutoff Current (VCE=350V, VBE=0): 1.0 mA
· IEBO: Emitter Cutoff Current (VEB=5V, IC=0): 1.0 mA
· hFE-1: DC Current Gain (IC=0.3A, VCE=10V): 40-250
· hFE-2: DC Current Gain (IC=1.5A, VCE=10V): 10
## hFE-1 Classifications
| R | Q | P |
|---|---|---|
| 40-90 | 70-150 | 120-250 |
# isc Silicon NPN Power Transistor 2SD861
## Description
· Collector-Emitter Breakdown Voltage: V(BR)CEO = 250V (Min)
· High Power Dissipation: PC = 45W @ TC = 25℃
## Applications
· Designed for audio frequency power amplifier applications.
## Absolute Maximum Ratings (Ta=25℃)
· VCBO: Collector-Base Voltage: 350 V
· VCEO: Collector-Emitter Voltage: 250 V
· VEBO: Emitter-Base Voltage: 5 V
· IC: Collector Current-Continuous: 1.5 A
· ICM: Collector Current-Peak: 3.0 A
· PC: Collector Power Dissipation @ TC=25℃: 45 W
· TJ: Junction Temperature: 150 ℃
· Tstg: Storage Temperature Range: -55~150 ℃
## Electrical Characteristics (TC=25℃ unless otherwise specified)
· V(BR)CEO: Collector-Emitter Breakdown Voltage (IC=30mA, IB=0): 250 V
· VCE(sat): Collector-Emitter Saturation Voltage (IC=1.5A, IB=0.3A): 1.0 V
· VBE(on): Base-Emitter On Voltage (IC=1.5A, VCE=10V): 1.5 V
· ICEO: Collector Cutoff Current (VCE=150V, IB=0): 1.0 mA
· ICES: Collector Cutoff Current (VCE=350V, VBE=0): 1.0 mA
· IEBO: Emitter Cutoff Current (VEB=5V, IC=0): 1.0 mA
· hFE-1: DC Current Gain (IC=0.3A, VCE=10V): 40-250
· hFE-2: DC Current Gain (IC=1.5A, VCE=10V): 10
## hFE-1 Classifications
| R | Q | P |
|---|---|---|
| 40-90 | 70-150 | 120-250 |
| Part No. | 2SD861 |
| Manufacturer | ISC |
| Size | 142 Kbytes |
| Pages | 2 pages |
| Description | Collector-Emitter Breakdown Voltage-: V(BR)CEO= 250V(Min) |