Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA843 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SA843 Datasheet

  • # Example questions: ➢ How does the dc current gain (hfe) vary for the 'p' classification of this transistor?
    ➢ What is the maximum continuous collector current (ic) this transistor can handle?
    ➢ What is the minimum collector-emitter breakdown voltage (v(br)ceo) for this transistor?

  • Part No.2SA843
    ManufacturerISC
    Size108 Kbytes
    Pages2 pages
    Description쨌Collector-Emitter Breakdown Voltage : V(BR)CEO= -150V(Min)
    Datasheet Summary with AI

    # 2SA843 Silicon PNP Power Transistor

    ## Description
    · Collector-Emitter Breakdown Voltage: V(BR)CEO = -150V (Min)
    · DC Current Gain: hFE = 60-200 @ IC = -0.4A
    · Complement to Type 2SC1683

    ## Applications
    · Audio frequency power amplifier applications.

    ## Absolute Maximum Ratings (Ta=25℃)
    |SYMBOL|PARAMETER|VALUE|UNIT|
    |---|---|---|---|
    |VCBO|Collector-Base Voltage|-200|V|
    |VCEO|Collector-Emitter Voltage|-150|V|
    |VEBO|Emitter-Base Voltage|-5|V|
    |IC|Collector Current-Continuous|-0.5|A|
    |ICM|Collector Current-Peak|-2|A|
    |PC|Total Power Dissipation @ TC=25℃|20|W|
    |TJ|Junction Temperature|150|℃|

    |Tstg|Storage Temperature Range|-55~150|℃|

    ## Electrical Characteristics (TC=25℃)
    |SYMBOL|PARAMETER|CONDITIONS|MIN|TYP.|MAX|UNIT|
    |---|---|---|---|---|---|---|
    |V(BR)CEO|Collector-Emitter Breakdown Voltage|IC= -5mA; IB= 0|-150|||V|
    |VCE(sat)|Collector-Emitter Saturation Voltage|IC= -0.5A; IB= -50mA|||-1.0|V|
    |hFE|DC Current Gain|IC= -0.4A; VCE= -10V|60||200||

    ## hFE Classifications
    |P|Q|
    |---|---|
    |60-140|85-200|

    _isc website: www.iscsemi.cn_

    # 2SA843 Silicon PNP Power Transistor

    ## Description
    · Collector-Emitter Breakdown Voltage: V(BR)CEO = -150V (Min)
    · DC Current Gain: hFE = 60-200 @ IC = -0.4A
    · Complement to Type 2SC1683

    ## Applications
    · Audio frequency power amplifier applications.

    ## Absolute Maximum Ratings (Ta=25℃)
    SYMBOL PARAMETER VALUE UNIT
    VCBO Collector-Base Voltage -200 V
    VCEO Collector-Emitter Voltage -150 V
    VEBO Emitter-Base Voltage -5 V
    IC Collector Current-Continuous -0.5 A
    ICM Collector Current-Peak -2 A
    PC Total Power Dissipation @ TC=25℃ 20 W
    TJ Junction Temperature 150
    Tstg Storage Temperature Range -55~150

    ## Electrical Characteristics (TC=25℃)
    SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT
    V(BR)CEO Collector-Emitter Breakdown Voltage IC= -5mA; IB= 0 -150 V
    VCE(sat) Collector-Emitter Saturation Voltage IC= -0.5A; IB= -50mA -1.0 V
    hFE DC Current Gain IC= -0.4A; VCE= -10V 60 200

    ## hFE Classifications
    P Q
    60-140 85-200

    _isc website: www.iscsemi.cn_

    Part No.2SA843
    ManufacturerISC
    Size108 Kbytes
    Pages2 pages
    Description쨌Collector-Emitter Breakdown Voltage : V(BR)CEO= -150V(Min)