| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2SA651 Datasheet
# Example questions:
➢ What is the typical value of the dc current gain (hfe) when ic = -2a and vce = -5v?
➢ What is the minimum collector-emitter breakdown voltage (v(br)ceo) for this transistor?
➢ How much continuous collector current (ic) can this transistor handle?
# isc Silicon PNP Power Transistor 2SA651
## Description
· Collector-Emitter Breakdown Voltage: V(BR)CEO = -150V (Min.)
· Wide Area of Safe Operation
## Applications
· Audio power amplifier applications
## Absolute Maximum Ratings (Ta=25℃)
· VCBO: -200 V
· VCEO: -150 V
· VEBO: -5 V
· IC (Continuous): -10 A
· PC (@TC=25℃): 100 W
· Tj: 150 ℃
· Tstg: -55~150 ℃
## Electrical Characteristics (Tj=25℃ unless otherwise specified)
· V(BR)CBO: -200 V (IC= -1mA; IE= 0)
· V(BR)CEO: -150 V (IC= -25mA; IB= 0)
· V(BR)EBO: -5 V (IE= -1mA; IC= 0)
· VCE(sat): -2.0 V (IC= -5A; IB= -0.5A)
· VBE(sat): -2.5 V (IC= -5A; IB= -0.5A)
· ICBO: -0.1 mA (VCB= -200V; IE= 0)
· IEBO: -0.1 mA (VEB= -5V; IC= 0)
· hFE (DC Current Gain): 30-150 (IC= -2A; VCE= -5V)
· COB (Collector Output Capacitance): 500 pF (IE=0; VCB= -5V; f= 1MHz)
· fT (Current-Gain—Bandwidth Product): 10 MHz (IC= -0.5A; VCE= -10V)
## Website
· www.iscsemi.cn
# isc Silicon PNP Power Transistor 2SA651
## Description
· Collector-Emitter Breakdown Voltage: V(BR)CEO = -150V (Min.)
· Wide Area of Safe Operation
## Applications
· Audio power amplifier applications
## Absolute Maximum Ratings (Ta=25℃)
· VCBO: -200 V
· VCEO: -150 V
· VEBO: -5 V
· IC (Continuous): -10 A
· PC (@TC=25℃): 100 W
· Tj: 150 ℃
· Tstg: -55~150 ℃
## Electrical Characteristics (Tj=25℃ unless otherwise specified)
· V(BR)CBO: -200 V (IC= -1mA; IE= 0)
· V(BR)CEO: -150 V (IC= -25mA; IB= 0)
· V(BR)EBO: -5 V (IE= -1mA; IC= 0)
· VCE(sat): -2.0 V (IC= -5A; IB= -0.5A)
· VBE(sat): -2.5 V (IC= -5A; IB= -0.5A)
· ICBO: -0.1 mA (VCB= -200V; IE= 0)
· IEBO: -0.1 mA (VEB= -5V; IC= 0)
· hFE (DC Current Gain): 30-150 (IC= -2A; VCE= -5V)
· COB (Collector Output Capacitance): 500 pF (IE=0; VCB= -5V; f= 1MHz)
· fT (Current-Gain—Bandwidth Product): 10 MHz (IC= -0.5A; VCE= -10V)
## Website
· www.iscsemi.cn
| Part No. | 2SA651 |
| Manufacturer | ISC |
| Size | 69 Kbytes |
| Pages | 2 pages |
| Description | Collector-Emitter Breakdown Voltage- : V(BR)CEO= -150V(Min.) |