Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S1A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about S1A Datasheet

  • # Example questions: ➢ How does the thermal resistance from junction to terminal compare to the thermal resistance from junction to ambient air?
    ➢ What is the maximum allowable operating junction temperature for these si-rectifiers?
    ➢ Which type of rectifier, from the s1a to s1m series, has a repetitive peak reverse voltage of 400v?

  • Part No.S1A
    ManufacturerDIOTEC
    Size165 Kbytes
    Pages2 pages
    DescriptionSurface Mount Si-Rectifiers
    Datasheet Summary with AI

    # Surface Mount Si-Rectifiers (S1A – S1M)

    ## General Description
    · Surface mount silicon rectifiers.
    · DO-214AC plastic case.
    · Nominal current: 1 A
    · Repetitive peak reverse voltage: 50 – 1000 V
    · Weight: approx. 0.07 g
    · Plastic material has UL classification 94V-0

    ## Maximum Ratings
    · Repetitive Peak Reverse Voltage (VRRM): 50V (S1A) to 1000V (S1M)
    · Surge Peak Reverse Voltage (VRSM): Matches VRRM for each type.
    · Max. Average Forward Rectified Current (IF(AV)): 1 A (R-load, T = 100°C)
    · Repetitive Peak Forward Current (IFRM): 6 A (f > 15 Hz)
    · Peak Forward Surge Current (IFSM): 30 A (50 Hz half sine-wave, T = 25°C)
    · Rating for Fusing: 4.5 A (t < 10 ms, T = 25°C)
    · Junction Temperature: -50°C to +150°C
    · Storage Temperature: -50°C to +150°C
    · Max. terminal temperature: 100°C


    ## Characteristics
    · Forward Voltage (VF): < 1.1 V (Tj = 25°C, IF = 1 A)
    · Leakage Current (IR): < 5 µA (Tj = 25°C, VR = VRRM)
    · Leakage Current (IR): < 50 µA (Tj = 100°C, VR = VRRM)
    · Thermal Resistance (Junction to Ambient Air, RthA): < 70 K/W
    · Thermal Resistance (Junction to Terminal, RthT): < 30 K/W

    Mounting
    · Mounted on P.C. board with 25 mm² copper pads at each terminal.

    # Surface Mount Si-Rectifiers (S1A – S1M)

    ## General Description
    · Surface mount silicon rectifiers.
    · DO-214AC plastic case.
    · Nominal current: 1 A
    · Repetitive peak reverse voltage: 50 – 1000 V
    · Weight: approx. 0.07 g
    · Plastic material has UL classification 94V-0

    ## Maximum Ratings
    · Repetitive Peak Reverse Voltage (VRRM): 50V (S1A) to 1000V (S1M)
    · Surge Peak Reverse Voltage (VRSM): Matches VRRM for each type.
    · Max. Average Forward Rectified Current (IF(AV)): 1 A (R-load, T = 100°C)
    · Repetitive Peak Forward Current (IFRM): 6 A (f > 15 Hz)
    · Peak Forward Surge Current (IFSM): 30 A (50 Hz half sine-wave, T = 25°C)
    · Rating for Fusing: 4.5 A (t < 10 ms, T = 25°C)
    · Junction Temperature: -50°C to +150°C
    · Storage Temperature: -50°C to +150°C
    · Max. terminal temperature: 100°C

    ## Characteristics
    · Forward Voltage (VF): < 1.1 V (Tj = 25°C, IF = 1 A)
    · Leakage Current (IR): < 5 µA (Tj = 25°C, VR = VRRM)
    · Leakage Current (IR): < 50 µA (Tj = 100°C, VR = VRRM)
    · Thermal Resistance (Junction to Ambient Air, RthA): < 70 K/W
    · Thermal Resistance (Junction to Terminal, RthT): < 30 K/W

    Mounting
    · Mounted on P.C. board with 25 mm² copper pads at each terminal.

    Part No.S1A
    ManufacturerDIOTEC
    Size165 Kbytes
    Pages2 pages
    DescriptionSurface Mount Si-Rectifiers