Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL34A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about GL34A Datasheet

  • # Example questions: ➢ What is the maximum allowable operating junction temperature for these si-rectifiers?
    ➢ Which color ring on the rectifier indicates a repetitive peak reverse voltage of 600v?
    ➢ What is the typical reverse recovery time if the forward current is 0.5a?

  • Part No.GL34A
    ManufacturerDIOTEC
    Size170 Kbytes
    Pages2 pages
    DescriptionSurface Mount Si-Rectifiers
    Datasheet Summary with AI

    # GL 34A - GL 34M Surface Mount Rectifiers

    ## General Characteristics

    ️· Type: Si-Rectifiers (Si-Gleichrichter)
    ️· Case: MiniMELF SOD-80 (DO-213AA)
    ️· Weight: Approximately 0.04g
    ️· Material: Plastic, UL classification 94V-0
    ️· Packaging: Taped and reeled (see page 18)

    ## Marking

    ️· White ring: Denotes “cathode” and “standard rectifier family”
    ️· Colored ring: Denotes "repetitive peak reverse voltage" (VRRM)

    ## Maximum Ratings

    ️· Nominal Current: 0.5A
    ️· Repetitive Peak Reverse Voltage (VRRM): 50 – 1000V
    ️· Surge Peak Reverse Voltage (VRSM): 50 – 1000V

    ️· Max. Average Forward Rectified Current (IF(AV)): 0.5A (R-load, T=75°C)
    ️· Peak Forward Surge Current (IFSM): 10A (60Hz half-sine-wave, T=25°C)
    ️· Rating for Fusing (i[2]t): 0.5A (t<10ms, T=25°C)
    ️· Operating Junction Temperature: -50 to +175°C
    ️· Storage Temperature: -50 to +175°C

    ## Electrical Characteristics

    ️· Forward Voltage (VF): < 1.2V (GL 34A - G, Tj=25°C, IF=0.5A); < 1.3V (GL 34J - M)
    ️· Leakage Current (IR): < 5µA at TA=25°C, VR=VRRM; < 50µA at TA=125°C, VR=VRRM
    ️· Typical Reverse Recovery Time (tRR): 1.5µs (IF=0.5A)
    ️· Thermal Resistance (RthA): < 150 K/W (junction to ambient air)
    ️· Thermal Resistance (RthT): < 70 K/W (junction to terminal)

    ## Mounting

    ️· Mount on P.C. board with 25mm² copper pads at each terminal.

    # GL 34A - GL 34M Surface Mount Rectifiers

    ## General Characteristics

    ️· Type: Si-Rectifiers (Si-Gleichrichter)
    ️· Case: MiniMELF SOD-80 (DO-213AA)
    ️· Weight: Approximately 0.04g
    ️· Material: Plastic, UL classification 94V-0
    ️· Packaging: Taped and reeled (see page 18)

    ## Marking

    ️· White ring: Denotes “cathode” and “standard rectifier family”
    ️· Colored ring: Denotes "repetitive peak reverse voltage" (VRRM)

    ## Maximum Ratings

    ️· Nominal Current: 0.5A
    ️· Repetitive Peak Reverse Voltage (VRRM): 50 – 1000V
    ️· Surge Peak Reverse Voltage (VRSM): 50 – 1000V
    ️· Max. Average Forward Rectified Current (IF(AV)): 0.5A (R-load, T=75°C)
    ️· Peak Forward Surge Current (IFSM): 10A (60Hz half-sine-wave, T=25°C)
    ️· Rating for Fusing (i[2]t): 0.5A (t<10ms, T=25°C)
    ️· Operating Junction Temperature: -50 to +175°C
    ️· Storage Temperature: -50 to +175°C

    ## Electrical Characteristics

    ️· Forward Voltage (VF): < 1.2V (GL 34A - G, Tj=25°C, IF=0.5A); < 1.3V (GL 34J - M)
    ️· Leakage Current (IR): < 5µA at TA=25°C, VR=VRRM; < 50µA at TA=125°C, VR=VRRM
    ️· Typical Reverse Recovery Time (tRR): 1.5µs (IF=0.5A)
    ️· Thermal Resistance (RthA): < 150 K/W (junction to ambient air)
    ️· Thermal Resistance (RthT): < 70 K/W (junction to terminal)

    ## Mounting

    ️· Mount on P.C. board with 25mm² copper pads at each terminal.

    Part No.GL34A
    ManufacturerDIOTEC
    Size170 Kbytes
    Pages2 pages
    DescriptionSurface Mount Si-Rectifiers