Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54LS164 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 54LS164 Datasheet

  • # Example questions: ➢ What constitutes a 'critical component' in a life support device or system?
    ➢ What is the maximum clock frequency (fmax) for the 54ls164 when using a load resistance (rl) of 2kω?
    ➢ What are the acceptable operating temperature ranges for the dm74ls164m package, as indicated in the document?

  • Part No.54LS164
    ManufacturerNSC
    Size142 Kbytes
    Pages6 pages
    Description8-Bit Serial In/Parallel Out Shift Registers
    Datasheet Summary with AI

    This document appears to be a datasheet for the National Semiconductor (now Texas Instruments) 54LS164 or 74LS164 serial input/shift register. Here's a breakdown of the key information it contains:

    1. Device Description:

    ️· Function: Serial input/shift register. It receives serial data at the input and shifts it down the register, with the last bit outputted. Also includes a clear input to reset the register.
    ️· Variants: It lists two main versions: 54LS164 and 74LS164.
    ️· Operating Voltage: Implicitly, it operates on a standard logic level voltage (likely 5V, though not explicitly stated).
    ️· Technology: LS (Low-power Schottky)

    2. Physical Characteristics & Packaging:

    ️· The datasheet specifies various packaging options:
    - Ceramic Leadless Chip Carrier (E)
    - 14-Lead Ceramic Dual-In-Line (J)
    - 14-Lead Small Outline (M)
    - 14-Lead Molded Dual-In-Line (N)
    - 14-Lead Ceramic Flat (W)
    ️· Dimensions are provided for each package type.

    3. Electrical Characteristics:


    ️· Switching Characteristics: A table outlines critical timing parameters:
    - Maximum Clock Frequency (fMAX): 25 MHz
    - Propagation Delay Times (tPLH, tPHL): Listed in nanoseconds (ns).
    ️· Other Parameters: Includes mentions of input high/low voltage levels and output drive capabilities, although specifics are not detailed in the excerpt.

    4. Life Support Policy:

    ️· A standard disclaimer regarding the device's unsuitability for life-support applications without explicit written approval from National Semiconductor.

    Overall Purpose:

    This document serves as a comprehensive guide for engineers and technicians who need to use the 54LS164 or 74LS164 shift register in their designs. It provides all the necessary information for proper operation, including physical dimensions, electrical characteristics, and usage restrictions.

    1. Device Description:

    ️· Function: Serial input/shift register. It receives serial data at the input and shifts it down the register, with the last bit outputted. Also includes a clear input to reset the register.
    ️· Variants: It lists two main versions: 54LS164 and 74LS164.
    ️· Operating Voltage: Implicitly, it operates on a standard logic level voltage (likely 5V, though not explicitly stated).
    ️· Technology: LS (Low-power Schottky)

    2. Physical Characteristics & Packaging:

    ️· The datasheet specifies various packaging options:
    - Ceramic Leadless Chip Carrier (E)
    - 14-Lead Ceramic Dual-In-Line (J)
    - 14-Lead Small Outline (M)
    - 14-Lead Molded Dual-In-Line (N)
    - 14-Lead Ceramic Flat (W)
    ️· Dimensions are provided for each package type.

    3. Electrical Characteristics:

    ️· Switching Characteristics: A table outlines critical timing parameters:
    - Maximum Clock Frequency (fMAX): 25 MHz
    - Propagation Delay Times (tPLH, tPHL): Listed in nanoseconds (ns).
    ️· Other Parameters: Includes mentions of input high/low voltage levels and output drive capabilities, although specifics are not detailed in the excerpt.

    4. Life Support Policy:

    ️· A standard disclaimer regarding the device's unsuitability for life-support applications without explicit written approval from National Semiconductor.

    Overall Purpose:

    Part No.54LS164
    ManufacturerNSC
    Size142 Kbytes
    Pages6 pages
    Description8-Bit Serial In/Parallel Out Shift Registers