| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE6188 Datasheet
# Example questions:
➢ What is the maximum input power this rf load can handle, in watts?
➢ What is the operating temperature range, in degrees celsius, for this component?
➢ What materials are used for both the inner and outer conductor of the connector?
# PE6188 RF Load
## Electrical Specifications
· Frequency Range: DC to 4 GHz
· Impedance: 50 Ohms
· Maximum VSWR: 1.2:1
· Maximum Input Power: 50 Watts
· Peak Power: 10 kW
## Mechanical Specifications
· Body Style: Straight, Square
· Connector Type: N Male
· Material - Inner Conductor: Brass, Gold Plating
· Material - Outer Conductor: Brass, Nickel Plating
· Material - Coupling Nut: Brass, Nickel Plating
· Material - Body: Brass, Nickel Plating
· Heat Sink: Black Anodized Aluminum
· Length: 4.33 in [109.98 mm]
· Width/Diameter: 2.36 in [59.94 mm]
· Height: 2.36 in [59.94 mm]
· Weight: 1.1 lbs [498.95 g]
## Environmental
· Operating Temperature: -55 to +125 °C
## Compliance
· RoHS Compliant: Yes
## Additional Information
· Available for same day shipment.
· 99% availability.
· Further details (price, inventory, certifications) available at: [http://www.pasternack.com/50-watts-n-male-rf-load-up-to-4-ghz-pe6188-p.aspx](http://www.pasternack.com/50-watts-n-male-rf-load-up-to-4-ghz-pe6188-p.aspx)
# PE6188 RF Load
## Electrical Specifications
· Frequency Range: DC to 4 GHz
· Impedance: 50 Ohms
· Maximum VSWR: 1.2:1
· Maximum Input Power: 50 Watts
· Peak Power: 10 kW
## Mechanical Specifications
· Body Style: Straight, Square
· Connector Type: N Male
· Material - Inner Conductor: Brass, Gold Plating
· Material - Outer Conductor: Brass, Nickel Plating
· Material - Coupling Nut: Brass, Nickel Plating
· Material - Body: Brass, Nickel Plating
· Heat Sink: Black Anodized Aluminum
· Length: 4.33 in [109.98 mm]
· Width/Diameter: 2.36 in [59.94 mm]
· Height: 2.36 in [59.94 mm]
· Weight: 1.1 lbs [498.95 g]
## Environmental
· Operating Temperature: -55 to +125 °C
## Compliance
· RoHS Compliant: Yes
## Additional Information
· Available for same day shipment.
· 99% availability.
· Further details (price, inventory, certifications) available at: [http://www.pasternack.com/50-watts-n-male-rf-load-up-to-4-ghz-pe6188-p.aspx](http://www.pasternack.com/50-watts-n-male-rf-load-up-to-4-ghz-pe6188-p.aspx)
| Part No. | PE6188 |
| Manufacturer | PASTERNACK |
| Size | 203 Kbytes |
| Pages | 3 pages |
| Description | Medium Power 50 Watts RF Load Up To 4 GHz With N Male |