Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.U74LVC00AG-S14-R
MfrUTC
Size214 Kbytes
Pages5 pages
DescriptionQUAD 2-INPUT NAND GATE
Datasheet SummaryAI
# U74LVC00A CMOS IC
## QUAD 2-INPUT NAND GATE

DESCRIPTION
· Quad 2-input NAND gate performing Y=A B or Y=A  _B_ in positive logic.
· Includes power-down protective circuit.

FEATURES
· Operating Voltage: 1.5V to 3.6V
· Input Voltage Range: Up to 5.5V
· High Noise Immunity
· Low Power Dissipation
· Propagation Delay: Max 5ns at 3.3V

ORDERING INFORMATION
· U74LVC00AG-S14-R: SOP-14, Tape Reel
· U74LVC00AG-P14-R: TSSOP-14, Tape Reel

PIN CONFIGURATION
· 1A, 1B, 1Y, 2A, 2B, 2Y, 3A, 3B, 3Y, 4A, 4B, 4Y (Inputs/Outputs)
· GND: Ground
· VCC: Positive Supply Voltage

FUNCTION TABLE
· Input A | Input B | Output Y
· H | H | L
· H | L | H
· L | H | H
· L | L | H

ABSOLUTE MAXIMUM RATINGS
· Supply Voltage (VCC): -0.5 to 6.5V
· Input/Output Voltage: -0.5 to VCC + 0.5V
· Continuous Output Current: ±50mA
· Storage Temperature: -65 to +150 °C

RECOMMENDED OPERATING CONDITIONS
· Supply Voltage (VCC): 1.65 to 3.6V
· Ambient Temperature: -40 to 85 °C

ELECTRICAL CHARACTERISTICS (TA = 25°C)
· High-Level Output Voltage (VOH): VCC-0.2V to VCC (depending on IOH)
· Low-Level Output Voltage (VOL): 0 to 0.55V (depending on IOL)
· Input Leakage Current: ±5 μA
· Quiescent Supply Current: 10 μA
· Input Capacitance: 5 pF

SWITCHING CHARACTERISTICS (TA = 25°C)
· Propagation Delay (tPD): 4.3 to 5.1 ns (depending on VCC)
U74LVC00AG-S14-R Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about U74LVC00AG-S14-R Datasheet.
    Example questions: ➤ What is the maximum low-level output voltage (vol) when iol = 24ma?➤ What is the maximum supply voltage (vcc) specified in the datasheet for reliable operation of the u74lvc00a?➤ What is the typical propagation delay (tpd) from input to output when vcc = 3v and rl = 500ω?
  • Datasheet Details
    Part No.U74LVC00AG-S14-R
    ManufacturerUTC
    Size214 Kbytes
    Pages5 pages
    DescriptionQUAD 2-INPUT NAND GATE
    Datasheet Summary AI Expand summary
    # U74LVC00A CMOS IC
    ## QUAD 2-INPUT NAND GATE

    DESCRIPTION
    · Quad 2-input NAND gate performing Y=A B or Y=A  _B_ in positive logic.
    · Includes power-down protective circuit.

    FEATURES
    · Operating Voltage: 1.5V to 3.6V
    · Input Voltage Range: Up to 5.5V
    · High Noise Immunity
    · Low Power Dissipation
    · Propagation Delay: Max 5ns at 3.3V

    ORDERING INFORMATION
    · U74LVC00AG-S14-R: SOP-14, Tape Reel
    · U74LVC00AG-P14-R: TSSOP-14, Tape Reel

    PIN CONFIGURATION
    · 1A, 1B, 1Y, 2A, 2B, 2Y, 3A, 3B, 3Y, 4A, 4B, 4Y (Inputs/Outputs)
    · GND: Ground
    · VCC: Positive Supply Voltage

    FUNCTION TABLE
    · Input A | Input B | Output Y
    · H | H | L
    · H | L | H
    · L | H | H
    · L | L | H

    ABSOLUTE MAXIMUM RATINGS
    · Supply Voltage (VCC): -0.5 to 6.5V
    · Input/Output Voltage: -0.5 to VCC + 0.5V
    · Continuous Output Current: ±50mA
    · Storage Temperature: -65 to +150 °C

    RECOMMENDED OPERATING CONDITIONS
    · Supply Voltage (VCC): 1.65 to 3.6V
    · Ambient Temperature: -40 to 85 °C

    ELECTRICAL CHARACTERISTICS (TA = 25°C)
    · High-Level Output Voltage (VOH): VCC-0.2V to VCC (depending on IOH)
    · Low-Level Output Voltage (VOL): 0 to 0.55V (depending on IOL)
    · Input Leakage Current: ±5 μA
    · Quiescent Supply Current: 10 μA
    · Input Capacitance: 5 pF

    SWITCHING CHARACTERISTICS (TA = 25°C)
    · Propagation Delay (tPD): 4.3 to 5.1 ns (depending on VCC)