| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LTC487CS Datasheet
# Example questions:
➢ At what temperatures does the ltc487 disable and re-enable its driver outputs due to thermal protection?
➢ What is the primary benefit of using ac coupling for termination resistors in rs485 communication?
➢ What type of cable is recommended for rs485 applications, and what is a key characteristic to consider when choosing one, according to the text?
1. Overview
️· What it is: The LTC487 is a half-duplex RS-485 transceiver. This means it handles both transmitting and receiving data on a single pair of wires, suitable for communication between multiple devices.
️· Purpose: Designed for data transmission on multi-drop RS-485 networks. It’s used to connect devices in a network where several devices can communicate.
️· Key Features:
- Half-duplex operation
- ESD Protection (up to 2kV)
- Thermal Shutdown Protection
- Fail-Safe Receiver Output (maintains last state when idle)
2. Electrical Characteristics (Highlights)
️· Supply Voltage: Not explicitly stated, but implied to be a standard logic voltage (likely 5V)
️· Differential Input Voltage Range: +/- 15V (important for robust communication)
️· Driver Output Voltage Swing: 2V (when terminated with 120Ω resistors)
️· Driver Current: up to 33mA (when terminated and output is driving)
️· Receiver Input Sensitivity: Not specified, but it has hysteresis (70mV) for reliable operation.
️· Driver Impedance: Typically 120 Ω
3. Application Details - Key Considerations
️· Cable Choice: Twisted pair cable (e.g., Belden 9841) is *essential* for reliable RS-485 communication. Coaxial cables are less desirable.
️· Termination: *Critically important* to prevent signal reflections.
- Ideally, terminate each end of the cable with 120Ω resistors.
- Improper termination can lead to distorted waveforms and data errors.
️· AC Coupling (Optional): Using AC coupling capacitors on the termination resistors can reduce power consumption by blocking DC current when the driver isn't transmitting.
- Capacitance value depends on cable length (approximately 16.3 pF/foot for 120Ω cable).
️· Receiver Fail-Safe: The receiver maintains a known logic state (logic 1) when the driver is not transmitting.
️· Fault Protection: Connect Transient Voltage Suppressors (TVS) diodes (TransZorb) from each line side pin to ground to protect against electrostatic discharge (ESD).
️· Cable Length vs. Data Rate: Long cables require lower data rates. There is a chart outlining specific recommendations.
️· Thermal Shutdown: Provides protection by disabling drivers if they become overheated.
4. Summary Table
| Feature | Description/Value | Importance |
|---|---|---|
| Type | Half-Duplex RS-485 Transceiver | Core Function |
| Supply Voltage | Likely Standard Logic Voltage (e.g., 5V) | Powering the Device |
| Differential Input Range | +/- 15V | Signal Robustness |
| Driver Output Voltage Swing | 2V (with 120Ω Termination) | Transmission Level |
| Cable Type | Twisted Pair (e.g., Belden 9841) | Signal Integrity |
| Termination | 120Ω at each end | Essential for data reliability |
| AC Coupling | Optional (reduces DC power consumption) | Power Optimization |
| ESD Protection | Up to 2kV (Human Body Model) | Circuit Protection |
| Thermal Shutdown | Prevents overheating | Safety & Reliability |
| Fail-Safe Receiver | Maintains logic 1 state when idle | Predictable Behavior |
1. Overview
️· What it is: The LTC487 is a half-duplex RS-485 transceiver. This means it handles both transmitting and receiving data on a single pair of wires, suitable for communication between multiple devices.
️· Purpose: Designed for data transmission on multi-drop RS-485 networks. It’s used to connect devices in a network where several devices can communicate.
️· Key Features:
- Half-duplex operation
- ESD Protection (up to 2kV)
- Thermal Shutdown Protection
- Fail-Safe Receiver Output (maintains last state when idle)
2. Electrical Characteristics (Highlights)
️· Supply Voltage: Not explicitly stated, but implied to be a standard logic voltage (likely 5V)
️· Differential Input Voltage Range: +/- 15V (important for robust communication)
️· Driver Output Voltage Swing: 2V (when terminated with 120Ω resistors)
️· Driver Current: up to 33mA (when terminated and output is driving)
️· Receiver Input Sensitivity: Not specified, but it has hysteresis (70mV) for reliable operation.
️· Driver Impedance: Typically 120 Ω
3. Application Details - Key Considerations
️· Cable Choice: Twisted pair cable (e.g., Belden 9841) is *essential* for reliable RS-485 communication. Coaxial cables are less desirable.
️· Termination: *Critically important* to prevent signal reflections.
- Ideally, terminate each end of the cable with 120Ω resistors.
- Improper termination can lead to distorted waveforms and data errors.
️· AC Coupling (Optional): Using AC coupling capacitors on the termination resistors can reduce power consumption by blocking DC current when the driver isn't transmitting.
- Capacitance value depends on cable length (approximately 16.3 pF/foot for 120Ω cable).
️· Receiver Fail-Safe: The receiver maintains a known logic state (logic 1) when the driver is not transmitting.
️· Fault Protection: Connect Transient Voltage Suppressors (TVS) diodes (TransZorb) from each line side pin to ground to protect against electrostatic discharge (ESD).
️· Cable Length vs. Data Rate: Long cables require lower data rates. There is a chart outlining specific recommendations.
️· Thermal Shutdown: Provides protection by disabling drivers if they become overheated.
4. Summary Table
| Feature | Description/Value | Importance |
|---|---|---|
| Type | Half-Duplex RS-485 Transceiver | Core Function |
| Supply Voltage | Likely Standard Logic Voltage (e.g., 5V) | Powering the Device |
| Differential Input Range | +/- 15V | Signal Robustness |
| Driver Output Voltage Swing | 2V (with 120Ω Termination) | Transmission Level |
| Cable Type | Twisted Pair (e.g., Belden 9841) | Signal Integrity |
| Termination | 120Ω at each end | Essential for data reliability |
| AC Coupling | Optional (reduces DC power consumption) | Power Optimization |
| ESD Protection | Up to 2kV (Human Body Model) | Circuit Protection |
| Thermal Shutdown | Prevents overheating | Safety & Reliability |
| Fail-Safe Receiver | Maintains logic 1 state when idle | Predictable Behavior |
| Part No. | LTC487CS |
| Manufacturer | LINER |
| Size | 225 Kbytes |
| Pages | 8 pages |
| Description | Quad Low Power RS485 Driver |