Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1161 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LT1161 Datasheet

  • # Example questions: ➢ What is the primary benefit of using pcb traces as drain sense resistors?
    ➢ What component (and value) is suggested to control the restart period of the lt1161?
    ➢ What is the purpose of this network and how does it function?

  • Part No.LT1161
    ManufacturerLINER
    Size290 Kbytes
    Pages12 pages
    DescriptionQuad Protected High-Side MOSFET Driver
    Datasheet Summary with AI

    Okay, let's break down the content you've provided. This document is a comprehensive application guide for the LT1161, a power MOSFET controller with current sensing and automatic restart capabilities. Here's a structured summary, highlighting key areas:

    1. Overview & Functionality:

    ️· The LT1161 is a power MOSFET controller.
    ️· It incorporates current sensing to protect against overcurrent conditions.
    ️· It has an automatic restart feature, designed to recover from short-term overloads.
    ️· It's aimed at applications requiring controlled power MOSFET switching.

    2. Key Features & Benefits:

    ️· Current Sensing: Uses supply-referenced current sensing for accuracy.
    ️· Automatic Restart: Provides self-recovery from overcurrent events (with a defined restart period).
    ️· Flexibility: Supports different load types (inductive and capacitive) with appropriate configurations.
    ️· PCB Shunt Resistors: Allows the use of printed circuit board traces as drain sense resistors, eliminating the need for separate components.
    ️· Input Isolation: Facilitates isolation from control logic using opto-isolators.

    3. Applications and Configuration Details:

    ️· Drain Sense Configuration: Describes proper connection of drain sense resistors to the LT1161 for accurate current sensing. Crucially emphasizes that the V+ pins (pins 11 and 20) must be connected to the positive side of the sense resistors *and* to each other.

    ️· Inductive vs. Capacitive Loads:
    - Inductive: A clamp diode is recommended to handle current decay when turning off.
    - Capacitive: A network is needed to control the initial surge current (∂V/∂t) to prevent false tripping of the current limit.
    ️· Automatic Restart Period Control: The timing capacitor (C<sub>T</sub>) determines the length of the restart period.
    ️· Defeating Automatic Restart: Explains how to disable the automatic restart feature for applications that require a latched-off state after a fault.
    ️· Current Limit Delay Network: Describes how to add a delay network in the current sensing path to prevent false tripping in noisy environments or when switching capacitive loads.
    ️· PCB Shunt Resistors: Provides guidance on using PCB traces as drain sense resistors, based on copper thickness and current requirements.

    4. Important Considerations & Best Practices:

    ️· Input/Supply Sequencing: No specific sequencing requirements, but the input can be active even when the supply voltage is zero.
    ️· Input Isolation: Use opto-isolators for protection in harsh environments.
    ️· Kelvin Connections: Essential when using PCB shunts to minimize voltage drops.
    ️· Temperature Coefficients: Utilizing the temperature coefficient of PCB traces for current sensing can offer advantages.
    ️· Supply Decoupling: Decoupling capacitors are important for high input voltages.



    Overall, the document is a detailed guide for implementing and optimizing the LT1161 in various power control applications, providing essential configuration details, troubleshooting tips, and design considerations.

    1. Overview & Functionality:

    ️· The LT1161 is a power MOSFET controller.
    ️· It incorporates current sensing to protect against overcurrent conditions.
    ️· It has an automatic restart feature, designed to recover from short-term overloads.
    ️· It's aimed at applications requiring controlled power MOSFET switching.

    2. Key Features & Benefits:

    ️· Current Sensing: Uses supply-referenced current sensing for accuracy.
    ️· Automatic Restart: Provides self-recovery from overcurrent events (with a defined restart period).
    ️· Flexibility: Supports different load types (inductive and capacitive) with appropriate configurations.
    ️· PCB Shunt Resistors: Allows the use of printed circuit board traces as drain sense resistors, eliminating the need for separate components.
    ️· Input Isolation: Facilitates isolation from control logic using opto-isolators.

    3. Applications and Configuration Details:

    ️· Drain Sense Configuration: Describes proper connection of drain sense resistors to the LT1161 for accurate current sensing. Crucially emphasizes that the V+ pins (pins 11 and 20) must be connected to the positive side of the sense resistors *and* to each other.
    ️· Inductive vs. Capacitive Loads:
    - Inductive: A clamp diode is recommended to handle current decay when turning off.
    - Capacitive: A network is needed to control the initial surge current (∂V/∂t) to prevent false tripping of the current limit.
    ️· Automatic Restart Period Control: The timing capacitor (C<sub>T</sub>) determines the length of the restart period.
    ️· Defeating Automatic Restart: Explains how to disable the automatic restart feature for applications that require a latched-off state after a fault.
    ️· Current Limit Delay Network: Describes how to add a delay network in the current sensing path to prevent false tripping in noisy environments or when switching capacitive loads.
    ️· PCB Shunt Resistors: Provides guidance on using PCB traces as drain sense resistors, based on copper thickness and current requirements.

    4. Important Considerations & Best Practices:

    ️· Input/Supply Sequencing: No specific sequencing requirements, but the input can be active even when the supply voltage is zero.
    ️· Input Isolation: Use opto-isolators for protection in harsh environments.
    ️· Kelvin Connections: Essential when using PCB shunts to minimize voltage drops.
    ️· Temperature Coefficients: Utilizing the temperature coefficient of PCB traces for current sensing can offer advantages.
    ️· Supply Decoupling: Decoupling capacitors are important for high input voltages.



    Overall, the document is a detailed guide for implementing and optimizing the LT1161 in various power control applications, providing essential configuration details, troubleshooting tips, and design considerations.

    Part No.LT1161
    ManufacturerLINER
    Size290 Kbytes
    Pages12 pages
    DescriptionQuad Protected High-Side MOSFET Driver