| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ICS1886M Datasheet
# Example questions:
➢ What is the typical lock acquisition time (tacq) for the phase-locked loop, operating at 139.264mhz?
➢ What are the typical input voltage ranges for ecl and ttl inputs, according to the provided datasheet?
➢ What is the maximum allowable receive jitter tolerance (tjt) expressed as a percentage of the unit interval peak-to-peak (uip-p) at 139.264mhz?
This is a very dense datasheet for what appears to be a high-speed, mixed-signal integrated circuit, likely for a network communication application like FDDI. Let's break down the key areas and summarize the information.
1. Overview:
️· Device Type: A mixed-signal IC designed for high-speed data transmission.
️· Technology: A combination of ECL (Emitter Coupled Logic) and TTL (Transistor-Transistor Logic). This combination allows for high-speed operation (ECL) alongside compatibility with more common TTL logic levels for control and interfacing.
️· Application: Likely geared towards applications like FDDI (Fiber Distributed Data Interface) - indicated by the presence of 139.264 MHz frequencies and related characteristics.
️· Package: 28-Lead (L).
️· Datasheet Structure: The datasheet is organized into sections for Absolute Maximum Ratings, Electrical Characteristics (ECL, TTL, REF_IN), and AC Characteristics (ECL Outputs and PLL). It also includes dimensional drawings.
2. Key Electrical Characteristics:
️· Absolute Maximum Ratings: Standard voltage and power dissipation limits to prevent damage to the chip.
️· ECL Characteristics:
- Input Voltages (VIH, VIL): Define the voltage ranges for logic HIGH and LOW levels.
- Differential Threshold Voltage (VTH): Important for balanced ECL differential signaling.
- Output Voltages (VOH, VOL): Define the output voltage levels.
️· TTL Characteristics:
- Input Voltages (VIH, VIL): Standard TTL logic level definitions.
- Output Voltages (VOH, VOL): Standard TTL output level definitions.
️· REF_IN Characteristics: Voltage ranges and switch point for a reference clock signal.
️· Power Consumption: A significant 50mA at maximum ratings indicates a power-hungry device (typical of high-speed ECL).
3. Key AC Characteristics & Timing:
️· ECL Outputs:
- Rise/Fall Times (tr, tf): Very fast, around 1.4-1.7ns, which is critical for high-speed signaling.
- Duty Cycle: Important for balanced signal generation, with a tolerance of 45-55%.
- Output Data Setup/Hold Times (tsv, thd): Defines the timing relationship between data and clock signals.
- Transmit/Receive Latency (TL, RL): Important for overall system performance.
️· PLL (Phase-Locked Loop) Characteristics:
- Lock Acquisition Time (tacq): How long it takes the PLL to synchronize with the incoming signal (5 µs is quite fast).
- Capture Range: The amount of frequency drift the PLL can tolerate while still locking (±5%).
- Receive Jitter Tolerance: The ability to handle signal jitter (tjt), crucial for reliable communication.
- Transmit Clock Stability: Defines how stable the transmitted clock signal must be.
4. Specific Implications & Possible Usage Considerations:
️· High-Speed Operation: This IC is designed for very high-speed data transmission.
️· ECL/TTL Hybrid: Requires careful design to interface with both ECL and TTL logic.
️· Power Dissipation: Heat management is critical due to the high power consumption.
️· PLL Operation: The PLL enables precise clock synchronization. Its parameters (lock time, capture range, jitter tolerance) are vital for reliable communication.
️· Timing Constraints: The timing characteristics (setup/hold times, latencies) are very tight and must be carefully met in the circuit design.
This summary provides a comprehensive understanding of the device and its characteristics based on the provided datasheet excerpt.
This is a very dense datasheet for what appears to be a high-speed, mixed-signal integrated circuit, likely for a network communication application like FDDI. Let's break down the key areas and summarize the information.
1. Overview:
️· Device Type: A mixed-signal IC designed for high-speed data transmission.
️· Technology: A combination of ECL (Emitter Coupled Logic) and TTL (Transistor-Transistor Logic). This combination allows for high-speed operation (ECL) alongside compatibility with more common TTL logic levels for control and interfacing.
️· Application: Likely geared towards applications like FDDI (Fiber Distributed Data Interface) - indicated by the presence of 139.264 MHz frequencies and related characteristics.
️· Package: 28-Lead (L).
️· Datasheet Structure: The datasheet is organized into sections for Absolute Maximum Ratings, Electrical Characteristics (ECL, TTL, REF_IN), and AC Characteristics (ECL Outputs and PLL). It also includes dimensional drawings.
2. Key Electrical Characteristics:
️· Absolute Maximum Ratings: Standard voltage and power dissipation limits to prevent damage to the chip.
️· ECL Characteristics:
- Input Voltages (VIH, VIL): Define the voltage ranges for logic HIGH and LOW levels.
- Differential Threshold Voltage (VTH): Important for balanced ECL differential signaling.
- Output Voltages (VOH, VOL): Define the output voltage levels.
️· TTL Characteristics:
- Input Voltages (VIH, VIL): Standard TTL logic level definitions.
- Output Voltages (VOH, VOL): Standard TTL output level definitions.
️· REF_IN Characteristics: Voltage ranges and switch point for a reference clock signal.
️· Power Consumption: A significant 50mA at maximum ratings indicates a power-hungry device (typical of high-speed ECL).
3. Key AC Characteristics & Timing:
️· ECL Outputs:
- Rise/Fall Times (tr, tf): Very fast, around 1.4-1.7ns, which is critical for high-speed signaling.
- Duty Cycle: Important for balanced signal generation, with a tolerance of 45-55%.
- Output Data Setup/Hold Times (tsv, thd): Defines the timing relationship between data and clock signals.
- Transmit/Receive Latency (TL, RL): Important for overall system performance.
️· PLL (Phase-Locked Loop) Characteristics:
- Lock Acquisition Time (tacq): How long it takes the PLL to synchronize with the incoming signal (5 µs is quite fast).
- Capture Range: The amount of frequency drift the PLL can tolerate while still locking (±5%).
- Receive Jitter Tolerance: The ability to handle signal jitter (tjt), crucial for reliable communication.
- Transmit Clock Stability: Defines how stable the transmitted clock signal must be.
4. Specific Implications & Possible Usage Considerations:
️· High-Speed Operation: This IC is designed for very high-speed data transmission.
️· ECL/TTL Hybrid: Requires careful design to interface with both ECL and TTL logic.
️· Power Dissipation: Heat management is critical due to the high power consumption.
️· PLL Operation: The PLL enables precise clock synchronization. Its parameters (lock time, capture range, jitter tolerance) are vital for reliable communication.
️· Timing Constraints: The timing characteristics (setup/hold times, latencies) are very tight and must be carefully met in the circuit design.
This summary provides a comprehensive understanding of the device and its characteristics based on the provided datasheet excerpt.
| Part No. | ICS1886M |
| Manufacturer | ICST |
| Size | 726 Kbytes |
| Pages | 10 pages |
| Description | FDDI / Fast Ethernet PHYceiverTM |