Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMDA36C-LF Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SMDA36C-LF Datasheet

  • # Example questions: ➢ What is the maximum mold protrusion allowed for the so-8 package?
    ➢ What is the maximum dimension 'd' in millimeters?
    ➢ What is the tape width specified for the reel containing the smda03 - smda36c components?

  • Part No.SMDA36C-LF
    ManufacturerPROTEC
    Size697 Kbytes
    Pages6 pages
    Description500 WATT MULTI-LINE TVS ARRAY
    Datasheet Summary with AI

    Here's a breakdown of the provided document, essentially a datasheet for surface-mount diodes (SMDA03 - SMDA36C), focusing on key information and observations:

    1. Product Overview:

    ️· Type: Surface-Mount Diodes (specifically, these are likely small signal diodes).
    ️· Package: SO-8 (Small Outline 8-lead package) – you can see the outline drawings.
    ️· Purpose: The datasheet provides electrical characteristics, mechanical dimensions, and tape & reel specifications for automated assembly.

    2. Key Features (Inferred):

    ️· Small Size: Designed for high-density circuit boards.
    ️· Automated Assembly: Tape and reel packaging for pick-and-place machines.
    ️· Standard Packaging: Compatible with industry-standard automated assembly processes.

    3. Mechanical Dimensions:

    ️· Detailed drawings of the SO-8 package, including all dimensions, are provided in millimeters and inches.
    ️· Pad Layout Dimensions are provided for PCB design.

    4. Tape and Reel Specifications:


    ️· Reel Diameter: 178mm (7 inches)
    ️· Tape Width: 12mm
    ️· Detailed dimensions for the tape itself (A0, B0, K0, D, E, F, W, P0, P2, P) are given for compatibility with automated pick-and-place equipment. These are crucial for ensuring the diodes can be reliably fed and picked up by the machine.

    5. Important Notes:

    ️· The "NOTES" sections on the dimensional drawings highlight critical information like datum planes, tolerances, and adherence to ANSI standards.
    ️· The "tmax" value in the tape & reel specifications represents the maximum tape thickness allowed.




    In essence, this is a datasheet geared towards PCB designers and manufacturing engineers. It provides all the necessary information to design a PCB layout that accommodates these diodes and to set up automated assembly lines for production.

    1. Product Overview:

    ️· Type: Surface-Mount Diodes (specifically, these are likely small signal diodes).
    ️· Package: SO-8 (Small Outline 8-lead package) – you can see the outline drawings.
    ️· Purpose: The datasheet provides electrical characteristics, mechanical dimensions, and tape & reel specifications for automated assembly.

    2. Key Features (Inferred):

    ️· Small Size: Designed for high-density circuit boards.
    ️· Automated Assembly: Tape and reel packaging for pick-and-place machines.
    ️· Standard Packaging: Compatible with industry-standard automated assembly processes.

    3. Mechanical Dimensions:

    ️· Detailed drawings of the SO-8 package, including all dimensions, are provided in millimeters and inches.
    ️· Pad Layout Dimensions are provided for PCB design.

    4. Tape and Reel Specifications:

    ️· Reel Diameter: 178mm (7 inches)
    ️· Tape Width: 12mm
    ️· Detailed dimensions for the tape itself (A0, B0, K0, D, E, F, W, P0, P2, P) are given for compatibility with automated pick-and-place equipment. These are crucial for ensuring the diodes can be reliably fed and picked up by the machine.

    5. Important Notes:

    ️· The "NOTES" sections on the dimensional drawings highlight critical information like datum planes, tolerances, and adherence to ANSI standards.
    ️· The "tmax" value in the tape & reel specifications represents the maximum tape thickness allowed.




    In essence, this is a datasheet geared towards PCB designers and manufacturing engineers. It provides all the necessary information to design a PCB layout that accommodates these diodes and to set up automated assembly lines for production.

    Part No.SMDA36C-LF
    ManufacturerPROTEC
    Size697 Kbytes
    Pages6 pages
    Description500 WATT MULTI-LINE TVS ARRAY