| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR359-1-105 Datasheet
# Example questions:
➢ What is the typical operating temperature range for the inductors described in the document?
➢ For the dr359-1-103 inductor, what is the i rms (maximum rms current) in amps for both parallel and series ratings?
➢ What material meets ul94v-0, according to the feature list for these inductors?
Document Overview:
This document is a datasheet for the Datatronic DR359-1 Series of shielded, surface-mount inductors. These inductors are designed for a variety of electronic applications.
1. Key Features:
️· Surface Mount Design: Compact and suitable for automated assembly.
️· Flat Top: Facilitates pick-and-place machine compatibility.
️· Inductance Range: 0.47 µH to 1000.0 µH (measured in parallel ratings).
️· UL94V-0 Rated: The materials used meet flammability standards (important for safety).
️· Operating Temperature: -40°C to +125°C
️· Optional Leads: Tinned leads with leaded solder are available (note 8 - see bottom).
2. Electrical Specifications Table (Summary):
The following table summarizes the key electrical characteristics for each DR359-1 part number. *Important: These values are given at 25°C.*
| Part Number | Inductance (µH) | DCR (Ω) | Irms (A) | Isat (A) |
|---|---|---|---|---|
| DR359-1-471 | 0.47 | 0.00195 | 17.9 | 56.0 |
| DR359-1-102 | 1.0 | 0.00261 | 15.5 | 40.0 |
| DR359-1-152 | 1.5 | 0.00341 | 13.5 | 31.1 |
| DR359-1-222 | 2.2 | 0.00373 | 12.5 | 25.5 |
| DR359-1-332 | 3.3 | 0.00567 | 10.4 | 21.5 |
| DR359-1-472 | 4.7 | 0.00971 | 8.25 | 16.5 |
| DR359-1-682 | 6.8 | 0.0116 | 7.34 | 13.3 |
| DR359-1-822 | 8.2 | 0.0157 | 6.32 | 12.2 |
| DR359-1-103 | 10.0 | 0.0172 | 6.04 | 11.2 |
| DR359-1-153 | 15.0 | 0.0247 | 5.03 | 9.66 |
| DR359-1-223 | 22.0 | 0.0391 | 4.00 | 7.57 |
| DR359-1-273 | 27.0 | 0.0650 | 3.30 | 6.50 |
| DR359-1-333 | 33.0 | 0.0600 | 3.23 | 6.22 |
| DR359-1-473 | 47.0 | 0.0719 | 2.95 | 5.28 |
| DR359-1-683 | 68.0 | 0.1050 | 2.44 | 4.44 |
| DR359-1-823 | 82.0 | 0.1430 | 2.09 | 4.06 |
| DR359-1-104 | 100.0 | 0.1630 | 1.96 | 3.64 |
| DR359-1-154 | 150.0 | 0.2470 | 1.59 | 3.01 |
| DR359-1-224 | 220.0 | 0.3760 | 1.29 | 2.43 |
| DR359-1-334 | 330.0 | 0.5740 | 1.04 | 2.01 |
| DR359-1-474 | 470.0 | 0.8610 | 0.85 | 1.68 |
| DR359-1-684 | 680.0 | 1.0800 | 0.76 | 1.39 |
| DR359-1-824 | 820.0 | 1.4700 | 0.65 | 1.27 |
| DR359-1-105 | 1000.0 | 1.6600 | 0.61 | 1.14 |
Document Overview:
This document is a datasheet for the Datatronic DR359-1 Series of shielded, surface-mount inductors. These inductors are designed for a variety of electronic applications.
1. Key Features:
️· Surface Mount Design: Compact and suitable for automated assembly.
️· Flat Top: Facilitates pick-and-place machine compatibility.
️· Inductance Range: 0.47 µH to 1000.0 µH (measured in parallel ratings).
️· UL94V-0 Rated: The materials used meet flammability standards (important for safety).
️· Operating Temperature: -40°C to +125°C
️· Optional Leads: Tinned leads with leaded solder are available (note 8 - see bottom).
2. Electrical Specifications Table (Summary):
The following table summarizes the key electrical characteristics for each DR359-1 part number. *Important: These values are given at 25°C.*
| Part Number | Inductance (µH) | DCR (Ω) | Irms (A) | Isat (A) |
|---|---|---|---|---|
| DR359-1-471 | 0.47 | 0.00195 | 17.9 | 56.0 |
| DR359-1-102 | 1.0 | 0.00261 | 15.5 | 40.0 |
| DR359-1-152 | 1.5 | 0.00341 | 13.5 | 31.1 |
| DR359-1-222 | 2.2 | 0.00373 | 12.5 | 25.5 |
| DR359-1-332 | 3.3 | 0.00567 | 10.4 | 21.5 |
| DR359-1-472 | 4.7 | 0.00971 | 8.25 | 16.5 |
| DR359-1-682 | 6.8 | 0.0116 | 7.34 | 13.3 |
| DR359-1-822 | 8.2 | 0.0157 | 6.32 | 12.2 |
| DR359-1-103 | 10.0 | 0.0172 | 6.04 | 11.2 |
| DR359-1-153 | 15.0 | 0.0247 | 5.03 | 9.66 |
| DR359-1-223 | 22.0 | 0.0391 | 4.00 | 7.57 |
| DR359-1-273 | 27.0 | 0.0650 | 3.30 | 6.50 |
| DR359-1-333 | 33.0 | 0.0600 | 3.23 | 6.22 |
| DR359-1-473 | 47.0 | 0.0719 | 2.95 | 5.28 |
| DR359-1-683 | 68.0 | 0.1050 | 2.44 | 4.44 |
| DR359-1-823 | 82.0 | 0.1430 | 2.09 | 4.06 |
| DR359-1-104 | 100.0 | 0.1630 | 1.96 | 3.64 |
| DR359-1-154 | 150.0 | 0.2470 | 1.59 | 3.01 |
| DR359-1-224 | 220.0 | 0.3760 | 1.29 | 2.43 |
| DR359-1-334 | 330.0 | 0.5740 | 1.04 | 2.01 |
| DR359-1-474 | 470.0 | 0.8610 | 0.85 | 1.68 |
| DR359-1-684 | 680.0 | 1.0800 | 0.76 | 1.39 |
| DR359-1-824 | 820.0 | 1.4700 | 0.65 | 1.27 |
| DR359-1-105 | 1000.0 | 1.6600 | 0.61 | 1.14 |
| Part No. | DR359-1-105 |
| Manufacturer | DATATRONICS |
| Size | 135 Kbytes |
| Pages | 1 page |
| Description | SHIELDED SMD INDUCTOR/TRANSFORMER DR359-1 SERIES |