Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR355-4 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR355-4_14 Datasheet

  • # Example questions: ➢ How many pieces are included on each tape and reel?
    ➢ What part number provides an inductance of approximately 220nh?
    ➢ What is the operating temperature range for these smd inductors?

  • Part No.DR355-4_14
    ManufacturerDATATRONICS
    Size73 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR355-4 SERIES
    Datasheet Summary with AI

    SMD INDUCTOR DR355-4 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Suitable for Reflow soldering
    ️· Inductance Range: 90nH to 538nH
    ️· Operating Temperature: -40°C to +125°C
    ️· Available with Leaded Solder (Note 3)

    Electrical Specifications (at 25°C)

    | Part Number | Inductance (nH) | Q Min. | Test Freq. (MHz) | SPF (MHz) Min. | DCR (mΩ) Max. | Max. Rated Current (A) (Typ.) |
    |---|---|---|---|---|---|---|
    | DR355-4-903 | 90 ± 5% | 95 | 50 | 1140 | 15.0 | 3.5 |
    | DR355-4-114 | 111 ± 5% | 87 | 50 | 1020 | 15.0 | 3.5 |
    | DR355-4-134 | 130 ± 5% | 87 | 50 | 900 | 20.0 | 3.0 |
    | DR355-4-174 | 169 ± 5% | 95 | 50 | 875 | 25.0 | 3.0 |
    | DR355-4-214 | 206 ± 5% | 95 | 50 | 800 | 30.0 | 3.0 |
    | DR355-4-224 | 222 ± 5% | 92 | 50 | 730 | 35.0 | 3.0 |

    | DR355-4-254 | 246 ± 5% | 95 | 50 | 685 | 35.0 | 3.0 |
    | DR355-4-314 | 307 ± 5% | 95 | 50 | 660 | 35.0 | 3.0 |
    | DR355-4-384 | 380 ± 5% | 95 | 50 | 590 | 50.0 | 2.5 |
    | DR355-4-424 | 422 ± 5% | 95 | 50 | 540 | 60.0 | 2.5 |
    | DR355-4-494 | 491 ± 5% | 95 | 50 | 535 | 65.0 | 2.0 |
    | DR355-4-544 | 538 ± 5% | 87 | 50 | 490 | 90.0 | 2.0 |

    Notes

    ️· Dimensions are in millimeters.
    ️· Tape and reel quantity: 2000 pcs/reel.
    ️· For non-RoHS compliance, replace "DR" prefix with "42-" (e.g., DR355-4 becomes 42-355-4).
    ️· Terminal finish complies with RoHS requirements. Solder per J-STD-020D.

    Contact Information

    ️· Datatronic: 28151 Highway 74, Romoland, CA 92585
    ️· Hong Kong: 499 King’s Road

    SMD INDUCTOR DR355-4 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Suitable for Reflow soldering
    ️· Inductance Range: 90nH to 538nH
    ️· Operating Temperature: -40°C to +125°C
    ️· Available with Leaded Solder (Note 3)

    Electrical Specifications (at 25°C)

    Part Number Inductance (nH) Q Min. Test Freq. (MHz) SPF (MHz) Min. DCR (mΩ) Max. Max. Rated Current (A) (Typ.)
    DR355-4-903 90 ± 5% 95 50 1140 15.0 3.5
    DR355-4-114 111 ± 5% 87 50 1020 15.0 3.5
    DR355-4-134 130 ± 5% 87 50 900 20.0 3.0
    DR355-4-174 169 ± 5% 95 50 875 25.0 3.0
    DR355-4-214 206 ± 5% 95 50 800 30.0 3.0
    DR355-4-224 222 ± 5% 92 50 730 35.0 3.0
    DR355-4-254 246 ± 5% 95 50 685 35.0 3.0
    DR355-4-314 307 ± 5% 95 50 660 35.0 3.0
    DR355-4-384 380 ± 5% 95 50 590 50.0 2.5
    DR355-4-424 422 ± 5% 95 50 540 60.0 2.5
    DR355-4-494 491 ± 5% 95 50 535 65.0 2.0
    DR355-4-544 538 ± 5% 87 50 490 90.0 2.0

    Notes

    ️· Dimensions are in millimeters.
    ️· Tape and reel quantity: 2000 pcs/reel.
    ️· For non-RoHS compliance, replace "DR" prefix with "42-" (e.g., DR355-4 becomes 42-355-4).
    ️· Terminal finish complies with RoHS requirements. Solder per J-STD-020D.

    Contact Information

    ️· Datatronic: 28151 Highway 74, Romoland, CA 92585
    ️· Hong Kong: 499 King’s Road

    Part No.DR355-4_14
    ManufacturerDATATRONICS
    Size73 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR355-4 SERIES