Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR353-2 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR353-2_14 Datasheet

  • # Example questions: ➢ How many pieces are included on each tape and reel for this product?
    ➢ What is the maximum dcr (dc resistance) value for the dr353-2-224 inductor?
    ➢ What is the operating temperature range for the dr353-2 series of inductors?

  • Part No.DR353-2_14
    ManufacturerDATATRONICS
    Size81 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR353-2 SERIES
    Datasheet Summary with AI

    SMD INDUCTOR DR353-2 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Flat Top for Pick and Place
    ️· Inductance Range: 1.0µH to 560.0µH
    ️· Materials meet UL94V-0
    ️· Operating Temperature: -25°C to +85°C
    ️· Tinned Leads with Leaded Solder Available (note 6)

    Electrical Specifications (at 1MHz)

    | Part No. | Inductance (µH) | DCR (Ω) Max. | I Rated (mA) Max. | SRF (MHz) Min. |
    | :---------- | :-------------- | :------------ | :---------------- | :------------- |
    | DR353-2-102 | 1.020% | 0.078 | 1000 | 100 |
    | DR353-2-222 | 2.220% | 0.126 | 790 | 64 |
    | DR353-2-472 | 4.720% | 0.195 | 450 | 43 |
    | DR353-2-103 | 1020% | 0.572 | 300 | 26 |
    | DR353-2-223 | 2220% | 0.923 | 250 | 19 |

    | DR353-2-473 | 4720% | 1.69 | 170 | 15 |
    | DR353-2-104 | 10010% | 4.55 | 100 | 10 |
    | DR353-2-224 | 22010% | 10.92 | 70 | 6.8 |
    | DR353-2-334 | 33010% | 13.00 | 60 | 5.6 |
    | DR353-2-394 | 39010% | 22.10 | 60 | 5.0 |
    | DR353-2-474 | 47010% | 24.70 | 60 | 5.0 |
    | DR353-2-564 | 56010% | 28.60 | 60 | 5.0 |

    Notes

    ️· Dimensions are in millimeters (mm)
    ️· General Tolerance: 0.2mm
    ️· `I` Rated: Approximate 40°C temperature rise; 20% drop in initial value
    ️· Tape & Reel Quantity: 2000 pcs/reel
    ️· Non-RoHS parts: Replace "DR" prefix with "42-" (e.g., DR353-2 becomes 42-353-2)
    ️· Terminal Finish: RoHS compliant; Solder per J-STD-020D

    SMD INDUCTOR DR353-2 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Flat Top for Pick and Place
    ️· Inductance Range: 1.0µH to 560.0µH
    ️· Materials meet UL94V-0
    ️· Operating Temperature: -25°C to +85°C
    ️· Tinned Leads with Leaded Solder Available (note 6)

    Electrical Specifications (at 1MHz)

    Part No. Inductance (µH) DCR (Ω) Max. I Rated (mA) Max. SRF (MHz) Min.
    DR353-2-102 1.020% 0.078 1000 100
    DR353-2-222 2.220% 0.126 790 64
    DR353-2-472 4.720% 0.195 450 43
    DR353-2-103 1020% 0.572 300 26
    DR353-2-223 2220% 0.923 250 19
    DR353-2-473 4720% 1.69 170 15
    DR353-2-104 10010% 4.55 100 10
    DR353-2-224 22010% 10.92 70 6.8
    DR353-2-334 33010% 13.00 60 5.6
    DR353-2-394 39010% 22.10 60 5.0
    DR353-2-474 47010% 24.70 60 5.0
    DR353-2-564 56010% 28.60 60 5.0

    Notes

    ️· Dimensions are in millimeters (mm)
    ️· General Tolerance: 0.2mm
    ️· `I` Rated: Approximate 40°C temperature rise; 20% drop in initial value
    ️· Tape & Reel Quantity: 2000 pcs/reel
    ️· Non-RoHS parts: Replace "DR" prefix with "42-" (e.g., DR353-2 becomes 42-353-2)
    ️· Terminal Finish: RoHS compliant; Solder per J-STD-020D

    Part No.DR353-2_14
    ManufacturerDATATRONICS
    Size81 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR353-2 SERIES