| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR350-4-104 Datasheet
# Example questions:
➢ What are the dimensions (in mm) provided in the document concerning the schematic?
➢ What is the dcr (dc resistance) value for the inductor with an inductance of 4.7µh?
➢ What is the maximum irms current for the 100µh inductor?
Here's a summary of the data extracted from the provided text. This appears to be a datasheet or specification sheet for a series of inductors, likely part of a DR350-4-XXX series.
Series: DR350-4-XXX
Data Structure: The data is presented in a table with the following columns:
️· Part Number: (e.g., DR350-4-102, DR350-4-332, etc.)
️· Inductance (µH): The inductance value in microhenries.
️· DCR (Ω): Direct Current Resistance, in Ohms.
️· Isat (A): Saturation Current, in Amperes.
️· RMS Current (A): RMS Current, in Amperes.
Specific Part Values (Partial List - from the extracted data):
| Part Number | Inductance (µH) | DCR (Ω) | Isat (A) | RMS Current (A) |
|----------------|-----------------|---------|----------|-----------------|
| DR350-4-102 | 1.0 | 3.50 | N/A | N/A |
| DR350-4-332 | 3.3 | 2.30 | N/A | N/A |
| DR350-4-472 | 4.7 | 2.10 | N/A | N/A |
| DR350-4-682 | 6.8 | 1.74 | N/A | N/A |
| DR350-4-103 | 10.0 | 1.78 | N/A | N/A |
| DR350-4-153 | 15.0 | 1.53 | N/A | N/A |
Additional Notes:
️· "N/A" is used to denote values not given in the extracted text.
️· The datasheet mentions a general tolerance of ±0.2mm for dimensions.
️· The datasheet gives details about saturation current and RMS current for each inductor.
Series: DR350-4-XXX
Data Structure: The data is presented in a table with the following columns:
️· Part Number: (e.g., DR350-4-102, DR350-4-332, etc.)
️· Inductance (µH): The inductance value in microhenries.
️· DCR (Ω): Direct Current Resistance, in Ohms.
️· Isat (A): Saturation Current, in Amperes.
️· RMS Current (A): RMS Current, in Amperes.
Specific Part Values (Partial List - from the extracted data):
| Part Number | Inductance (µH) | DCR (Ω) | Isat (A) | RMS Current (A) |
|---|---|---|---|---|
| DR350-4-102 | 1.0 | 3.50 | N/A | N/A |
| DR350-4-332 | 3.3 | 2.30 | N/A | N/A |
| DR350-4-472 | 4.7 | 2.10 | N/A | N/A |
| DR350-4-682 | 6.8 | 1.74 | N/A | N/A |
| DR350-4-103 | 10.0 | 1.78 | N/A | N/A |
| DR350-4-153 | 15.0 | 1.53 | N/A | N/A |
| Part No. | DR350-4-104 |
| Manufacturer | DATATRONICS |
| Size | 77 Kbytes |
| Pages | 1 page |
| Description | SHIELDED SMD INDUCTOR DR350-4 SERIES |