Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR347-2-103 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR347-2-103 Datasheet

  • # Example questions: ➢ How does the dcr value change as the inductance value increases within the dr347-2 series?
    ➢ What is the maximum allowable operating temperature for this dr347-2 series inductor?
    ➢ Which solder standard should be followed when soldering this component?

  • Part No.DR347-2-103
    ManufacturerDATATRONICS
    Size80 Kbytes
    Pages1 page
    DescriptionSHIELDED SELF-LEADED SMD INDUCTOR DR347-2 SERIES
    Datasheet Summary with AI

    SHIELDED SELF-LEADED SMD INDUCTOR DR347-2 SERIES

    Features
    · Magnetic Shielded to Reduce EMI
    · Flat Top for Pick and Place
    · Inductance Range: 1.0 µH to 47µH
    · Packing: Tape & Reel
    · Operating Temperature: -40°C to +85°C
    · Tinned Leads; Leaded Solder Option Available (non-RoHS parts 42-347-2-XXX finish with Sn60Pb40 or equivalent)

    Electrical Specifications (at 25ºC)

    | Part No. | Inductance (µH) @100KHz, 0.25V, 20% | DCR (Ω) Max. | Rated Current (A) Max. |
    |---|---|---|---|
    | DR347-2-102 | 1.0 | 0.021 | 5.6 |
    | DR347-2-152 | 1.5 | 0.022 | 5.2 |
    | DR347-2-222 | 2.2 | 0.032 | 5.0 |
    | DR347-2-332 | 3.3 | 0.039 | 3.9 |
    | DR347-2-472 | 4.7 | 0.054 | 3.2 |
    | DR347-2-682 | 6.8 | 0.075 | 2.8 |

    | DR347-2-103 | 10.0 | 0.101 | 2.4 |
    | DR347-2-153 | 15.0 | 0.150 | 2.0 |
    | DR347-2-223 | 22.0 | 0.207 | 1.6 |
    | DR347-2-333 | 33.0 | 0.334 | 1.4 |
    | DR347-2-473 | 47.0 | 0.472 | 1.0 |

    Mechanical
    · Dimensions in millimeters [inches]
    · General Tolerance: 0.25mm [0.010 in.]
    · Solder in accordance with J-STD-002 Rev. D



    Contact Information
    · Datatronic: 28151Highway 74, Romoland, CA 92585, Tel: 951-928-7700, Fax: 951-928-7701, Email: ddisales@datatronics.com
    · Hong Kong: 499 King’s Road, Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290
    · Specifications subject to change without notice.

    SHIELDED SELF-LEADED SMD INDUCTOR DR347-2 SERIES

    Features
    · Magnetic Shielded to Reduce EMI
    · Flat Top for Pick and Place
    · Inductance Range: 1.0 µH to 47µH
    · Packing: Tape & Reel
    · Operating Temperature: -40°C to +85°C
    · Tinned Leads; Leaded Solder Option Available (non-RoHS parts 42-347-2-XXX finish with Sn60Pb40 or equivalent)

    Electrical Specifications (at 25ºC)

    Part No. Inductance (µH) @100KHz, 0.25V, 20% DCR (Ω) Max. Rated Current (A) Max.
    DR347-2-102 1.0 0.021 5.6
    DR347-2-152 1.5 0.022 5.2
    DR347-2-222 2.2 0.032 5.0
    DR347-2-332 3.3 0.039 3.9
    DR347-2-472 4.7 0.054 3.2
    DR347-2-682 6.8 0.075 2.8
    DR347-2-103 10.0 0.101 2.4
    DR347-2-153 15.0 0.150 2.0
    DR347-2-223 22.0 0.207 1.6
    DR347-2-333 33.0 0.334 1.4
    DR347-2-473 47.0 0.472 1.0

    Mechanical
    · Dimensions in millimeters [inches]
    · General Tolerance: 0.25mm [0.010 in.]
    · Solder in accordance with J-STD-002 Rev. D



    Contact Information
    · Datatronic: 28151Highway 74, Romoland, CA 92585, Tel: 951-928-7700, Fax: 951-928-7701, Email: ddisales@datatronics.com
    · Hong Kong: 499 King’s Road, Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290
    · Specifications subject to change without notice.

    Part No.DR347-2-103
    ManufacturerDATATRONICS
    Size80 Kbytes
    Pages1 page
    DescriptionSHIELDED SELF-LEADED SMD INDUCTOR DR347-2 SERIES