| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR339-1_14 Datasheet
# Example questions:
➢ How does the isat value relate to the initial inductance of the inductor?
➢ What is the operating temperature range for the dr339-1 series inductors?
➢ What is the tolerance for dimensions specified in inches and millimeters?
SELF-LEADED SMD INDUCTOR DR339-1 SERIES
Features
️· Low Profile Surface Mount Design
️· Inductance Range from 0.47µH to 100µH
️· Operating Temperature: -40°C to +85°C
️· Non-RoHS Versions Available
Electrical Specifications (at 25ºC)
| Part No. | Inductance (µH) | DCR (Ω) Max. | Rated Current (A) Max. | I sat (A) Max. |
|---|---|---|---|---|
| DR339-1-471 | 0.47 +40%/-20% | 0.010 | 6.0 | 7.7 |
| DR339-1-102 | 1.0 +40%/-20% | 0.018 | 2.4 | 2.5 |
| DR339-1-152 | 1.5 +40%/-20% | 0.020 | 2.2 | 2.3 |
| DR339-1-222 | 2.2 20% | 0.037 | 2.9 | 3.1 |
| DR339-1-332 | 3.3 20% | 0.043 | 2.7 | 2.8 |
| DR339-1-472 | 4.7 20% | 0.055 | 2.0 | 2.3 |
| DR339-1-682 | 6.8 20% | 0.090 | 1.6 | 2.0 |
| DR339-1-103 | 10.0 20% | 0.111 | 1.4 | 1.7 |
| DR339-1-153 | 15.0 20% | 0.175 | 1.1 | 1.3 |
| DR339-1-223 | 22.0 20% | 0.255 | 0.9 | 1.0 |
| DR339-1-333 | 33.0 20% | 0.367 | 0.75 | 0.82 |
| DR339-1-473 | 47.0 20% | 0.474 | 0.65 | 0.72 |
| DR339-1-683 | 68.0 20% | 0.750 | 0.55 | 0.60 |
| DR339-1-104 | 100.0 20% | 1.110 | 0.45 | 0.50 |
Notes
️· Dimensions are shown in inches/millimeters
️· Tolerance: ±0.008 inches / ±0.2 millimeters
️· *I*sat: Inductance is 70% of initial value
️· *I*rms: Based on 40°C temperature rise
️· Tape & reel quantity: 1000 pcs/reel
️· Inductance tested at -.25 Vrms @ 100kHz
️· Non-RoHS versions finished with leaded solder Sn60Pb40
SELF-LEADED SMD INDUCTOR DR339-1 SERIES
Features
️· Low Profile Surface Mount Design
️· Inductance Range from 0.47µH to 100µH
️· Operating Temperature: -40°C to +85°C
️· Non-RoHS Versions Available
Electrical Specifications (at 25ºC)
| Part No. | Inductance (µH) | DCR (Ω) Max. | Rated Current (A) Max. | I sat (A) Max. |
|---|---|---|---|---|
| DR339-1-471 | 0.47 +40%/-20% | 0.010 | 6.0 | 7.7 |
| DR339-1-102 | 1.0 +40%/-20% | 0.018 | 2.4 | 2.5 |
| DR339-1-152 | 1.5 +40%/-20% | 0.020 | 2.2 | 2.3 |
| DR339-1-222 | 2.2 20% | 0.037 | 2.9 | 3.1 |
| DR339-1-332 | 3.3 20% | 0.043 | 2.7 | 2.8 |
| DR339-1-472 | 4.7 20% | 0.055 | 2.0 | 2.3 |
| DR339-1-682 | 6.8 20% | 0.090 | 1.6 | 2.0 |
| DR339-1-103 | 10.0 20% | 0.111 | 1.4 | 1.7 |
| DR339-1-153 | 15.0 20% | 0.175 | 1.1 | 1.3 |
| DR339-1-223 | 22.0 20% | 0.255 | 0.9 | 1.0 |
| DR339-1-333 | 33.0 20% | 0.367 | 0.75 | 0.82 |
| DR339-1-473 | 47.0 20% | 0.474 | 0.65 | 0.72 |
| DR339-1-683 | 68.0 20% | 0.750 | 0.55 | 0.60 |
| DR339-1-104 | 100.0 20% | 1.110 | 0.45 | 0.50 |
| Part No. | DR339-1_14 |
| Manufacturer | DATATRONICS |
| Size | 76 Kbytes |
| Pages | 1 page |
| Description | SELF-LEADED SMD INDUCTOR DR339-1 SERIES |