Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR337-1 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR337-1_14 Datasheet

  • # Example questions: ➢ How does the dcr (dc resistance) value change as the inductance value increases?
    ➢ What is the quantity of pieces per reel for tape and reel packaging?
    ➢ What is the operating temperature range for these smd inductors?

  • Part No.DR337-1_14
    ManufacturerDATATRONICS
    Size104 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR337-1 SERIES
    Datasheet Summary with AI

    SMD INDUCTOR DR337-1 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Flat Top for Pick and Place
    ️· Inductance Range: 10µH to 560µH
    ️· Operating Temperature: -20°C to +80°C
    ️· Available with Tinned Leads and Leaded Solder (Note 10)

    Electrical Specifications

    ️· Inductance values: 10µH to 560µH in increments (See Table)
    ️· Typical testing conditions: 2.52 MHz (except where noted) with 0.1V
    ️· DC Resistance (DCR) values provided for each inductance
    ️· Maximum Rated Current values provided for each inductance

    Mechanical Outline

    ️· Dimensions are in millimeters and inches.

    ️· General tolerance: ±0.25mm

    Notes

    ️· RoHS compliant terminal finish
    ️· Non-RoHS parts available with leaded solder (Sn60Pb40 or equivalent)
    ️· Tape and reel quantity: 750 pcs/reel
    ️· Solder according to J-STD-002 Rev. D

    SMD INDUCTOR DR337-1 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Flat Top for Pick and Place
    ️· Inductance Range: 10µH to 560µH
    ️· Operating Temperature: -20°C to +80°C
    ️· Available with Tinned Leads and Leaded Solder (Note 10)

    Electrical Specifications

    ️· Inductance values: 10µH to 560µH in increments (See Table)
    ️· Typical testing conditions: 2.52 MHz (except where noted) with 0.1V
    ️· DC Resistance (DCR) values provided for each inductance
    ️· Maximum Rated Current values provided for each inductance

    Mechanical Outline

    ️· Dimensions are in millimeters and inches.
    ️· General tolerance: ±0.25mm

    Notes

    ️· RoHS compliant terminal finish
    ️· Non-RoHS parts available with leaded solder (Sn60Pb40 or equivalent)
    ️· Tape and reel quantity: 750 pcs/reel
    ️· Solder according to J-STD-002 Rev. D

    Part No.DR337-1_14
    ManufacturerDATATRONICS
    Size104 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR337-1 SERIES