Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR335 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR335_14 Datasheet

  • # Example questions: ➢ What is the quantity of pieces per reel for tape and reel packaging of these inductors?
    ➢ How does the dcr value change as the inductance value increases, based on the provided electrical specifications?
    ➢ What is the operating temperature range for the dr335 series inductors?

  • Part No.DR335_14
    ManufacturerDATATRONICS
    Size97 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR335 SERIES
    Datasheet Summary with AI

    SMD INDUCTOR DR335 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Inductance Range: 1.8 µH to 1000µH
    ️· Operating Temperature: -20°C to +80°C
    ️· Available with Tinned Leads and Leaded Solder (Note 6)

    Electrical Specifications (at 1kHz/7.96MHz)

    Part No. Inductance (µH) DCR (Ω) Max. Rated Current (A) Max.
    DR335-182 1.8 0.035 3.50
    DR335-272 2.7 0.041 3.30
    DR335-472 4.7 0.048 3.00
    DR335-682 6.8 0.050 2.70
    DR335-822 8.2 0.055 2.50
    DR335-103 10 0.06 2.30
    DR335-123 12 0.07 2.00
    DR335-153 15 0.08 1.80
    DR335-183 18 0.10 1.61
    DR335-223 22 0.11 1.50
    DR335-273 27 0.13 1.30
    DR335-333 33 0.14 1.20
    DR335-393 39 0.16 1.10
    DR335-473 47 0.20 1.10
    DR335-563 56 0.24 0.94
    DR335-683 68 0.28 0.85
    DR335-823 82 0.37 0.78
    DR335-104 100 0.44 0.72
    DR335-124 120 0.47 0.66
    DR335-154 150 0.64 0.58
    DR335-184 180 0.71 0.51
    DR335-224 220 0.96 0.49
    DR335-274 270 1.11 0.42
    DR335-334 330 1.26 0.40
    DR335-394 390 1.77 0.36
    DR335-474 470 1.96 0.34
    DR335-684 680 2.20 0.25
    DR335-105 1000 3.96 0.23

    Mechanical Dimensions

    ️· All dimensions in millimeters (mm).
    ️· General tolerance: ±0.25mm.
    ️· Tape and reel quantity: 1000 pcs/reel.

    Notes

    ️· Terminal finish compliant with RoHS requirements.
    ️· Non-RoHS parts available with leaded solder (Sn60Pb40).

    SMD INDUCTOR DR335 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Inductance Range: 1.8 µH to 1000µH
    ️· Operating Temperature: -20°C to +80°C
    ️· Available with Tinned Leads and Leaded Solder (Note 6)

    Electrical Specifications (at 1kHz/7.96MHz)

    Part No. Inductance (µH) DCR (Ω) Max. Rated Current (A) Max.
    DR335-182 1.8 0.035 3.50
    DR335-272 2.7 0.041 3.30
    DR335-472 4.7 0.048 3.00
    DR335-682 6.8 0.050 2.70
    DR335-822 8.2 0.055 2.50
    DR335-103 10 0.06 2.30
    DR335-123 12 0.07 2.00
    DR335-153 15 0.08 1.80
    DR335-183 18 0.10 1.61
    DR335-223 22 0.11 1.50
    DR335-273 27 0.13 1.30
    DR335-333 33 0.14 1.20
    DR335-393 39 0.16 1.10
    DR335-473 47 0.20 1.10
    DR335-563 56 0.24 0.94
    DR335-683 68 0.28 0.85
    DR335-823 82 0.37 0.78
    DR335-104 100 0.44 0.72
    DR335-124 120 0.47 0.66
    DR335-154 150 0.64 0.58
    DR335-184 180 0.71 0.51
    DR335-224 220 0.96 0.49
    DR335-274 270 1.11 0.42
    DR335-334 330 1.26 0.40
    DR335-394 390 1.77 0.36
    DR335-474 470 1.96 0.34
    DR335-684 680 2.20 0.25
    DR335-105 1000 3.96 0.23

    Mechanical Dimensions

    ️· All dimensions in millimeters (mm).
    ️· General tolerance: ±0.25mm.
    ️· Tape and reel quantity: 1000 pcs/reel.

    Notes

    ️· Terminal finish compliant with RoHS requirements.
    ️· Non-RoHS parts available with leaded solder (Sn60Pb40).

    Part No.DR335_14
    ManufacturerDATATRONICS
    Size97 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR335 SERIES